Part Number Hot Search : 
TR3000 P410003 2SK122 CPC1317 IS42S 15A02 40031AIL 2SA106
Product Description
Full Text Search
 

To Download IXGA12N60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
HiPerFASTTM IGBT
IXGA 12N60B IXGP 12N60B
VCES IC25 VCE(sat) tfi(typ)
= 600 V = 24 A = 2.1 V = 120 ns
Preliminary data sheet
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM SSOA (RBSOA) PC TJ TJM Tstg Md
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, TVJ = 125C, RG = 33 Clamped inductive load, L = 300 H TC = 25C
Maximum Ratings 600 600 20 30 24 12 48 ICM = 24 @ 0.8 VCES 100 -55 ... +150 150 -55 ... +150 V V V V A A A A
TO-220 AB (IXGP)
C (TAB)
G E
TO-263 AA (IXGA)
G
W C C C G = Gate, E = Emitter,
E
C (TAB)
C = Collector, TAB = Collector
Mounting torque with screw M3 Mounting torque with screw M3.5
0.45/4 Nm/lb.in. 0.55/5 Nm/lb.in. 300 C Features
l
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Weight
4
g
l l
l
Moderate frequency IGBT and antiparallel FRED in one package New generation HDMOSTM process International standard package JEDEC TO-220AB and TO-263AA High peak current handling capability
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5.0 100 1 100 2.1 V V A mA nA V
Applications
l l l l
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 A, VGE = 0 V = 250 A, VGE = VGE
V CE = 0.8 VCES V GE = 0 V VCE = 0 V, VGE = 20 V IC = ICE90, VGE = 15 V
PFC circuit AC motor speed control DC servo and robot drives Switch-mode and resonant-mode power supplies
(c) 2002 IXYS All rights reserved
98909 (2/02)
IXGA 12N60B IXGP 12N60B
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 5 11 860 VCE = 25 V, VGE = 0 V, f = 1 MHz 100 15 32 IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 300 H VCE = 0.8 VCES, RG = Roff = 18 Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 300 H VCE = 0.8 VCES, RG = Roff = 18 Remarks: Switching times may increase for VCE (Clamp) > 0.8 VCES, higher TJ or increased RG 10 10 20 20 150 120 0.5 20 20 0.15 200 200 0.8 250 270 0.8 S pF pF pF nC nC nC
Dim. Pins: 2 - Collector 4 - Collector Millimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79 1 - Gate 3 - Emitter Bottom Side
TO-220 AB Outline
gfs Cies Coes Cres Qg Qge Qgc td(on) tri td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
IC = IC90; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 %
ns ns ns ns mJ ns ns mJ ns ns mJ 1.25 K/W
A B C D E F G H J K M N Q R
Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110
TO-263 AA Outline
0.25
K/W
Min. Recommended Footprint (Dimensions in inches and mm)
1. 2. 3. 4. Gate Collector Emitter Collector Botton Side Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXGA12N60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X