Part Number Hot Search : 
9010D A223M 9010D 73K00 BV55BE GTL432 SDR75020 OLB2300
Product Description
Full Text Search
 

To Download IXGA10N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Preliminary data
Low VCE(sat) IGBT High speed IGBT
VCES IXGA/IXGP/IXGH10N60 600 V IXGA/IXGP/IXGH10N60A 600 V
IC25 20 A 20 A
VCE(sat) 2.5 V 3.0 V
TO-220AB(IXGP)
Symbol VCES VCGR VGES VGEM I C25 I C90 I CM SSOA (RBSOA) PC TJ TJM Tstg
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 M Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms VGE = 15 V, T VJ = 125C, RG = 150 Clamped inductive load, L = 300 H TC = 25C
Maximum Ratings 600 600 20 30 20 10 40 ICM = 20 @ 0.8 VCES 100 -55 ... +150 150 -55 ... +150 300 V V V V A A A A W C C C C Features l International standard packages JEDEC TO-263 AA surface mountable and JEDEC TO-247 AD l 2nd generation HDMOSTM process Low VCE(sat) - for low on-state conduction losses l High current handling capability l MOS Gate turn-on - drive simplicity Applications l AC motor speed control l DC servo and robot drives l DC choppers l Uninterruptible power supplies (UPS) l Switch-mode and resonant-mode power supplies Advantages Space savings, TO-263 AA l Facilitates automated assembly l Reduces assembly time and cost l Easy to mount with 1 screw, TO-247 (isolated mounting screw hole) l High power density
l
GC E
TO-263 AA (IXGA)
G E
C (TAB)
TO-247 AD (IXGH)
G
C (TAB) C E C = Collector, TAB = Collector
G = Gate, E = Emitter,
Maximum Lead and Tab temperature for soldering 1.6 mm (0.062 in.) from case for 10 s Md Weight Mounting torque, TO-247 AD TO-263 AA TO-247 AD
1.13/10 Nm/lb.in. 2 6 g g
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5 200 1 100 10N60 10N60A 2.5 3.0 V V A mA nA V V
BVCES VGE(th) ICES I GES VCE(sat)
IC IC
= 250 A, VGE = 0 V = 250 A, VCE = VGE
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
(c) 1996 IXYS All rights reserved
91510G (9/96 )
IXGA/ IXGP/ IXGA/ IXGP/
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 4 8 S
IXGH10N60 IXGH10N60A
TO-220 AB Outline
gfs Cies Coes Cres Qg Qge Qgc td(on) tri Eon td(off) tfi Eoff td(on) tri Eon td(off) tfi Eoff RthJC RthCK
I C = IC90; VCE = 10 V, Pulse test, t 300 s, duty cycle 2 %
750 VCE = 25 V, VGE = 0 V, f = 1 MHz 100 30 50 IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 100 H VCE = 0.8 VCES, RG = Roff = 150 Remarks: Switching times may increase for VCE 10N60A (Clamp) > 0.8 * VCES , higher TJ or increased RG 10N60A Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 100 H VCE = 0.8 VCES , RG = Roff = 150 15 25 100 200 0.4 600 300 0.6 100 200 1 900 570 360 2.0 1.2 1500 2000 600 70 25 45
pF pF pF nC nC nC ns ns mJ ns ns mJ ns ns mJ ns ns ns mJ mJ 1.25 K/W
1. 2. 3. 4. Gate Collector Emitter Collector Bottom Side
Dim. A B C D E F G H J K M N Q R
Millimeter Min. Max. 12.70 14.93 14.23 16.50 9.66 3.54 5.85 2.29 1.15 2.79 0.64 2.54 4.32 0.64 0.51 2.04 10.66 4.08 6.85 2.79 1.77 6.35 0.89 BSC 4.82 1.39 0.76 2.49
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.139 0.230 0.090 0.045 0.110 0.025 0.100 0.170 0.025 0.020 0.080 0.420 0.161 0.270 0.110 0.070 0.250 0.035 BSC 0.190 0.055 0.030 0.115
TO-263 AA Outline
10N60 Remarks: Switching times 10N60A may increase for V CE (Clamp) > 0.8 * V CES, higher 10N60 10N60A TJ or increased RG
0.25
K/W
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R
IXGA/P/IXGH 10N60 / 10N60A characteristic curves are located in the IXGH 10N60U1 and IXGH 10N60AU1 data sheet.
TO-247 AD Outline
Dim. A A1 A2 b b1 b2 C D E e L L1 P Q R S Millimeter Min. Max. 4.7 5.3 2.2 2.54 2.2 2.6 1.0 1.4 1.65 2.13 2.87 3.12 .4 .8 20.80 21.46 15.75 16.26 5.20 5.72 19.81 20.32 4.50 3.55 3.65 5.89 6.40 4.32 5.49 6.15 BSC Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252 .170 .216 242 BSC
Millimeter Min. Max. 4.06 4.83 2.03 2.79 0.51 0.99 1.14 1.40 0.46 0.74 1.14 1.40 8.64 9.65 7.11 8.13 9.65 10.29 6.86 8.13 2.54 BSC 14.61 15.88 2.29 2.79 1.02 1.40 1.27 1.78 0 0.38 0.46 0.74
Inches Min. Max. .160 .190 .080 .110 .020 .039 .045 .055 .018 .029 .045 .055 .340 .380 .280 .320 .380 .405 .270 .320 .100 BSC .575 .625 .090 .110 .040 .055 .050 .070 0 .015 .018 .029
P
Min. Recommended Footprint
e
(Dimensions in inches and (mm))
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025


▲Up To Search▲   

 
Price & Availability of IXGA10N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X