Part Number Hot Search : 
D471K 29LV00 20KHA20 BUL44F MDT2020 2010B D101KB 2SK286
Product Description
Full Text Search
 

To Download IW4060B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IW4060B
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
High-Voltage Silicon-Gate CMOS
The IW4060B consists of an oscillator section and 14 ripple-carry binary counter stages. The oscillator configuration allows design of either RC or crystal oscillator circuits. A RESET input is provided which resets the counter to the all-Q's state and disables the oscillator. A high level on the RESET line accomplishes the reset function. All counter stages are master-slave flip-flops. The state of the counter is advanced one step in binary order on the negative transition of OSC In (and OSC Out). Schmitt trigger action on the input-pulse line permits unlimited input-pulse rise and fall times. * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full package-temperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply
ORDERING INFORMATION IW4060BN Plastic IW4060BD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
Inputs Osc In Reset L L X H Outputs Q No change Advance to next state All Outputs are low
w
w
w
.d
ee sh ta a
u. t4
om c
PIN 16=VCC PIN 8= GND
X = don't care
1
www..com
IW4060B
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN PD PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IW4060B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT= 0.5 V or VCC - 0.5V VOUT= 1.0 V or VCC - 1.0 V VOUT= 1.5 V VCC - 1.5V VOUT= 0.5 V or VCC - 0.5V VOUT= 1.0 V or VCC - 1.0 V VOUT= 1.5 V VCC - 1.5V VIN=GND or VCC V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 5 10 20 100 0.64 1.6 4.2 -2 -0.64 -1.6 -4.2 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 5 10 20 100 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 150 300 600 3000 0.36 0.9 2.4 mA -1.15 -0.36 -0.9 -2.4 Unit V
VIL
V
VOH
V
VOL
VIN=GND or VCC
V
IIN ICC
VIN= GND or VCC VIN= GND or VCC
A A
IOL
VIN= GND or VCC UOL=0.4 V UOL=0.5 V UOL=1.5 V
mA
IOH
Minimum Output VIN= GND or VCC High (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V
3
IW4060B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200k, Input tr=tf=20 ns)
VCC Symbol fmax Parameter Maximum Clock Frequency (50% Duty Cycle) (Figure 1) Maximum Propagation Delay, Clock to Q4 (Figure 1) Maximum Propagation Delay, Qn to Qn+1 (Figure 2) Maximum Propagation Delay, Reset to Any Q (Figure 3) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 3.5 8 12 740 300 200 200 100 80 360 160 100 200 100 80 Guaranteed Limit -55C 25C 3.5 8 12 740 300 200 200 100 80 360 160 100 200 100 80 7.5 125C 1.75 4 6 1480 600 400 400 200 160 720 320 200 400 200 160 Unit MHz
tPHL, tPLH
ns
tPHL, tPLH
ns
tPHL
ns
tTHL, tTLH
ns
CIN
pF
TIMING REQUIREMENTS (CL=50pF, RL=200 k, Input tr=tf=20 ns)
VCC Symbol tw Parameter Minimum Pulse Width, Clock (Figure 1) V 5.0 10 15 5.0 10 15 5.0 10 15 100 40 30 120 60 40 Guaranteed Limit -55C 25C 100 40 30 120 60 40 Unlimited 125C 200 80 60 240 120 80 Unit ns
tw
Minimum Pulse Width, Reset (Figure 3)
ns
tf, tr
Maximum Input Rise and Fall Times (Figure 1)
ns
4
IW4060B
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
EXPANDED LOGIC DIAGRAM
* R = HIGH DOMINATES (RESETS ALL STAGES) ** COUNTER ADVANCES ONE BINARY COUNT ON EACH NEGATIVE - GOING TRANSITION OF CLOCK (AND OSC OUT)
5
IW4060B
N SUFFIX PLASTIC (MS - 001BB)
A 16 9 B 1 8
Dimensions, mm Symbol A B MIN 18.67 6.10 0.36 1.14 2.54 7.62 0 2.92 7.62 0.20 0.38 10 3.81 8.26 0.36 MAX 19.69 7.11 5.33 0.56 1.78
F
L
C D F
C -T- SEATING
PLANE
N G D 0.25 (0.010) M T K M H J
G H J K L M N
NOTES: 1. imensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC)
A 16 9
Dimensions, mm Symbol. MIN 9.80 3.80 1.35 0.33 0.40 1.27 5.72 0 0.10 0.19 5.80 0.25 8 0.25 0.25 6.20 0.50 MAX 10.0 4.00 1.75 0.51 1.27
B P
H
A B C
C R x 45
1
G
8
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
NOTES: 1.Dimensions A and B do not include mold flash or protrusion. 2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A, for B - 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of IW4060B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X