Part Number Hot Search : 
AX7042T T520C MAX2078 6652L 204H11A LTC31 800000 1C101MDD
Product Description
Full Text Search
 

To Download IW4042B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IW4042B
Quad Clocked D Latch
High-Voltage Silicon-Gate CMOS
IW4042B types contain four latch circuits, each strobed by a common clock. Complementary buffered outputs are available from each circuit. The impedance of the n- and p-channel output devices is balanced and all outputs are electrically identical. Information present at the data input is transferred to outputs Q and Q during the CLOCK level which is programmed by the POLARITY input. For POLARITY = 0 the transfer occurs during the 0 CLOCK level and for POLARITY = 1 the transfer occurs during the 1 CLOCK level. The outputs follow the data input providing the CLOCK and POLARITY levels defined above are present. When a CLOCK transition occurs (positive for POLARITY = 0 and negative for POLARTY = 1) the information present at the input during the CLOCK transition is retained at the outputs until an opposite CLOCK transition occurs. The IW4042B types are supplied in 16-lead hermetic dual-in-line ceramic packages (D and F suffixes); 16-lead dual-in-line plastic package (E suffix), and in chip form (H suffix). * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply
ORDERING INFORMATION IW4042BN Plastic IW4042BD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs Clock Polarity 0 0 1 1 Outputs Q D Latch D Latch
w
w
w
.d
ee sh ta a
u. t4
om c
0 1 1 0
PIN 16 =VCC PIN 8 = GND
1
www..com
LOGIC DIAGRAM
IW4042B
MAXIMUM RATINGS*
Symbol VCC VI VOUT II PD Ptot Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260
Unit V V V mA mW mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IW4042B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
V Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT=0.5 V or VCC - 0.5 V VOUT=1.0 V or VCC - 1.0 V VOUT=1.5 V or VCC - 1.5 V VOUT=0.5 V or VCC - 0.5 V VOUT=1.0 V or VCC - 1.0 V VOUT=1.5 V or VCC - 1.5 V VIN=GND or VCC V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 1 2 4 20 0.64 1.6 4.2 -2.0 -0.64 -1.6 -4.2 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 1 2 4 20 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 30 60 120 600 0.36 0.9 2.4 mA -1.15 -0.36 -0.9 -2.4 Unit V
VIL
V
VOH
V
VOL
VIN=GND or VCC
V
IIN I
VIN= GND or VCC VIN= GND or VCC
A A
IOL
VIN= GND or VCC VOL=0.4 V VOL=0.5 V VOL=1.5 V
mA
IOH
Minimum Output VIN= GND or VCC High (Source) Current VOH=2.5 V VOH=4.6 V VOH=9.5 V VOH=13.5 V
3
IW4042B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200 k, Input tr=tf=20 ns)
VCC Symbol tPLH, tPHL Parameter Maximum Propagation Delay, Clock to Q (Figure 1) Maximum Propagation Delay, Clock to Q (Figure 1) Maximum Propagation Delay, Data to Q (Figure 2) Maximum Propagation Delay, Data to Q (Figure 2) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 450 200 160 500 230 180 220 110 80 300 150 100 200 100 80 Guaranteed Limit -55C 25C 450 200 160 500 230 180 220 110 80 300 150 100 200 100 80 7.5 125C 900 400 320 1000 460 360 440 220 160 600 300 200 400 200 160 Unit ns
tPLH, tPHL
ns
tPLH, tPHL
ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN
pF
TIMING REQUIREMENTS (CL=50pF, RL=200 k, Input tr=tf=20 ns)
VCC Symbol tw Parameter Minimum Pulse Width, Clock (Figure 1) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 200 100 60 50 30 25 120 60 50 Guaranteed Limit -55C 25C 200 100 60 50 30 25 120 60 50 Not rise or fall time sensitive 125C 400 200 120 100 60 50 240 120 100 Unit ns
tsu
Minimum Setup Time, Data to Clock (Figure 1) Minimum Hold Time, Clock to Data (Figure 1) Maximum Input Rise or Fall Time, Clock (Figure 1)
ns
th
ns
tr, tf
s
4
IW4042B
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
5
IW4042B
N SUFFIX PLASTIC (MS - 001BB)
A 16 9 B 1 8
Dimensions, mm Symbol A B MIN 18.67 6.10 0.36 1.14 2.54 7.62 0 2.92 7.62 0.20 0.38 10 3.81 8.26 0.36 MAX 19.69 7.11 5.33 0.56 1.78
F
L
C D F G H J K L M N
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
M H
J
NOTES: 1. imensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC)
A 16 9
Dimensions, mm Symbol. MIN 9.80 3.80 1.35 0.33 0.40 1.27 5.72 0 0.10 0.19 5.80 0.25 8 0.25 0.25 6.20 0.50 MAX 10.0 4.00 1.75 0.51 1.27
B P
H
A B C
C R x 45
1
G
8
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
NOTES: 1.Dimensions A and B do not include mold flash or protrusion. 2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A, for B - 0.25 mm (0.010) per side.
6


▲Up To Search▲   

 
Price & Availability of IW4042B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X