Part Number Hot Search : 
08775 2SC1213 ADL55 SS432G XR16L651 NJU7748 SMAJ5305 XGH24N60
Product Description
Full Text Search
 

To Download IRF630M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
IRF630M IRF630MFP
N-CHANNEL 200V - 0.35 - 9A TO-220/TO-220FP MESH OVERLAYTM MOSFET
TYPE IRF630M IRF630FPM
s s s s
VDSS 200 V 200 V
RDS(on) < 0.40 < 0.40
ID 9A 9A
TYPICAL RDS(on) = 0.35 EXTREMELY HIGH dv/dt CAPABILITY VERY LOW INTRINSIC CAPACITANCES GATE CHARGE MINIMIZED TO-220
3 1 2
1 2
3
TO-220FP
DESCRIPTION This power MOSFET is designed using the company's consolidated strip layout-based MESH OVERLAYTM process. This technology matches and INTERNAL SCHEMATIC DIAGRAM improves the performances compared with standard parts from various sources. Isolated TO-220 option simplifies assembly and cuts risk of accidental short circuit in crowded monitor PCB's. .com .APPLICATIONS s MONITOR DISPLAYS s GENERAL PURPOSE SWITCH
DataSh
ee
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID ID IDM (q) PTOT dv/dt (1) VISO Tstg Tj Parameter IRF630M Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuos) at TC = 25C Drain Current (continuos) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Peak Diode Recovery voltage slope Insulation Winthstand Voltage (DC) Storage Temperature Max. Operating Junction Temperature 9 5.7 36 75 0.6 5 --65 to 150 150
(1)ISD 9A, di/dt 300A/s, V DD V(BR)DSS, Tj TJMAX. (**) Limited only by Maximum Temperature Allowed
Value IRF630MFP 200 200 20 9 (**) 5.7 (**) 36 30 0.24 5 2500
Unit V V V A A A W W/C V/ns V C C
(*)Pulse width limited by safe operating area
October 2001
1/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
THERMAL DATA
TO-220 Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 1.67 62.5 300 TO-220FP 4.17 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V Min. 200 1 50 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 4.5 A Min. 2 Typ. 3 0.35 Max. 4 0.40 Unit V
t4U.com
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
.com Test Conditions
VDS > ID(on) x RDS(on)max, ID = 4.5 A VDS = 25V, f = 1 MHz, VGS = 0
Min. 3
Typ. 4 540 90 35
Max.
Unit S
DataSh
ee
700 120 50
pF pF pF
2/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 100 V, ID = 4.5 A RG = 4.7 VGS = 10 V (see test circuit, Figure 3) VDD = 160V, ID = 9 A, VGS = 10V Min. Typ. 10 15 31 7.5 9 Max. 14 20 45 Unit ns ns nC nC nC
SWITCHING OFF
Symbol tr(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 160V, ID = 9 A, RG = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 12 12 25 Max. 17 17 35 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 9 A, VGS = 0 ISD = 9 A, di/dt = 100A/s V.com DD = 50 V, T j = 150C (see test circuit, Figure 5) 170 0.95 11 Test Conditions Min. Typ. Max. 9 36 1.5 Unit A A V ns C A
t4U.com
DataSh
ee
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area for TO-220
Safe Operating Area for TO-220FP
3/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
Thermal Impedence for TO-220 Thermal Impedence for TO-220FP
Output Characteristics
Transfer Characteristics
t4U.com
.com
DataSh
ee
Transconductance
Static Drain-source On Resistance
4/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
Gate Charge vs Gate-source Voltage Capacitance Variations
Normalized Gate Threshold Voltage vs Temp.
Normalized On Resistance vs Temperature
t4U.com
.com
DataSh
ee
Source-drain Diode Forward Characteristics
5/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
t4U.com
.com
DataSh
ee
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
t4U.com
.com
DataSh
D E
ee
A C
D1
L2
F1
G1
Dia. L5 L7 L6 L4
P011C
L9
F2
F
G
H2
7/9
.com
.com DataSheet 4 U .com
www..com
IRF630M / FP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
t4U.com
O
.com
DataSh
ee
A
B
L3 L6 L7
F1
D
F
G1
E H F2
123 L2 L4
8/9
.com
.com DataSheet 4 U .com
G
www..com
IRF630M / FP
t4U.com
.com
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
9/9
.com
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of IRF630M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X