Part Number Hot Search : 
KCQ30A04 CD451 S21MD10T 3DD102B TSCDA12L 178M05 KCQ30A04 S0500
Product Description
Full Text Search
 

To Download IRF6100PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96012B
IRF6100PBF
HEXFET(R) Power MOSFET
l l l l l l l
Ultra Low RDS(on) per Footprint Area Low Thermal Resistance P-Channel MOSFET One-third Footprint of SOT-23 Super Low Profile (<.8mm) Available Tested on Tape & Reel Lead-Free
VDSS
-20V
RDS(on) max
0.065@VGS = -4.5V 0.095@VGS = -2.5V
ID
-5.1A -4.1A
Description
True chip-scale packaging is available from International Rectifier. Through the use of advanced processing techniques, and a unique packaging concept, extremely low on-resistance and the highest power densities in the industry have been made available for battery and load management applications. These benefits, combined with the ruggedized device design , that International Rectifier is well known for, provides the designer with an ex-
D
G S
FlipFET ISOMETRIC
tremely efficient and reliable device.
www..com
The FlipFETTM package, is one-third the footprint of a comparable SOT-23 package and has a profile of less than .8mm. Combined with the low thermal resistance of the die level device, this makes the FlipFETTM the best device for application where printed circuit board space is at a premium and in extremely thin application environments such as battery packs, cell phones and PCMCIA cards.
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ 4.5V Continuous Drain Current, VGS @ 4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
-20 5.1 3.5 35 2.2 1.4 17 12 -55 to + 150
Units
V A W mW/C V C
Thermal Resistance
Symbol
RJA RJ-PCB
Parameter
Junction-to-Ambient Junction-to-PCB mounted
Typ.
35
Max.
56.5 ---
Units
C/W
www.irf.com
05/17/06
1
IRF6100PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. -20 --- --- -0.45 9.8 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. Max. Units Conditions --- --- V VGS = 0V, ID = -250A -0.010 --- V/C Reference to 25C, ID = -1mA --- 0.065 VGS = -4.5V, ID = -5.1A --- 0.095 VGS = -2.5V, ID = -4.1A --- -1.2 V VDS = VGS, ID = -250A --- --- S VDS = -10V, ID = -5.1A --- -1.0 VDS = -20V, VGS = 0V A --- -25 VDS = -16V, VGS = 0V, TJ = 125C --- 100 VGS = 12V nA --- -100 VGS = -12V 14 21 ID = -5.1A 1.9 2.9 nC VDS = -16V 5.0 7.5 VGS = -5.0V 12 --- VDD = -10V 12 --- ID = -1.0A ns 50 --- RG = 5.8 50 --- VGS = -4.5V 1230 --- VGS = 0V 250 --- pF VDS = -15V 180 --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Min. Typ. Max. Units --- --- --- --- 48 34 -2.2 A -33 -1.2 72 51 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = -2.2A, VGS = 0V TJ = 25C, IF = -2.2A di/dt = 100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
When mounted on 1 inch square 2oz copper on FR-4.
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRF6100PBF
100
VGS -7.00V -5.00V -4.50V -2.50V -1.80V -1.50V -1.20V BOTTOM -1.00V TOP
100
-I D , Drain-to-Source Current (A)
10
-I D , Drain-to-Source Current (A)
10
VGS -7.00V -5.00V -4.50V -2.50V -1.80V -1.50V -1.20V BOTTOM -1.00V TOP
1
-1.00V
0.1
1
-1.00V
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
TJ = 25 C
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = -5.1A
-I D , Drain-to-Source Current (A)
1.5
TJ = 150 C
10
1.0
0.5
1 1.0
V DS = -15V 20s PULSE WIDTH 1.5 2.0 2.5 3.0
0.0 -60 -40 -20
VGS = -4.5V
0 20 40 60 80 100 120 140 160
-VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF6100PBF
2000
1600
-VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = -5.1A VDS =-16V
8
C, Capacitance (pF)
Ciss
1200
6
800
4
400
Coss Crss
1 10 100
2
0
0
0
4
8
12
16
20
24
-VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
TJ = 150 C
-ID , Drain Current (A) I
100 10us 10 100us 1ms 1 10ms
1
TJ = 25 C
0.1 0.0
V GS = 0 V
0.4 0.8 1.2 1.6 2.0 2.4
0.1 0.1
TA = 25 C TJ = 150 C Single Pulse
1 10 100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF6100PBF
6.0
V DS
5.0
RD
VGS RG VGS
Pulse Width 1 s Duty Factor 0.1 %
-ID , Drain Current (A)
D.U.T.
+
4.0
3.0
2.0
Fig 10a. Switching Time Test Circuit
1.0
td(on) tr t d(off) tf
0.0
VGS
25
50
TC , Case Temperature ( C)
75
100
125
150
10%
Fig 9. Maximum Drain Current Vs. Case Temperature
90% VDS
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 PDM t1 t2
10
0.1 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
-
VDD
5
IRF6100PBF
RDS(on) , Drain-to -Source On Resistance ()
0.07
RDS (on) , Drain-to-Source On Resistance ()
0.08
0.16
0.12
0.06
0.05
ID = -5.1A
0.04
0.08 VGS = -2.5V VGS = -4.5V 0.04 0 10 20 30 40 -I D , Drain Current (A)
0.03 1.0 2.0 3.0 4.0 5.0 6.0 7.0
-V GS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
50K
QG QGS VG QGD
12V
.2F .3F
VGS
-3mA
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
+
D.U.T.
-
VDS
IRF6100PBF
1.1
20
-VGS(th) Gate threshold Voltage (V)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 -75 -50 -25 0 25 50 75 100 125 150
16
Power Dissipation (W)
ID = -250A
12
8
4
0 0.001 0.010 0.100 1.000 10.000
T J , Temperature ( C )
Pulsewidth (sec)
Fig 15. Threshold Voltage Vs. Temperature
Fig 16. Maximum Power Dissipation Vs. Time
FlipFET Part Marking Information
www.irf.com
7
IRF6100PBF
FlipFET Outline Dimension and Tape and Reel
(Refer to application note AN-1011 for details about board mounting the 0.8mm ball pitch Flip FET)
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td
Ab#d 8 !Y 7 $!# b%d 6
!$$Ab d !$Ab' d
8
# #Y # b %d
"
Ab#d 8 !Y
76GGA6TTDBIH@IUT A2ATPVS8@ !A2A9S6DI "A2A9S6DI #A2AB6U@ G@69AS@@ATPG9@S 76GGA8PHQPTDUDPI &'!Ab" d &!!Ab!'d ($(EAT AA"'EA6t AA&EA8
$!# b%d
!
$"&Ab! d $&Ab ((d
' b"!d !Y
!Ab'd 8
'Ab"!d Tpr 7hyyA 9hv 7hyyA! 'Ab"!d
76GGAA GP86UDPI
A "A
Bhr 7hyyA#
9hv 7hyyA"
'
#YAAA!$Ab d
'
S@8PHH@I9@9AAPPUQSDIU
IPU@T)
#
A@@9A9DS@8UDPI
AAU6Q@A6I9AS@@GAPVUGDI@A8PIAPSHTAUPA@D6#' AEA@D6$#
Tape and Reel
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.05/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF6100PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X