Part Number Hot Search : 
KA22261 TIONA 2N4200 LM2903I ABACT00 32DW5 ABACT00 2SB1071A
Product Description
Full Text Search
 

To Download HIRF730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200406 Issued Date : 2004.10.01 Revised Date : 2005.04.22 Page No. : 1/4
HIRF730 / HIRF730F
N-CHANNEL POWER MOSFET
HIRF730 Series Pin Assignment
Tab 3-Lead Plastic TO-220AB Package Code: E Pin 1: Gate Pin 2 & Tab: Drain Pin 3: Source
Description
Third Generation HEXFETs from international Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low www..com on-resistance and cost-effectiveness.
2
3
1
Features
* Dynamic dv/dt Rating * Repetitive Avalanche Rated * Fast Switching * Ease of Paralleling * Simple Drive Requirements
1
3-Lead Plastic TO-220FP Package Code: F Pin 1: Gate Pin 2: Drain Pin 3: Source 3
2
Thermal Characteristics
Symbol RJC RJA Parameter Thermal Resistance Junction to Case Max. Thermal Resistance Junction to Ambient Max. Value TO-220AB TO-220FP 62 1.71 3.3 Units C/W C/W
HIRF730 Series Symbol D G S
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS Drain-Source Voltage Drain to Current (Continuous) Drain to Current (Pulsed) (*1) Gate-to-Source Voltage (Continue) Total Power Dissipation TO-220AB TO-220FP Derate above 25C TO-220AB TO-220FP Single Pulse Avalanche Energy (*2) Avalanche Current (*1) Repetitive Avalanche Energy (*1) Peak Diode Recovery (*3) Operating Temperature Range Storage Temperature Range Maximum Lead Temperature for Soldering Purposes, 1/8" from case for 10 seconds Parameter Value 400 5.5 22 20 74 38 0.58 0.3 290 5.5 7.4 4 -55 to 150 -55 to 150 300 Units V A A V W
PD
W/C mJ A mJ V/ns C C C
EAS IAR EAR dv/dt Tj Tstg TL
*1: Repetitive rating; pulse width limited by max. junction temperature *2: VDD=50V, starting Tj=25C, L=16mH, RG=25, IAS=5.5A *3: ISD5.5A, di/dt90A/us, VDDV(BR)DSS, TJ150C HIRF730, HIRF730F HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
ELectrical Characteristics (Tj=25C, unless otherwise specified)
Symbol V(BR)DSS IDSS IGSSF
GSSR www..com
Spec. No. : MOS200406 Issued Date : 2004.10.01 Revised Date : 2005.04.22 Page No. : 2/4
Characteristic Drain-Source Breakdown Voltage (VGS=0V, ID=250uA) Drain-Source Leakage Current (VDS=400V, VGS=0V) Drain-Source Leakage Current (VDS=320V, VGS=0V, Tj=125C) Gate-Source Leakage Current-Forward (Vgsf=20V, VDS=0V) Gate-Source Leakage Current-Reverse (Vgsr=-20V, VDS=0V) Gate Threshold Voltage (VDS=VGS, ID=250uA) Static Drain-Source On-Resistance (VGS=10V, ID=3.3A)(*4) Forward Transconductance (VDS=50V, ID=3.3A)(*4) Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (VDS=320V, ID=3.5A, VGS=10V) (*4) (VDD=200V, ID=3.5A, RG=12, RD=57)(*4) VDS=25V, VGS=0V, f=1MHz
Min. 400 2 2.9 -
Typ. 700 170 64 10 15 38 14 4.5 7.5
Max. 1 50 100 -100 4 1 38 5.7 22 -
Unit V uA uA nA nA V S pF
I
VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd LD LS
ns
nC
Internal Drain Inductance (Measured from the drain lead 0.25" from package to center of die) Internal Source Inductance (Measured from the drain lead 0.25" from package to source bond pad)
nH nH
*4: Pulse Test: Pulse Width300us, Duty Cycle2%
Source-Drain Diode
Symbol Qrr ton trr VSD Reverse Recovery Charge Forward Turn-On Time Reverse Recovery Time Diode Forward Voltage IS=5.5A, VGS=0V, Tj=25C (*4) IF=3.5A, di/dt=100A/us, Tj=25C (*4) Characteristic Min. Typ. 1.8 ** 270 Max. Units 2.2 530 1.6 ns V uC
**: Negligible, Dominated by circuit inductance
HIRF730, HIRF730F
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C F
Pb Free Mark
Pb-Free: " . " (Note) Normal: None H
Spec. No. : MOS200406 Issued Date : 2004.10.01 Revised Date : 2005.04.22 Page No. : 3/4
I RF
730 Date Code Control Code
www..com
I G Tab P L
H M 3 2 1 O J N K
Note: Green label is used for pb-free packing Pin Style: 1.Gate 2 & Tab.Drain 3.Source Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I J K L M N O P
Min. 5.58 8.38 4.40 1.15 0.35 2.03 9.66 3.00 0.75 2.54 1.14 12.70 14.48
Max. 7.49 8.90 4.70 1.39 0.60 2.92 10.28 *16.25 *3.83 4.00 0.95 3.42 1.40 *2.54 14.27 15.87
*: Typical, Unit: mm
3-Lead TO-220AB Plastic Package HSMC Package Code: E
TO-220FP Dimension
Marking:
A
1
D
4
EO C
Pb Free Mark
Pb-Free: " . " (Note) Normal: None H
I RF
730F Date Code Control Code
2
3
5
I N 3
G
J
Note: Green label is used for pb-free packing Pin Style: 1.Gate 2.Drain 3.Source Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
F
2 K 1 M L
DIM Min. A 6.48 C 4.40 D 2.34 E 0.45 F 9.80 G 3.10 I 2.70 J 0.60 K 2.34 L 12.48 M 15.67 N 0.90 O 2.00 1/2/4/5 3
Max. 7.40 4.90 3.00 0.80 10.36 3.60 3.43 1.00 2.74 13.60 16.20 1.47 2.96 *5o *27o
*: Typical, Unit: mm
3-Lead TO-220FP Plastic Package HSMC Package Code: F
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931 HIRF730, HIRF730F HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP
www..com
Spec. No. : MOS200406 Issued Date : 2004.10.01 Revised Date : 2005.04.22 Page No. : 4/4
Critical Zone TL to TP Ramp-up
TL Tsmax Temperature tL
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HIRF730, HIRF730F
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HIRF730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X