Part Number Hot Search : 
TA78005 EC821 RD11U C1050 FS5AS NCP1205P 2SC5021 N7615B
Product Description
Full Text Search
 

To Download HH-0828-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HH-0828-1.5
The 0828 filters are excellent for suppressing noise from switching power supplies and other devices where a considerable amount of common mode and differential mode electrical noise is present
Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp Operating Frequency = 50 / 60 HZ Temperature Range = -10 TO 50 DEG. C Diel. Withstnd (L -Case) = 1500 V~ For 1 Min. Diel. Withstnd (L -L) = 1500 VDC For 1 Min. Leakage Current = 1.2 ma At 250 V~, 60 HZ Discharge Volts After 1 Sec = 34 V Max. Agency Approvals = UL, CSA, VDE
USA EUR
JMK Inc 15 Caldwell Dr. Amherst, NH 03031 JMK Inc Glasgow G13 1DN Scotland UK
PH: 603 886-4100 FX: 603 886-4115 email: info@jmkfilters.com PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884


▲Up To Search▲   

 
Price & Availability of HH-0828-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X