Part Number Hot Search : 
00M16 1ZC47A MM1538XQ MT2063 KTS101B A3290 LN251CAL 01M16
Product Description
Full Text Search
 

To Download GS8550XU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS8550XU
New Product
Vishay Semiconductors
formerly General Semiconductor
Small Signal Transistor (PNP)
TO-226AA (TO-92)
0.181 (4.6) min. 0.492 (12.5) 0.181 (4.6) 0.142 (3.6)
Features
* PNP Silicon Epitaxial Planar Transistors for amplifier
applications. Especially suitable for low power output stages such as portable radios in class-B push-pull operation. * Complementary to GS8050xU * The "x" in the part number can be B, C or D, depending on the current gain.
Mechanical Data
Case: TO-92 Plastic Package Weight: approx. 0.18g Packaging Codes/Options: E6/Bulk - 5K per container, 20K per box E7/4K per Ammo mag., 20K per box
max. 0.022 (0.55) 0.098 (2.5)
Bottom View
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation at Tamb = 25C Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
Ratings at 25C ambient temperature unless otherwise specified
Symbol VCBO VCEO VEBO IC Ptot RJA Tj TS
Value -40 -25 -6 -800 625 200
(1) (1)
Unit V V V mA mW C/W C C
150 -55 to +150
Note: (1) Valid provided that leads are kept at ambient temperature at a distance of 2mm from case
www..com
Document Number 88194 10-May-02
www.vishay.com 1
GS8550XU
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter DC Current Gain Current Gain Group B C D hFE VCE = -1V, IC = -800mA Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter ON Voltage Output Capacitance Gain-Bandwidth Product V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO VCE(sat) VBE(sat) VBE(on) COB T IC = -2mA, IB = 0 IC = -100A, IE = 0 IE = -100A, IC = 0 VCB = -35V, IE = 0 VEB = -6V, IC = 0 IC = -800mA, IB = -80mA IC = -800mA, IB = -80mA VCE = -1V, IC = -10mA VCB = -10V, IE = 0 = 1 MHz VCE = -10V, IC = -50mA Symbol Test Condition VCE = -1V, IC = -5mA VCE = -1V, IC = -100mA Min 45 85 120 160 -- -25 -40 -6 -- -- -- -- -- -- -- Typ 135 -- -- -- 30 -- -- -- -- -- -0.51 -1.25 -0.66 15 100 Max -- 160 200 300 -- -- -- -- -100 -100 -- -- -1.0 -- -- V V V nA nA V V V pF MHz -- Unit
www..com
www.vishay.com 2
Document Number 88194 10-May-02


▲Up To Search▲   

 
Price & Availability of GS8550XU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X