Part Number Hot Search : 
HFB03 ST62T00C 42700 SK70720 16086 PT10MV10 100AX TSOP1237
Product Description
Full Text Search
 

To Download GH100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLAT TYPE METAL CLAD WIRE-WOUND Resistors
GH Series (GH )
FEATURESFEATURES
gHigh power rating, and ultra precision. gStandard winding & non-inductive winding or high resistance value types. gHigh stability, strong construction and anti-surge to 20KV. CHARACTERISTICS ITEM SPEC.
-55+250 5% 5% 0.5% 250ppm >1,000M
REMARKS
Stocks Temperature Range Load life under high temperature www..com under high humidity Load life Short time overload Temperaturecoefficient of resistance Insulation resistance
Resistance Tolerance: 5%10% Rated voltage at Room temp.for 1,000 hours 1,000 400C,95% RH for 1,000 hours 400C,95% RH 1,000 6.25 times the rated power for 5 seconds 6.25 5 measured at room temperature and room temperature+100 500 volt Insulation test
SURFACE TEMPERATURE RAISE VS.LOADED POWER
RATING,DIMENSIONS
,
Type
Rated Power 100W 150W 200W 250W 300W 400W 500W
GH 100 GH 150 GH 200 GH 250 GH 300 GH 400 GH 500
Maximum Dielectric Working Withstanding Voltage Voltage Standard Type Non-inductiveType 11.0K 2500 1,500V PR 2600 11.2K 1,500V PR 11.4K 2700 1,500V PR
Resistance Range ()
Dimension (mm)
L11 L20.3 W10.3 W20.3
11.6K 11.8K 12.0K 12.5K
2800 2900 21K 21.2K
PR PR PR PR
1,500V 1,500V 1,500V 1,500V
90 120 150 180 210 270 330
70 100 130 160 190 250 310
80 80 80 80 80 80 80
70 70 70 70 70 70 70
37


▲Up To Search▲   

 
Price & Availability of GH100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X