Part Number Hot Search : 
MIC2561 HV732DB1 120000 2050CT SCS215AM ZTX109 SC160C CO600D57
Product Description
Full Text Search
 

To Download GC1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOC
Tuning Varactors
30 VOLT ABRUPT JUNCTION VARACTOR DIODES
DESCRIPTION
The GC1500 series varactors are silicon abrupt junction devices. They offer the highest Q and lowest series resistance available in a 30 Volt silicon varactor.
RATINGS
Minimum Voltage Breakdown: 30 V at 10A Maximum Leakage Current at: 25 V and 25C 0.02 A 25 V and 125C 2.00 A Capacitance-Temp. Coefficient: 300 ppm/C at VR=-4V Operating Temperature: Storage Temperature: -55C to +150C -65C to +200C
APPLICATIONS
The GC1500 series varactors are used for narrow to moderate band width tuning. They are available in values appropriate for VHF through KU band frequencies. These devices are best used in low phase noise voltage controlled oscillators, low loss voltage variable filters and phase shifters. Standard capacitance tolerance is 10% Other capacitance values and custom mechanical configurations are also available. All specifications shown are based on style 30 package and include .18 pF case capacitance. Consult package outline section of this catalog for other case styles available. Complete electrical and mechanical data is also provided.
Typical Junction Capacitance vs Reverse Bias
SEMICONDUCTOR OPERATION
75 T echnology Drive Lowell, MA 01851 T el: 978-442-5600 Fax: 978-937-3748
15
TOC
Tuning Varactors
30 VOLT ABRUPT JUNCTION VARACTOR DIODES
ELECTRICAL SPECIFICATIONS: TA = 25C
MODEL NUMBER1 GC1500A4 GC1500B GC1500 GC1501 GC1502 GC1503 GC1504 GC1505 GC1506 GC1507 GC1508 GC1509 GC1510 GC1511 GC1512 GC1513
NOTES:
1. When ordering, specify the desired case style by adding its number as a suffix to the model number . Some limitations apply - consult factory for details. . 2. These values include a package capacitance of .18 P. 3. Q is calculated from: Q= 1 2fR5C
j
TOTAL CAPACITANCE2 (AT-4V, 1 MHz) Ct-4 (pF) 0.4 0.6 0.8 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0
QUALITY FACTOR3 (AT-4V, 50 MHz) Q-4 (MIN) 5000 4000 3900 3800 3800 3600 3500 3500 3300 3100 2700 2600 2600 2400 2200 2200
CAPACITANCE RATIO2 CT0/CT30 (MIN) 4.2 3.0 3.3 3.4 3.4 3.5 3.5 3.7 3.7 3.8 3.9 3.9 4.0 4.0 4.0 4.2
where f=50 MHz and
RI = Series resistance measured a 1 GHz using transmission loss techniques. Capacitance is measured at 1 MHz. 4. GC1500A only available in Die Form.
SEMICONDUCTOR OPERATION
75 T echnology Drive Lowell, MA 01851 T el: 978-442-5600 Fax: 978-937-3748
16


▲Up To Search▲   

 
Price & Availability of GC1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X