Part Number Hot Search : 
MX7847BQ 1N5926 STS126 1N4409B SUM90UF 4762A DTA114TE S2186
Product Description
Full Text Search
 

To Download ER1001F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ER1000F THRU ER1004F
ISOLATION SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 400 Volts CURRENT - 10.0 Amperes
FEATURES l Plastic package has Underwriters Laboratory ITO-220AC
Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound l l l l l l Exceeds environmental standards of MIL-S-19500/228 Low power loss, high efficiency Low forward voltage, high current capability High surge capacity Super fast recovery times, high voltage Epitaxial chip construction
MECHANICAL DATA Case: ITO-220AC full molded plastic package Terminals: Leads, solderable per MIL-STD-202, Method 208 Polarity: As marked Mounting Position: Any Weight: 0.08 ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, Resistive or inductive load. For capacitive load, derate current by 20%.
ER1000F ER1001F ER1001AF ER1002F ER1003F ER1004F UNITS V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=100
Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load(JEDEC method)
50 35 50
100 70 100
150 105 150 10.0 150 0.95 10 500 62 35
200 140 200
300 210 300
400 320 400
Maximum Forward Voltage at 10.0A per element Maximum DC Reverse Current at Rated Ta=25
DC Blocking Voltage per element Ta=125 Typical Junction capacitance (Note 1) Maximum Reverse Recovery Time(Note 2) Typical Thermal Resistance(Note 3) R JC Operating and Storage Temperature Range TJ
1.30
V A
PF
50 3.0 -55 to +150
ns
/W
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
3. Thermal resistance junction to CASE RATING AND CHARACTERISTIC CURVES ER1000F THRU ER1004F
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 4-MAXIMUM NON-REPETITIVE SURGE CURRENT
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 5-TYPICAL JUNCTION CAPACITANCE


▲Up To Search▲   

 
Price & Availability of ER1001F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X