Part Number Hot Search : 
AP4511GM E2023NL 18F6625 C1602G VSC7967 HERS104G TOR034 XC9221
Product Description
Full Text Search
 

To Download DS005AKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS005AKA
Single-Panel Liquid Crystal Optical Engine for Rear Projectors For the availability of this product, please contact the sales office.
Description The DS005AKA is a single-panel liquid crystal optical engine for use in rear projectors, and is capable of full-color displays without color filters (CF). The DS005AKA employs a square pixel arrangement optimal for data projector applications, and allows clear graphic and character displays. Up/down and/or right/left inversion functions accommodate various mounting methods. Short projection distances are made possible through the adoption of an ultra-wide angle lens. In addition, a projection lens floating mechanism delivers 40" to 50" projected images with minimal image distortion. A high intensity discharge (HID) lamp ensures high luminance and low power consumption. Features * Number of active dots: 1,456,000 * Horizontal resolution: 600 TV lines * Supports SVGA (804 x 3 x 604)/PC98 (804 x 3 x 500) mode display NTSC/NTSC-WIDE/PAL/PAL-WIDE modes also available through conversion of scanned dot numbers by an external IC * Up/down and/or right/left inverse display function * Full-color display with CF-less projection system * High luminance: normally-white 200 ANSIlm (typ.) * Ultra-wide angle lens for short projection distances (592.8mm/39.8") * Image distortion correction floating mechanism to support 40" to 50" * Relative luminance: 70% or more * Uses HID lamp (100W) "PC98" is a trademark of NEC Corporation. Engine Configuration * HID lamp * Lamp driver (DC 300V input) * High-efficiency illumination system employing an integrator * Separate RGB illumination systems using dichroic mirrors (DM) * LCD panel mounting mechanism, adjustable along XY axes * LCD panel (LCX021BM) Dots: 2412 (H) x 604 (V) = 1,456,848 dots * Wide fixed focal length lens for enlarged projection of LCD Applications Liquid crystal rear projection TV/monitor
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E99262A97-PS
DS005AKA
Description of Basic Operation * Apply DC 300V to the lamp driver. * Light emitted by the lamp is focused by an elliptical reflector and is converted to an approximately collimated ray by a relay lens. * After that the light passes through the polarizer conversion system elements and an optical integrator. * Light output from the optical integrator passes through a Fresnel lens to become a collimated ray, which is color-separated by a group of dichroic mirrors. * The color-separated rays illuminate the LCX021BM evenly, and are focused on the respective RGB dots by microlenses mounted on the LCX021BM and distributed. * After transmitting the panel, the light is enlarged and projected onto a screen by a projection lens. For details of the LCD panel operation, see the LCX021BM specifications.
Block Diagram
Projection Lens LCD with burried Microlens Array (LCX021BM)
Fresnel Lens
Dichroic Mirrors
Mirror Relay Lens
Polarization Conversion System Integrator
UV/IR
Lamp
Positive (DC 300V) Common Start control input (SCI) GND Signal output
Connector 1
Connector 2 Lamp Driver
-2-
DS005AKA
Pin Description and Operating Conditions Absolute Maximum Ratings ( measured by thermocouples) Optical engine unit (excluding lamp driver) * Operating temperature Topr 0 to +40 C * Panel and incident side polarizer temperature 55C or less (T = 15C or less at an ambient temperature of 40C) * PBS top (no contact with metal portions) 70C or less (T = 30C or less at an ambient temperature of 40C) * Storage temperature Tstg -20 to +60 C Lamp driver unit * Operating temperature Topr -5 to +65 C (under forced air cooling) * Storage temperature Tstg -40 to +85 C Lamp Driver Unit
Connector 2 1 2 3 To lamp Connector 1 1 3 +5V SCI GND (Flag output) 4.7k Signal output
Pin Description Connector 1 DC power supply input 1 2 3 Connector type Positive (DC 300V) -- Common JST (J.S.T. Mfg. Co., Ltd.) B 2P3-VH-B Connector 2 SCI (start control input) and signal output Start control input (SCI) GND Signal output (flag output) JST (J.S.T. Mfg. Co., Ltd.) B 3B-PH-K
Operating Conditions Min. Input voltage Power consumption Circuit loss Lamp output Lamp startup peak voltage Start control input (SCI) Input voltage Lamp extinguish Lamp light Signal output (flag output) Output voltage Lamp extinguish Lamp light 220 105 -- 95 -- Typ. 300 110 10 100 -- Max. 390 120 15 105 25 Unit V W W W kV Remarks
-- 3.5
-- 5.0
1.0 7.0
V V
Input current < 1.0mA Input current < 5.0mA
-- 3.5
-- --
1.0 --
V V
For details of the LCD panel operating conditions and pin description, see the LCX021BM specifications. -3-
DS005AKA
Electro-optical Characteristics Item Contrast ratio Luminous intensity R 25C 25C x y x G Chromaticity B y x y x W Color shading W y u'v' Symbol CR25 L Rx Ry Gx Gy Bx By Wx Wy u'v'w 4 3 Measurement method 1 2 Min. 130 150 0.570 0.300 0.265 0.620 0.125 0.030 0.240 0.300 -- Typ. 180 200 0.600 0.340 0.305 0.660 0.155 0.060 0.280 0.340 0.015 Max. -- -- 0.640 0.380 0.345 0.700 0.185 0.090 0.320 0.380 0.025
(Ta = 25C) Unit -- ANSIlm
CIE standards
Basic Measurement Conditions (1) LCD driving voltage HVDD = 15.5V, VVDD = 15.5V, VVC = 7.0V, Vcom = 6.6V (2) Lamp output 100W (3) Cooling conditions Forced air cooling by DC fans (4) Measurement temperature 25C unless otherwise specified. (5) Measurement point One point in the center of the screen unless otherwise specified. (6) Measurement system The measurement system is as shown below. (7) Video input signal voltage Vsig Vsig = 7.0 VAC [V] (VAC = signal amplitude)
LCD driver circuit
Projected size 40"
Measurement System I
-4-
DS005AKA
1. Contrast ratio Contrast ratio (CR) is given by the following formula. L (White): Surface illuminance of the screen at the input signal amplitude VAC = 0.5V. L (Black): Surface illuminance of the screen at VAC = 4.5V. Both luminances are measured by Measurement System I. CR = L (White)/L (Black)
2. Luminous intensity In Measurement System I, the average of the illuminance at the nine points specified in the ANSI standards when the input signal amplitude VAC is 0.5V, multiplied by the projection area, is computed. L = average illuminance at nine ANSI points (lm/m2) x projection area (m2)
H/3 H/3 H/3
Nine ANSI points: centers of each of the areas obtained by dividing the effective display area into nine smaller areas
V
H
3. Chromaticity Raster modes of each color are defined by the representations at the input signal amplitude conditions shown in the table below. Measurement System I uses chromaticity of x and y of the CIE standards here. Signal amplitude (VAC) applied to each input R input Display raster R G B 0.5 4.5 4.5 G input 4.5 0.5 4.5 B input 4.5 4.5 0.5 (Unit: V)
4. Color shading In Measurement System I, the maximum values of CIE color differences at the three points in the middle row of the nine ANSI points, measured at an input signal amplitude VAC of 0.5V, are used to compute the color shading. u'v' = (u'1 - u'2)2 + (v'1 - v2)2
For other electro-optical characteristics, see the LCX021BM specifications. -5-
V/3
V/3
V/3
DS005AKA
Optical Characteristics The optical performance is specified for the following projection conditions. Projection Conditions Item 1 2 3 4 5 6 7 8 Panel Panel shift Dot pitch Maximum image height Overscan Effective panel size Effective projection size Projection magnification Setting value 1.60'' (32.4mm x 24.3mm) None 13.5m x 40.5m 20.25mm -2.0% 1.60'' (32.4mm x 24.3mm) 40" to 50" (screen size) 24.631 times/40" (including distortion)
Projection Lens Specifications (design) Item 1 2 3 4 5 6 7 8 9 10 11 F number Half angle of view Back focus Projection distance Conjugate length Panel side pupil position Panel side pupil diameter Screen side pupil position Screen side pupil diameter Focal length Distortion aberration 1.0H TV distortion 12 Up/down Right/left Design value 1.79 at 39.2" projection at 49" projection 38.1 25.778mm 592.8mm 820mm -1050mm 623.0mm -138.7mm 14.4mm 25.772mm -0.89% -0.97% -0.11% -0.05% -0.43% -0.18% 90% 75/70% 50/65% 50/45% 45/35% 50% -6- 38.1 25.519mm 752.3mm 933mm -1150mm 623.0mm -138.5mm 14.4mm 25.841mm -0.93% -1.16% -0.20% -0.11% -0.51% -0.26% 90% 75/65% 50/60% 45/30% 45/30% 50% (contracting side) (from panel) (at ) Remarks
in air
(from front of projection lens bulb) between panel and screen (from panel)
Up/down Right/left Center up/down Center right/left 0H to 0.5H to 0.7H to 0.86H to 1.0H 1.0H
(contracting side)
MTF (12.5lp/mm) 13
Sagittal/Tangent.
14
Relative luminance
DS005AKA
1. TV distortion TV distortion is defined by the diagrams and formulas below.
A y
D
x
x
C
Right/left distortion = (4x)/(A + B) Up/down distortion = (4y)/(C + D)
y B A A' B' B
x y
A' B' C' D': Points at the four corners of the quadrangle where center pin is most apparent, and where the right/left 4x and 4y positions of A'D' and B'C' are symmetrical. A'B' + C'D' Where, A'B' AB/2, C'D' CD/2, A'D' AD/2 and B'C' BC/2
C B
D A A'
D'
C'
x
B'
4x and 4y A'D' + B'C'
D' D y C' C
The same measurement method and standard values are used for center barrel.
2. Floating mechanism The floating mechanism corrects image distortion between 40" and 50". At time of shipment, it is optimized for a diagonal of 40" (including 2.0% underscan), but the floating mechanism should be adjusted if the projection size is different and image distortion becomes prominent. Recommended values for different projection sizes are given below, but adjustments should be made such that image distortion is minimized. Recommended floating mechanism settings Projection size (diagonal) [inch] 40 41 42 43 44 45 46 47 48 49 50 Recommended floating mechanism setting -1.5 -1 -0.5 0 0.4 0.75 1.1 1.55 1.95 2.25 2.5 -7-
DS005AKA
3. Panel position adjustment range Adjustment of the LCD panel registration is possible in the horizontal (h) and vertical (v) directions. The adjustment ranges are as follows. Horizontal adjustment (h): 0.5mm Vertical adjustment (v): 1.0mm Angular adjustment () is included in the vertical adjustment.
Service Parts The following is a list of service parts. Part number 1 2 3 4 5 DS-B001 DS-B002 DS-B003 DS-B004 DS-B005 Name Lamp unit Lamp driver Polarizer unit Projection lens Integrator unit Polarization conversion element + integrator Polarizer + polarizer holder Configuration Lamp + lamp housing Remarks
-8-
DS005AKA
Notes on Handling (1) Cooling 1) This optical engine is provided with fans to cool the panel and lamp unit. However, the set should be designed for enough ventilation and convection to ensure sufficient cooling. 2) The lamp should under no circumstances be lit while the cooling fans are not operating. The cooling fans are provided with sensor output pins to detect operation, and the lamp driver is provided with start control input pins. The set should be designed so that if the cooling fans are not operating, the lamp driver does not operate. 3) When using a dust filter with the ventilation orifices, reduced ventilation due to filter clogging can cause rises in temperature, possibly damaging the LCD or other components. The temperature of the optical engine should be controlled, and filters should be changed as appropriate. (2) Lamp unit 1) In order to prevent burns and other accidents, do not directly touch the lamp housing while the lamp is lit or immediately after it has been extinguished. 2) Because of the extremely high focusing power of the ellipsoid reflector, if it is not installed in the specified position, damage to the engine or other problems may arise. Ensure that, if the lamp housing is not mounted in the specified position when changing the lamp, the lamp power supply will not operate. 3) Always use the included lamp driver to light the lamp. If the lamp is turned on and off repeatedly in short cycles, the lamp lifetime will be shortened. 4) The lamp is designed to be lit in a horizontal position. Ensure that the optical axis of the ellipsoid reflector is within 20 of horizontal. 5) The lamp emits ultraviolet rays while lit and immediately after being extinguished. Be sure not to look directly at the lamp. (3) Protection from dust and dirt Image quality is significantly degraded by dust on the LCD panel and the polarizer. Employ a set construction such that after dust is removed by a filter (mesh size 50m or less) during air cooling, air is blown into the optical engine. 1) Employ a dust resistant set construction, and operate in a clean environment. 2) Do not touch the surface of the projection lens and polarizer. The surfaces are easily scratched. When cleaning, use a clean-room wiper with isopropyl alcohol. Be careful not to leave stains on the surface. 3) Use ionized air to blow off dust adhered to the optical engine. (4) Static charge prevention 1) Use non-chargeable gloves, or simply use bare hands. 2) Do not touch any electrodes. 3) Wear non-chargeable clothes and conductive shoes. 4) Keep optical engines away from any charged materials. 5) Use ionized air or some other means to discharge.
-9-
DS005AKA
(5) Other handling precautions 1) The DM angles of this optical engine are adjusted to their optimal values, and should not be changed. 2) Do not remove or take apart the engine cover, projection lens, projection lens mount, relay lens, integrator support, or lamp housing. 3) Light emitted from the lamp and from the projection lens may harm the eyes. Do not look directly into the light from the lamp or lens. 4) Do not drop the optical engine. 5) Do not twist or bend the optical engine. 6) Keep the optical engine away from heat sources. 7) Do not dampen an optical engine with water or other solvents. 8) Avoid storing or using the optical engine at high temperature or high humidity, as this may result in optical engine damages.
- 10 -
Package Outline (lamp ballast unit)
Unit: mm
5.0 0.2
101.8
118 0.2
31.1
22.2
4-4.0 +0.2 0
- 11 -
3.3 (CB2,CB3) 5.0 0.2 5.2 (CB1) 150 0.2 5.0 0.2
5.0 0.2
280 5
4.0 max.
1.6 0.14 +2 25 0
DS005AKA
Package Outline (optical engine unit)
Unit: mm
145.2 0.6 136.9 0.6
5-2.6 0.1 ,Depth 13.0
3-4.4 4.0 +0.1 0 5 6
56.9 0.5
(306.6)
9.5 9.5
(11)
59 106
118 0.2 87
(59)
20
161.4
5
91 0.5
.6
0.6
127
124
0.6
51.7
20.2
0
.4
DS005AKA
0
.5
60.3
0.6
- 12 -
4
+0.1 0
x 5
7 65 0.2 (53.9) (129.2) (169.6) (178.3) 40 8.5 73 5 22 (24.5) 33.5 28 70 110 0.2 115 (149.5)
42.1
55.3
48
(83.5) (93.8) (115.9)
(66.3)
TOLERANCE L < 16 = < 16 .2
63 0.1 0.2 0.3
8
67


▲Up To Search▲   

 
Price & Availability of DS005AKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X