Part Number Hot Search : 
12500 SE40PB 5KE36 27J50KE EPT7074G ISL6569 SB110 HHM1521
Product Description
Full Text Search
 

To Download DE1B3KX101KA5B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMC, FILTERS & SUPPRESSION
MURATA type DE- KX, KH & KY
CAPACITORS, Ceramic
A range of radial lead Y1 and Y2 class capacitors, with extensive approvals, designed for mains interference suppression. Meets IEC384-14 2nd edition and suitable for X1, across the line, applications. Coated with flame retardant epoxy resin. An option of loose or taped and boxed product is provided throughout.
DISC CERAMIC
N N N N N
Mains rated Y1/ X1 & Y2/ X1 class Meet IEC384-14 2nd ed. Flame retardant coating to UL94V-0 Option of loose or taped & boxed Body colour Blue
Specification
Meets IEC384-14 2nd edition Voltage rating............................................ 250Vac Capacitance tolerance .............................. B 10% E, F 20% Temperature coefficient ............................ B 10% over -25C to +85C E +20%, -55% over -25C to +85C F +30%, -80% over -25C to +85C Test voltage .............................................. KX 4000Vac KH 2600Vac KY 2000Vac (5mm pitch) 2600Vac (7.5mm pitch) Operating temperature range .................. -25C to +85C
Packaging TAPED & BOXED Fig. 4
6.35 12.7
1.5 18.0 9.0 18.0
5.0
3.85 12.7 4.0 0.5 max.
Dimensions (mm) LOOSE
Fig. 5
7.5 15.0
Fig. 1
Dia. 8.0 max. Dia. max.
Fig. 2
7.0 max. 18.0 1.5 18.0 9.0
max. www..com
7.5 4.0 max. 25 min. 3.0 max. 15.0
3.75 4.0 0.5 max.
25 min.
o0.6
o0.6
Fig 6.
7.5 30.0
10.0
7.5 1.5 18.0
Fig. 3
Dia. max. 5.0 max.
9.0 18.0
3.75 15.0 4.0
7.5
0.5 max.
3.0 max. 25 min.
Fig. 7
7.5 25.4
o0.6
1.5 18.0 9.0
5.0 (7.5 value 0.01F)
18.0
7.7 12.7 4.0
10.0
0.5 max.
346
01945 47 47 47
www.anglia.com info@anglia.com
01945 47 48 49
CAPACITORS, Ceramic
Y1/ X1Class MURATA type DE- KX
EMC, FILTERS & SUPPRESSION
Value (pF) 100 150 220 330 470 680 1000 1500 2200 3300 3900 4700
(F) 0.0001 0.00015 0.00022 0.00033 0.00047 0.00068 0.001 0.0015 0.0022 0.0033 0.0039 0.0047
Dielectric B B B B B B E E E E E E
Tolerance 10% 10% 10% 10% 10% 10% 20% 20% 20% 20% 20% 20%
Dimensions (mm) Dia. max. Pitch 9 10 9 10 9 10 9 10 9 10 10 10 8 10 9 10 10 10 12 10 13 10 15 10
Fig. 1 1 1 1 1 1 1 1 1 1 1 1
Manf. Part No. & Order Code Loose DE1B3KX101KA5B DE1B3KX151KA5B DE1B3KX221KA5B DE1B3KX331KA5B DE1B3KX471KA5B DE1B3KX681KA5B DE1E3KX102MA5BA01 DE1E3KX152MA5BA01 DE1E3KX222MA5BA01 DE1E3KX332MA5BA01 DE1E3KX392MA5BA01 DE1E3KX472MA5BA01
Fig. 1+7 1+7 1+7 1+7 1+7 1+7 1+7 1+7 1+7 1+7 1+7 1+7
Manf. Part No. & Order Code Taped DE1B3KX101KN5A DE1B3KX151KN5A DE1B3KX221KN5A DE1B3KX331KN5A DE1B3KX471KN5A DE1B3KX681KN5A DE1E3KX102MN5AA01 DE1E3KX152MN5AA01 DE1E3KX222MN5AA01 DE1E3KX332MN5AA01 DE1E3KX392MN5AA01 DE1E3KX472MN5AA01
Y2/ X1Class
MURATA type DE- KH
Manf. Part No. & Order Code Loose DE2B3KH101KA3B DE2B3KH151KA3B DE2B3KH221KA3B DE2B3KH331KA3B DE2B3KH471KA3B DE2B3KH681KA3B DE2E3KH102MA3B DE2E3KH152MA3B DE2E3KH222MA3B DE2E3KH332MA3B DE2E3KH472MA3B DE2F3KH103MA3B
S AA
Value (pF) 100 150 220 330 470 680 1000 1500 2200 3300 4700 10000
(F) 0.0001 0.00015 0.00022 0.00033 0.00047 0.00068 0.001 0.0015 0.0022 0.0033 0.0047 0.01
Dielectric B B B B B B E E E E E F
Tolerance 10% 10% 10% 10% 10% 10% 20% 20% 20% 20% 20% 20%
Dimensions (mm) Dia. max. Pitch 8 7.5 8 7.5 8 7.5 8 7.5 8 7.5 9 7.5 8 7.5 9 7.5 10 7.5 12 7.5 13 7.5 16 7.5
Fig. 2 2 2 2 2 2 2 2 2 2 2 2
Fig. 2+5 2+5 2+5 2+5 2+5 2+5 2+5 2+5 2+5 2+5 2+5 2+6
Manf. Part No. & Order Code Taped DE2B3KH101KN3A DE2B3KH151KN3A DE2B3KH221KN3A DE2B3KH331KN3A DE2B3KH471KN3A DE2B3KH681KN3A DE2E3KH102MN3A DE2E3KH152MN3A DE2E3KH222MN3A DE2E3KH332MN3A DE2E3KH472MN3A DE2F3KH103MN7A
Y2/ X1Class
MURATA type DE- KY
Manf. Part No. & Order Code Loose DE2B3KY101KA2BM01 DE2B3KY151KA2BM01 DE2B3KY221KA2BM01 DE2B3KY331KA2BM01 DE2B3KY471KA2BM01 DE2B3KY681KA2BM01 DE2E3KY102MA2BM01 DE2E3KY152MA2BM01 DE2E3KY222MA2BM01 DE2E3KY332MA2BM01 DE2E3KY472MA2BM01 DE2F3KY103MA3B
S AA
www..com Value
(pF) 100 150 220 330 470 680 1000 1500 2200 3300 4700 10000 (F) 0.0001 0.00015 0.00022 0.00033 0.00047 0.00068 0.001 0.0015 0.0022 0.0033 0.0047 0.01 Dielectric B B B B B B E E E E E F Tolerance 10% 10% 10% 10% 10% 10% 20% 20% 20% 20% 20% 20%
Dimensions (mm) Dia. max. Pitch 8 5 8 5 8 5 8 5 8 5 8 5 8 5 8 5 9 5 10 5 11 5 14 7.5
Fig. 3 3 3 3 3 3 3 3 3 3 3 3
Fig. 3+4 3+4 3+4 3+4 3+4 3+4 3+4 3+4 3+4 3+4 3+4 3+6
Manf. Part No. & Order Code Taped DE2B3KY101KN2AM01 DE2B3KY151KN2AM01 DE2B3KY221KN2AM01 DE2B3KY331KN2AM01 DE2B3KY471KN2AM01 DE2B3KY681KN2AM01 DE2E3KY102MN2AM01 DE2E3KY152MN2AM01 DE2E3KY222MN2AM01 DE2E3KY332MN2AM01 DE2E3KY472MN2AM01 DE2F3KY103MN7A
For the very latest information and news on the full range of Murata products available from Anglia, visit our website :
www.anglia.com/murata
Alternatively, contact our Sales Desk to discuss your specific requirements.
JNC Disc Ceramic Suppression Capacitors shown overleaf > > > >
01945 47 47 47
www.anglia.com info@anglia.com
01945 47 48 49
347
EMC, FILTERS & SUPPRESSION
JYA-NAY type JY
CAPACITORS, Ceramic
JNC
A range of radial lead Y2 class capacitors, with extensive approvals, designed for mains interference suppression. Meets EN132400 (IEC384-14 2nd edition), the unified European safety standard. Rated 400Vac and suitable for X1, across the line, applications. Coated with flame retardant epoxy resin.
DISC CERAMIC
N N N N N
Mains rated Y2/X1 class Meets the unified European safety standard EN132400 400Vac rating Flame retardant coating to UL94V-0 Body colour Blue
Specification
Meets EN132400 (IEC384-14 2nd edition) Voltage rating ............................................ 400Vac Capacitance tolerance ............................... 10%(Y5P), 20%(Y5V) Temperature coefficient ............................. 10%(Y5P), +30 to -80%(Y5V) over -25C to +85C Test voltage ............................................... 2600Vac for 60 seconds Operating temperature range .................... -25C to +85C Insulation resistance .................................. 10,000M Dissipation factor ....................................... 2.5%(Y5P), 5%(Y5V) at 1kHz
Dimensions (mm)
Dia. 8 max.
3 max.
25 min.
o0.65
Pitch
www..com
Y2/X1 Class
JYA-NAY type JY
Dimensions (mm) Dia. max. Pitch Manf. Part No.
Value (pF)
(F)
Tolerance
Order Code
Y5P dielectric
100 150 220 330 470 560 680 1000 0.0001 0.00015 0.00022 0.00033 0.00047 0.00056 0.00068 0.001 10% 10% 10% 10% 10% 10% 10% 10% 8 8 8 8 8 9 9 10 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 JY08B101KY72 JY08B151KY72 JY08B221KY72 JY08B331KY72 JY08B471KY72 JY09B561KY72 JY09B681KY72 JY10B102KY72 098420 098421 098422 098423 098424 098425 098426 098427
Y5V dielectric
1000 1500 2200 3300 3900 4700 4700 10000 0.001 0.0015 0.0022 0.0033 0.0039 0.0047 0.0047 0.01 20% 20% 20% 20% 20% 20% 20% 20% 8 9 9 10 11 12 12 16 7.5 7.5 7.5 10 10 7.5 10 10 JY08F102MY72 JY09F152MY72 JY09F222MY72 JY10F332MY02 JY11F392MY02 JY12F472MY72 JY12F472MY02 JY16F103MY02 098430 098431 098432 098433 098434 098435 098436 098437
TAPED PRODUCT (Boxed or Reeled) available to special order
348
01945 47 47 47
www.anglia.com info@anglia.com
01945 47 48 49


▲Up To Search▲   

 
Price & Availability of DE1B3KX101KA5B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X