Part Number Hot Search : 
2SA1170 5F60C SK310 C617C 2N1490 L9341 SR2100 Q6010
Product Description
Full Text Search
 

To Download CT78 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT 40 TO CT 59 CT 70 TO CT 79 500mW DO- 35 Glass Axial Package
FEATURES
General Purpose Hermetically Sealed Glass Package Switching Diode
www..com
ABSOLUTE MAXIMUM RATINGS (Ta=25C unless specified otherwise) SYMBOL VALUE DESCRIPTION IF(AV) 75 Average Rectified Current IFRM 200 Peak Rectified Current PTA Power Dissipation At TA=25C 500 2.86 Derating Factor Tj, Tstg Operating And Storage Junction -65 to +200 Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) Max Reverse DEVICE Peak Inverse Min Forward Current Current Voltage I R @ VR IF @ 1V PIV (mA) (V) (A) 10 CT40 25 0.1 10 CT41 40 0.1 CT42 50 10 0.1 10 CT43 75 5.0 10 CT44 100 5.0 20 CT45 25 0.1 20 CT46 40 0.1 20 CT47 50 0.1 20 CT48 75 5.0 20 CT49 100 5.0 10 CT50 25 0.1 10 CT51 40 0.1 10 CT52 50 0.1 10 CT53 75 5.0 10 CT54 100 5.0 20 CT55 25 0.1
UNIT mA mA mW mW/C C
Reverse Voltage (VR) (V) 20 30 40 50 75 20 30 40 50 75 20 30 40 50 75 20
CT40_59 / CT70_79 Rev_1 210103D
Continental Device India Limited
Data Sheet
Page 1 of 4
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
CT 40 TO CT 59 CT 70 TO CT 79 500mW DO- 35 Glass Axial Package
DEVICE
CT56
www..com CT57
CT58 CT59 CT70 CT71 CT72 CT73 CT74 CT75 CT76 CT77 CT78 CT79
Peak Inverse Voltage PIV (V) 40 50 75 100 25 40 50 75 100 25 40 50 75 100
Min Forward Current IF@ 1V (mA) 20 20 20 20 50 50 50 50 50 100 100 100 100 100
Max Reverse Current I R @ VR (A) 0.1 0.1 5.0 5.0 0.1 0.1 0.1 5.0 5.0 0.1 0.1 0.1 5.0 5.0
Reverse Voltage (VR) (V) 30 40 50 75 20 30 40 50 75 20 30 40 50 75
DESCRIPTION
SYMBOL
TEST CONDITION MIN
VALUE MAX
UNIT
Diode Capacitance
Cd
VR=0, f=1MHz CT 40 TO CT 49 CT 50 TO CT 79 IR =10mA, VR=6V, RL=100
4 2 4
pF pF ns
Reverse Recovery Time
trr
CT40_59 / CT70_79 Rev_1 210103D
Continental Device India Limited
Data Sheet
Page 2 of 4
CT 40 TO CT 59 CT 70 TO CT 79
DO-35 Glass Axial Package
A B A DIM MIN MAX -- A 25.40 B 3.05 4.15 C 0.46 0.56 D 1.70 2.29 All dimensions are in mm.
C
www..com
NOTE: Cathode is marked by Band.
D
DO-35, 52mm Taping Specification
1.05 MAX. 1.5 R MAX. 5.50 4.50 52 mm Taping Specification 1. 2. 3. 4. 5. T & A indicates Axial Tape and Ammo Packing (52 mm Tape Spacing). 300 mm (min) leader tape on every tape. No. of empty places allowed 0.25% without consecutive empty places. Ends of leads shall preferably not protrude beyond the tapes. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling.
CENTRE LINE 1.05
54.00 6.0 11 DIODES 52.0 48.0
5.0
50.00
All dimensions are in mm.
LEADER
6 . 0 1. 0
52 2. .0 0
DIODE AMMO PACK
TAPES
F
D EE
6.0 1.0
2.0 83.0
LABEL
.0 2 .0 255
DO-35:- 5000 pcs./Ammo Pack
On request also available in 26 mm Tape
80. 2.0 0
Packing Detail
PACKAGE Details DO-35 T&A 5K/ ammo box STANDARD PACK Net Weight/ Qty 0.88 kg/ pcs 5K Size 10" x 3.2" x 3.2" INNER CARTON BOX Qty 5K Size
OUTER CARTON BOX Qty 125K Gr Wt 25 kgs
12.7" x 12.7" x 20"
CT40_59 / CT70_79 Rev_1 210103D
Continental Device India Limited
Data Sheet
Page 3 of 4
CT 40 TO CT 59 CT 70 TO CT 79
Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Customer Notes
www..com
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
CT40_59 / CT70_79 Rev_1 210103D
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CT78

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X