Part Number Hot Search : 
74F299 DT74AL 10100C 50001 KTD1413 H40N60 01100 BYW96D
Product Description
Full Text Search
 

To Download CSC0101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CSC0101A
Features

Dual PS/2 to USB Data Converter Controller
Specifications
8-bits Controller Core: 8 bits 65C02 controller 6MHz external ceramic resonator 3MHz internal CPU clock One 8-bits timer / counter Support power saving mode Built in power on reset with watchdog function Memory: 8K byte internal ROM 256 byte internal RAM USB Port: Fully compliant to USB 1.1 specification Conforms to USB HID specification, version 1.1 Supports 1 low speed device address and 3 endpoints Integrated USB transceiver Build in 3.3V regulator 8 bytes FIFO for each endpoint Interface transfer rate: 1.5Mbits/sec
Interface legacy PS/2 devices to USB Provides two PS/2 port PS/2 ports support 3 dimensions 3keys wheel mouse and multimedia keyboard function No driver needed Hot pluggable USB Specification 1.1 low-speed compliant PS/2 ports are auto selectable and hot swappable Mice or keyboard can be used in either port without limitation Cost-effective and easy to implement for PS/2 to USB bridge solution SOP-16 package or dice form
Introduction
The CHESEN CSC0101A is an integral micro-controller for converting PS/2 interface signal to USB applications, which includes 8 bits high performance micro-controller core, combined USB1.1 low-speed interface and dual PS/2 handler module. It is ideal for the legacy system support, PS/2 Port: enabling seamless connections of traditional PS/2 interfaces .com Suitable for legacy PS/2 interface keyboard, mouse, devices of mouse and keyboard to USB. wireless peripheral or bar code reader The CSC0101A is a USB 1.1 low-speed compliant device Compatible with PS/2 protocol that interfaces to PS/2, it support the Human Interface Two PS/2 ports Device (HID) class specification. The CSC0101A handles . Standard PS/2 keyboard with multimedia function the merging of the PS/2 data and sends the data to the host . Standard PS/2 3D/3Keys mouse system via the USB port. Mice or keyboard can be used in either port Miscellaneous: Works with PC Win98 SE, Win Millennium, Win 2000, Win XP Netware4.11, 5.0 HP Unix, Linux, Apple computer MAC OS8.6 or higher and Sun Microsystems
DataShee
.com
Computer Peripheral Product Series
DataSheet 4 U .com
www..com
CSC0101A
Applications
PS/2 Keyboard/Mouse to USB
Dual PS/2 to USB Data Converter Controller
PS/2 Barcode Reader to USB
Wireless PS/2 Keyboard/Mouse Set to USB
t4U.com
CSC0101A Functional Block Diagram
.com
Copyright (c) 2004 CHESEN ELECTRONIC CORP. - All Right Reserved TEL: 886-2-82265589 FAX886-2-82265181 WEBSITE: http://www.chesen.com.tw MAIL: sales@mail.chesen.com.tw SERVICE: service@mail.chesen.com.tw RESOURCE: dcc@mail.chesen.com.tw Contents and specification subject to change without notice. The CHESEN ELECTRONICS CORP. logo is a registered trademark of CHESEN ELECTRONICS CORP. Other brands of products are trademarks or registered trademarks of their respective holders. B_CSC0101A_1.20
.com
Computer Peripheral Product Series
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of CSC0101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X