Part Number Hot Search : 
SE139 M347S EPB5011G MS320 TORX1 MC330 1028548 KA2101
Product Description
Full Text Search
 

To Download AZ934-1C-12DET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ934 AZ
20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
FEATURES * * * * * * * * * Up to 20 Amp switching capability in a compact size Sealed Two separate relays in DPDT (dual) version Quiet operation Vibration and shock resistant ISO/TS 16949, ISO 14000 Tested in accordance with SAE J2544 Cost effective Designed for power windows, power seats and wiper applications GENERAL DATA
Life Expectancy Mechanical Electrical DPDT (2 Form C) SPDT (1 Form C) Max. switched power: 280 W Max. switched voltage: 100 VDC Max. switched current (make/break), continuous: 1 Form C: 25A/20A, 20A 2 Form C: 25A/20A, 20A Material Resistance Silver tin oxide (silver nickel available - contact factory) < 100 milliohms at 1A, 5 VDC Dielectric Strength
(at sea level for 1 min.)
CONTACTS
Arrangement Ratings
Minimum operations 1 x 107 operations 2 x 105 operations at 20 A 14 VDC Res. 3 ms at nominal coil voltage 1.5 ms at nominal coil voltage (with no coil suppression) 500 Vrms coil to contact 500 Vrms between open contacts 100 megohms min. at 20C, 500 VDC, 50% RH > 8.3% of nominal coil voltage At nominal coil voltage -40C (-40F) to 100C (212F) -40C (-40F) to 155C (311F) 0.062" DA at 10-55Hz, 10 g at 55-200 Hz 30 g, 11 ms, functional Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 10 grams
Operate Time (typical) Release Time (typical)
Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 203 mW 2.2 W 20C (68F) ambient 32C (58F) nominal coil VDC 155C (311F)
Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. 2. 3. 4. All values at 20C (68F). Maximum make current refers to in-rush current of lamp load. Relay may pull in with less than "Must Operate" value. Specifications subject to change without notice.
9/27/06W
AZ934 AZ
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC Coil
Nominal Coil VDC 12 Must Operate VDC 7.2 Max. Continuous VDC 24.0 Coil Resistance 10% 255
ORDER NUMBER
1 Form C (SPDT) AZ934-1C-12DET 2 Form C (DPDT) AZ934-2C-12DET
MECHANICAL DATA
SPDT (1 Form C)
.699 Max [17.8] .376 Max [9.6]
DPDT (2 Form C)
.699 Max [17.8] .671 Max [17.1]
.53 Max [13.5]
.020 [0.5]
.53 Max [13.5]
.020 [0.5]
.138 [3.5]
.138 [3.5] 6x.016 [0.4] 3x.016 [0.4] 2xO.02 [O0.5] 6x.035 [0.9]
3x.035 [0.9]
4xO.02 [O0.5]
PC BOARD LAYOUT
.541 [13.75] .087 [2.2] .110 [2.8]
WIRING DIAGRAM
PC BOARD LAYOUT
.541 [13.75]
.148 [3.75]
WIRING DIAGRAM
.087 [2.2]
4 3 2 1
3xO.051 [O1.3]
3
2
.148 [3.75] .148 [3.75]
6xO.051 [O1.3]
4xO.035 [O0.9]
.148 [3.75] .246 [6.25]
Viewed toward terminals
2xO.035 [O0.9]
.110 [2.8]
10
5
9
8
7
6
.098 [2.5]
Viewed toward terminals
.246 [6.25]
Viewed toward terminals
.098 [2.5]
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
9/27/06W


▲Up To Search▲   

 
Price & Availability of AZ934-1C-12DET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X