Part Number Hot Search : 
AMT8301 S1100 SKM15 MC3242 MC14014B 2SB1412 1N4751 TB0610A
Product Description
Full Text Search
 

To Download ATMEGA64007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High Performance, Low Power AVR(R) 8-Bit Microcontroller * Advanced RISC Architecture
- 135 Powerful Instructions - Most Single Clock Cycle Execution - 32 x 8 General Purpose Working Registers - Fully Static Operation - Up to 16 MIPS Throughput at 16 MHz - On-Chip 2-cycle Multiplier Non-volatile Program and Data Memories - 64K/128K/256K Bytes of In-System Self-Programmable Flash Endurance: 10,000 Write/Erase Cycles - Optional Boot Code Section with Independent Lock Bits In-System Programming by On-chip Boot Program True Read-While-Write Operation - 4K Bytes EEPROM Endurance: 100,000 Write/Erase Cycles - 8K Bytes Internal SRAM - Up to 64K Bytes Optional External Memory Space - Programming Lock for Software Security JTAG (IEEE std. 1149.1 compliant) Interface - Boundary-scan Capabilities According to the JTAG Standard - Extensive On-chip Debug Support - Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface Peripheral Features - Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode - Four 16-bit Timer/Counter with Separate Prescaler, Compare- and Capture Mode - Real Time Counter with Separate Oscillator - Four 8-bit PWM Channels - Six/Twelve PWM Channels with Programmable Resolution from 2 to 16 Bits (ATmega1281/2561, ATmega640/1280/2560) - Output Compare Modulator - 8/16-channel, 10-bit ADC (ATmega1281/2561, ATmega640/1280/2560) - Two/Four Programmable Serial USART (ATmega1281/2561,ATmega640/1280/2560) - Master/Slave SPI Serial Interface - Byte Oriented 2-wire Serial Interface - Programmable Watchdog Timer with Separate On-chip Oscillator - On-chip Analog Comparator - Interrupt and Wake-up on Pin Change Special Microcontroller Features - Power-on Reset and Programmable Brown-out Detection - Internal Calibrated Oscillator - External and Internal Interrupt Sources - Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby, and Extended Standby I/O and Packages - 54/86 Programmable I/O Lines (ATmega1281/2561, ATmega640/1280/2560) - 64-pad QFN/MLF, 64-lead TQFP (ATmega1281/2561) - 100-lead TQFP, 100-ball CBGA (ATmega640/1280/2560) - RoHS/Fully Green Temperature Range: - -40C to 85C Industrial Ultra-Low Power Consumption - Active Mode: 1 MHz, 1.8V: 510 A - Power-down Mode: 0.1 A at 1.8V Speed Grade (see "Maximum speed vs. VCC" on page 377): - ATmega640V/ATmega1280V/ATmega1281V: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V - ATmega2560V/ATmega2561V: 0 - 2 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V - ATmega640/ATmega1280/ATmega1281: 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V - ATmega2560/ATmega2561: 0 - 16 MHz @ 4.5 - 5.5V
*
*
*
8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash ATmega640/V ATmega1280/V ATmega1281/V ATmega2560/V ATmega2561/V Preliminary Summary
*
*
* * *
2549KS-AVR-01/07
Pin Configurations
Figure 1. TQFP-pinout ATmega640/1280/2560
PK2 (ADC10/PCINT18) PK3 (ADC11/PCINT19) PK4 (ADC12/PCINT20) PK5 (ADC13/PCINT21) PK6 (ADC14/PCINT22) PF5 (ADC5/TMS) PF6 (ADC6/TDO) PF4 (ADC4/TCK) PF7 (ADC7/TDI) PK7 (ADC15/PCINT23) PK0 (ADC8/PCINT16) PK1 (ADC9/PCINT17)
PF1 (ADC1)
PF2 (ADC2)
PF0 (ADC0)
PF3 (ADC3)
PA0 (AD0)
PA1 (AD1)
100 99 (OC0B) PG5 (RXD0/PCINT8) PE0 (TXD0) PE1 (XCK0/AIN0) PE2 (OC3A/AIN1) PE3 (OC3B/INT4) PE4 (OC3C/INT5) PE5 (T3/INT6) PE6 (CLKO/ICP3/INT7) PE7 VCC GND (RXD2) PH0 (TXD2) PH1 (XCK2) PH2 (OC4A) PH3 (OC4B) PH4 (OC4C) PH5 (OC2B) PH6 (SS/PCINT0) PB0 (SCK/PCINT1) PB1 (MOSI/PCINT2) PB2 (MISO/PCINT3) PB3 (OC2A/PCINT4) PB4 (OC1A/PCINT5) PB5 (OC1B/PCINT6) PB6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
(OC0A/OC1C/PCINT7) PB7
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
PA2 (AD2)
AVCC
AREF
GND
GND
VCC
PJ7
76 75 74 PA3 (AD3) PA4 (AD4) PA5 (AD5) PA6 (AD6) PA7 (AD7) PG2 (ALE) PJ6 (PCINT15) PJ5 (PCINT14) PJ4 (PCINT13) PJ3 (PCINT12) PJ2 (XCK3/PCINT11) PJ1 (TXD3/PCINT10) PJ0 (RXD3/PCINT9) GND VCC PC7 (A15) PC6 (A14) PC5 (A13) PC4 (A12) PC3 (A11) PC2 (A10) PC1 (A9) PC0 (A8) PG1 (RD) PG0 (WR)
INDEX CORNER
73 72 71 70 69 68 67 66 65 64
ATmega640/1280/2560
63 62 61 60 59 58 57 56 55 54 53 52 51
27
(T4) PH7
28
(TOSC2) PG3
29
(TOSC1) PG4
30
RESET
31
VCC
32
GND
33
XTAL2
34
XTAL1
35
(ICP4) PL0
36
(ICP5) PL1
37
(T5) PL2
38
(OC5A) PL3
39
(OC5B) PL4
40
(OC5C) PL5
41
PL6
42
PL7
43
(SCL/INT0) PD0
44
(SDA/INT1) PD1
45
(RXD1/INT2) PD2
46
(TXD1/INT3) PD3
47
(ICP1) PD4
48
(XCK1) PD5
49
(T1) PD6
50
(T0) PD7
2
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Figure 2. CBGA-pinout ATmega640/1280/2560
Top view
1 A B C D E F G H J K 2 3 4 5 6 7 8 9 10 10 9 8
Bottom view
7 6 5 4 3 2 1 A B C D E F G H J K
Table 1. CBGA-pinout ATmega640/1280/2560.
1 A B C D E F G H J K GND AVCC PE2 PE3 PE7 VCC GND PB3 PH7 PB7 2 AREF PG5 PE0 PE4 PH0 PH4 PB1 PB4 PG3 PG4 3 PF0 PF1 PE1 PE5 PH1 PH6 PB2 RESET PB6 VCC 4 PF2 PF3 PF4 PE6 PH3 PB0 PB5 PL1 PL0 GND 5 PF5 PF6 PF7 PH2 PH5 PL4 PL2 PL3 XTAL2 XTAL1 6 PK0 PK1 PK2 PA4 PJ6 PD1 PD0 PL7 PL6 PL5 7 PK3 PK4 PK5 PA5 PJ5 PJ1 PD5 PD4 PD3 PD2 8 PK6 PK7 PJ7 PA6 PJ4 PJ0 PC5 PC4 PC1 PD6 9 GND PA0 PA1 PA7 PJ3 PC7 PC6 PC3 PC0 PD7 10 VCC PA2 PA3 PG2 PJ2 GND VCC PC2 PG1 PG0
3
2549KS-AVR-01/07
Figure 3. Pinout ATmega1281/2561
PF6 (ADC6/TDO) PF4 (ADC4/TCK) PF5 (ADC5/TMS) PF7 (ADC7/TDI) PF0 (ADC0) PF1 (ADC1) PF2 (ADC2) PF3 (ADC3)
PA0 (AD0)
PA1 (AD1) 50
64
63
62
61
60
59
58
57
56
55
54
53
52
51
(OC0B) PG5 (RXD0/PCINT8/PDI) PE0 (TXD0/PDO) PE1 (XCK0/AIN0) PE2 (OC3A/AIN1) PE3 (OC3B/INT4) PE4 (OC3C/INT5) PE5 (T3/INT6) PE6 (ICP3/CLKO/INT7) PE7 (SS/PCINT0) PB0 (SCK/ PCINT1) PB1 (MOSI/ PCINT2) PB2 (MISO/ PCINT3) PB3 (OC2A/ PCINT4) PB4 (OC1A/PCINT5) PB5 (OC1B/PCINT6) PB6
1 2 3 4 5 6 7 8
INDEX CORNER
49
PA2 (AD2)
AVCC
GND
AREF
GND
VCC
48 47 46 45 44 43 42
PA3 (AD3) PA4 (AD4) PA5 (AD5) PA6 (AD6) PA7 (AD7) PG2 (ALE) PC7 (A15) PC6 (A14) PC5 (A13) PC4 (A12) PC3 (A11) PC2 (A10) PC1 (A9) PC0 (A8) PG1 (RD) PG0 (WR)
ATmega1281/2561
9 10 11 12 13 14 15 16
41 40 39 38 37 36 35 34 33
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 (T1) PD6
(RXD1/INT2) PD2
(SCL/INT0) PD0
(TXD1/INT3) PD3
(OC0A/OC1C/PCINT7) PB7
(XCK1) PD5
(ICP1) PD4
VCC
Note:
The large center pad underneath the QFN/MLF package is made of metal and internally connected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If the center pad is left unconnected, the package might loosen from the board.
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of other AVR microcontrollers manufactured on the same process technology. Min. and Max values will be available after the device is characterized.
4
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
(SDA/INT1) PD1
(TOSC2) PG3
(TOSC1) PG4
(T0) PD7
GND
XTAL2
RESET
XTAL1
32
ATmega640/1280/1281/2560/2561
Overview
The ATmega640/1280/1281/2560/2561 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATmega640/1280/1281/2560/2561 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
Block Diagram
Figure 4. Block Diagram
PF7..0
VCC
PK7..0
PJ7..0
PE7..0
RESET
Power Supervision POR / BOD & RESET
PORT F (8)
PORT K (8)
PORT J (8)
PORT E (8)
GND
Watchdog Timer
Watchdog Oscillator
JTAG
A/D Converter
Analog Comparator
USART 0
XTAL1
Oscillator Circuits / Clock Generation
EEPROM
Internal Bandgap reference
16bit T/C 3
XTAL2
CPU
16bit T/C 5
USART 3
PA7..0
PORT A (8)
16bit T/C 4 USART 1
PG5..0
PORT G (6)
XRAM
FLASH
SRAM
16bit T/C 1
PC7..0
PORT C (8)
TWI
SPI
8bit T/C 0
8bit T/C 2
USART 2
NOTE: Shaded parts only available in the 100-pin version. Complete functionality for the ADC, T/C4, and T/C5 only available in the 100-pin version.
PORT D (8) PORT B (8) PORT H (8) PORT L (8)
PD7..0
PB7..0
PH7..0
PL7..0
5
2549KS-AVR-01/07
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATmega640/1280/1281/2560/2561 provides the following features: 64K/128K/256K bytes of In-System Programmable Flash with Read-While-Write capabilities, 4K bytes EEPROM, 8K bytes SRAM, 54/86 general purpose I/O lines, 32 general purpose working registers, Real Time Counter (RTC), six flexible Timer/Counters with compare modes and PWM, 4 USARTs, a byte oriented 2-wire Serial Interface, a 16-channel, 10bit ADC with optional differential input stage with programmable gain, programmable Watchdog Timer with Internal Oscillator, an SPI serial port, IEEE std. 1149.1 compliant JTAG test interface, also used for accessing the On-chip Debug system and programming and six software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The Power-down mode saves the register contents but freezes the Oscillator, disabling all other chip functions until the next interrupt or Hardware Reset. In Power-save mode, the asynchronous timer continues to run, allowing the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except Asynchronous Timer and ADC, to minimize switching noise during ADC conversions. In Standby mode, the Crystal/Resonator Oscillator is running while the rest of the device is sleeping. This allows very fast start-up combined with low power consumption. In Extended Standby mode, both the main Oscillator and the Asynchronous Timer continue to run. The device is manufactured using Atmel's high-density nonvolatile memory technology. The On-chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot program running on the AVR core. The boot program can use any interface to download the application program in the application Flash memory. Software in the Boot Flash section will continue to run while the Application Flash section is updated, providing true Read-While-Write operation. By combining an 8-bit RISC CPU with In-System Self-Program mable Flash on a monolithic ch ip, the Atmel ATmega640/1280/1281/2560/2561 is a powerful microcontroller that provides a highly flexible and cost effective solution to many embedded control applications. The ATmega640/1280/1281/2560/2561 AVR is supported with a full suite of program and system development tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit emulators, and evaluation kits.
6
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Comparison Between ATmega1281/2561 and ATmega640/1280/2560
Each device in the ATmega640/1280/1281/2560/2561 family differs only in memory size and number of pins. Table 2 summarizes the different configurations for the six devices. Table 2. Configuration Summary
Device ATmega640 ATmega1280 ATmega1281 ATmega2560 ATmega2561 Flash 64KB 128KB 128KB 256KB 256KB EEPROM 4KB 4KB 4KB 4KB 4KB RAM 8KB 8KB 8KB 8KB 8KB General Purpose I/O pins 86 86 54 86 54 16 bits resolution PWM channels 12 12 6 12 6 Serial USARTs 4 4 2 4 2 ADC Channels 16 16 8 16 8
Pin Descriptions
VCC GND Port A (PA7..PA0) Digital supply voltage. Ground. Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port A also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on page 91. Port B (PB7..PB0) Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B has better driving capabilities than the other ports. Port B also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on page 92. Port C (PC7..PC0) Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port C also serves the functions of special ATmega640/1280/1281/2560/2561 as listed on page 95. Port D (PD7..PD0) features of the
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are externally pulled low will source
7
2549KS-AVR-01/07
current if the pull-up resistors are activated. The Port D pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port D also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on page 97. Port E (PE7..PE0) Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port E also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on page 99. Port F (PF7..PF0) Port F serves as analog inputs to the A/D Converter. Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal pull-up resistors (selected for each bit). The Port F output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be activated even if a reset occurs. Port F also serves the functions of the JTAG interface. Port G (PG5..PG0) Port G is a 6-bit I/O port with internal pull-up resistors (selected for each bit). The Port G output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port G pins that are externally pulled low will source current if the pull-up resistors are activated. The Port G pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port G also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on page 105. Port H (PH7..PH0) Port H is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port H output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port H pins that are externally pulled low will source current if the pull-up resistors are activated. The Port H pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port H also serves the functions of various special features of the ATmega640/1280/2560 as listed on page 107. Port J (PJ7..PJ0) Port J is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port J output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port J pins that are externally pulled low will source current if the pull-up resistors are activated. The Port J pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port J also serves the functions of various special features of the ATmega640/1280/2560 as listed on page 109. Port K (PK7..PK0) Port K serves as analog inputs to the A/D Converter.
8
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Port K is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port K output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port K pins that are externally pulled low will source current if the pull-up resistors are activated. The Port K pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port K also serves the functions of various special features of the ATmega640/1280/2560 as listed on page 111. Port L (PL7..PL0) Port L is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port L output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port L pins that are externally pulled low will source current if the pull-up resistors are activated. The Port L pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port L also serves the functions of various special features of the ATmega640/1280/2560 as listed on page 113. RESET Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. The minimum pulse length is given in Table 26 on page 58. Shorter pulses are not guaranteed to generate a reset. Input to the inverting Oscillator amplifier and input to the internal clock operating circuit. Output from the inverting Oscillator amplifier. AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally connected to VCC, even if the ADC is not used. If the ADC is used, it should be connected to VCC through a low-pass filter. This is the analog reference pin for the A/D Converter.
XTAL1 XTAL2 AVCC
AREF
Resources
A comprehensive set of development tools and application notes, and datasheets are available for download on http://www.atmel.com/avr.
9
2549KS-AVR-01/07
Register Summary
Address
(0x1FF) ... (0x13F) (0x13E) (0x13D) (0x13C) (0x13B) (0x13A) (0x139) (0x138) (0x137) (0x136) (0x135) (0x134) (0x133) (0x132) (0x131) (0x130) (0x12F) (0x12E) (0x12D) (0x12C) (0x12B) (0x12A) (0x129) (0x128) (0x127) (0x126) (0x125) (0x124) (0x123) (0x122) (0x121) (0x120) (0x11F) (0x11E) (0x11D) (0x11C) (0x11B) (0x11A) (0x119) (0x118) (0x117) (0x116) (0x115) (0x114) (0x113) (0x112) (0x111) (0x110) (0x10F) (0x10E) (0x10D) (0x10C) (0x10B) (0x10A) (0x109) (0x108) (0x107) (0x106) (0x105) (0x104) (0x103) (0x102)
Name
Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved UDR3 UBRR3H UBRR3L Reserved UCSR3C UCSR3B UCSR3A Reserved Reserved OCR5CH OCR5CL OCR5BH OCR5BL OCR5AH OCR5AL ICR5H ICR5L TCNT5H TCNT5L Reserved TCCR5C TCCR5B TCCR5A Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved PORTL DDRL PINL PORTK DDRK PINK PORTJ DDRJ PINJ PORTH
Bit 7
-
Bit 6
-
Bit 5
-
Bit 4
-
Bit 3
-
Bit 2
-
Bit 1
-
Bit 0
-
Page
USART3 I/O Data Register UMSEL31 RXCIE3 RXC3 UMSEL30 TXCIE3 TXC3 UPM31 UDRIE3 UDRE3 UPM30 RXEN3 FE3 USBS3 TXEN3 DOR3 USART3 Baud Rate Register High Byte UCSZ31 UCSZ32 UPE3 UCSZ30 RXB83 U2X3 UCPOL3 TXB83 MPCM3 USART3 Baud Rate Register Low Byte
page 227 page 231 page 231 page 244 page 243 page 242
Timer/Counter5 - Output Compare Register C High Byte Timer/Counter5 - Output Compare Register C Low Byte Timer/Counter5 - Output Compare Register B High Byte Timer/Counter5 - Output Compare Register B Low Byte Timer/Counter5 - Output Compare Register A High Byte Timer/Counter5 - Output Compare Register A Low Byte Timer/Counter5 - Input Capture Register High Byte Timer/Counter5 - Input Capture Register Low Byte Timer/Counter5 - Counter Register High Byte Timer/Counter5 - Counter Register Low Byte FOC5A ICNC5 COM5A1 PORTL7 DDL7 PINL7 PORTK7 DDK7 PINK7 PORTJ7 DDJ7 PINJ7 PORTH7 FOC5B ICES5 COM5A0 PORTL6 DDL6 PINL6 PORTK6 DDK6 PINK6 PORTJ6 DDJ6 PINJ6 PORTH6 FOC5C COM5B1 PORTL5 DDL5 PINL5 PORTK5 DDK5 PINK5 PORTJ5 DDJ5 PINJ5 PORTH5 WGM53 COM5B0 PORTL4 DDL4 PINL4 PORTK4 DDK4 PINK4 PORTJ4 DDJ4 PINJ4 PORTH4 WGM52 COM5C1 PORTL3 DDL3 PINL3 PORTK3 DDK3 PINK3 PORTJ3 DDJ3 PINJ3 PORTH3 CS52 COM5C0 PORTL2 DDL2 PINL2 PORTK2 DDK2 PINK2 PORTJ2 DDJ2 PINJ2 PORTH2 CS51 WGM51 PORTL1 DDL1 PINL1 PORTK1 DDK1 PINK1 PORTJ1 DDJ1 PINJ1 PORTH1 CS50 WGM50 PORTL0 DDL0 PINL0 PORTK0 DDK0 PINK0 PORTJ0 DDJ0 PINJ0 PORTH0
page 167 page 167 page 167 page 167 page 167 page 167 page 168 page 168 page 165 page 165 page 164 page 162 page 160
page 118 page 118 page 118 page 118 page 118 page 118 page 118 page 118 page 118 page 117
10
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Address
(0x101) (0x100) (0xFF) (0xFE) (0xFD) (0xFC) (0xFB) (0xFA) (0xF9) (0xF8) (0xF7) (0xF6) (0xF5) (0xF4) (0xF3) (0xF2) (0xF1) (0xF0) (0xEF) (0xEE) (0xED) (0xEC) (0xEB) (0xEA) (0xE9) (0xE8) (0xE7) (0xE6) (0xE5) (0xE4) (0xE3) (0xE2) (0xE1) (0xE0) (0xDF) (0xDE) (0xDD) (0xDC) (0xDB) (0xDA) (0xD9) (0xD8) (0xD7) (0xD6) (0xD5) (0xD4) (0xD3) (0xD2) (0xD1) (0xD0) (0xCF) (0xCE) (0xCD) (0xCC) (0xCB) (0xCA) (0xC9) (0xC8) (0xC7) (0xC6) (0xC5) (0xC4) (0xC3) (0xC2) (0xC1) (0xC0)
Name
DDRH PINH Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved UDR2 UBRR2H UBRR2L Reserved UCSR2C UCSR2B UCSR2A Reserved UDR1 UBRR1H UBRR1L Reserved UCSR1C UCSR1B UCSR1A Reserved UDR0 UBRR0H UBRR0L Reserved UCSR0C UCSR0B UCSR0A
Bit 7
DDH7 PINH7 UMSEL21 RXCIE2 RXC2 UMSEL11 RXCIE1 RXC1 UMSEL01 RXCIE0 RXC0
Bit 6
DDH6 PINH6 UMSEL20 TXCIE2 TXC2 UMSEL10 TXCIE1 TXC1 UMSEL00 TXCIE0 TXC0
Bit 5
DDH5 PINH5 UPM21 UDRIE2 UDRE2 UPM11 UDRIE1 UDRE1 UPM01 UDRIE0 UDRE0
Bit 4
DDH4 PINH4 UPM20 RXEN2 FE2 UPM10 RXEN1 FE1 UPM00 RXEN0 FE0
Bit 3
DDH3 PINH3 -
Bit 2
DDH2 PINH2 -
Bit 1
DDH1 PINH1 -
Bit 0
DDH0 PINH0 -
Page
page 117 page 117
-
-
USART2 I/O Data Register USART2 Baud Rate Register High Byte USBS2 TXEN2 DOR2 UCSZ21 UCSZ22 UPE2 UCSZ20 RXB82 U2X2 UCPOL2 TXB82 MPCM2 USART2 Baud Rate Register Low Byte
page 227 page 231 page 231 page 244 page 243 page 242 page 227 USART1 Baud Rate Register High Byte page 231 page 231 UCSZ11 UCSZ12 UPE1 UCSZ10 RXB81 U2X1 UCPOL1 TXB81 MPCM1 page 227 USART0 Baud Rate Register High Byte page 231 page 231 UCSZ01 UCSZ02 UPE0 UCSZ00 RXB80 U2X0 UCPOL0 TXB80 MPCM0 page 244 page 243 page 243 page 244 page 243 page 242
USART1 I/O Data Register USART1 Baud Rate Register Low Byte USBS1 TXEN1 DOR1 -
USART0 I/O Data Register USART0 Baud Rate Register Low Byte USBS0 TXEN0 DOR0
11
2549KS-AVR-01/07
Address
(0xBF) (0xBE) (0xBD) (0xBC) (0xBB) (0xBA) (0xB9) (0xB8) (0xB7) (0xB6) (0xB5) (0xB4) (0xB3) (0xB2) (0xB1) (0xB0) (0xAF) (0xAE) (0xAD) (0xAC) (0xAB) (0xAA) (0xA9) (0xA8) (0xA7) (0xA6) (0xA5) (0xA4) (0xA3) (0xA2) (0xA1) (0xA0) (0x9F) (0x9E) (0x9D) (0x9C) (0x9B) (0x9A) (0x99) (0x98) (0x97) (0x96) (0x95) (0x94) (0x93) (0x92) (0x91) (0x90) (0x8F) (0x8E) (0x8D) (0x8C) (0x8B) (0x8A) (0x89) (0x88) (0x87) (0x86) (0x85) (0x84) (0x83) (0x82) (0x81) (0x80) (0x7F) (0x7E)
Name
Reserved Reserved TWAMR TWCR TWDR TWAR TWSR TWBR Reserved ASSR Reserved OCR2B OCR2A TCNT2 TCCR2B TCCR2A Reserved Reserved OCR4CH OCR4CL OCR4BH OCR4BL OCR4AH OCR4AL ICR4H ICR4L TCNT4H TCNT4L Reserved TCCR4C TCCR4B TCCR4A Reserved Reserved OCR3CH OCR3CL OCR3BH OCR3BL OCR3AH OCR3AL ICR3H ICR3L TCNT3H TCNT3L Reserved TCCR3C TCCR3B TCCR3A Reserved Reserved OCR1CH OCR1CL OCR1BH OCR1BL OCR1AH OCR1AL ICR1H ICR1L TCNT1H TCNT1L Reserved TCCR1C TCCR1B TCCR1A DIDR1 DIDR0
Bit 7
TWAM6 TWINT TWA6 TWS7 -
Bit 6
TWAM5 TWEA TWA5 TWS6 EXCLK -
Bit 5
TWAM4 TWSTA TWA4 TWS5 AS2 -
Bit 4
TWAM3 TWSTO TWA3 TWS4 TCN2UB -
Bit 3
TWAM2 TWWC TWA2 TWS3 OCR2AUB -
Bit 2
TWAM1 TWEN TWA1 OCR2BUB -
Bit 1
TWAM0 TWA0 TWPS1 TCR2AUB -
Bit 0
TWIE TWGCE TWPS0 TCR2BUB -
Page
page 274 page 271 page 273 page 273 page 272 page 271 page 188 page 195 page 195 page 195
2-wire Serial Interface Data Register
2-wire Serial Interface Bit Rate Register
Timer/Counter2 Output Compare Register B Timer/Counter2 Output Compare Register A Timer/Counter2 (8 Bit) FOC2A COM2A1 FOC2B COM2A0 COM2B1 COM2B0 WGM22 CS22 CS21 WGM21 CS20 WGM20 -
page 194 page 195
Timer/Counter4 - Output Compare Register C High Byte Timer/Counter4 - Output Compare Register C Low Byte Timer/Counter4 - Output Compare Register B High Byte Timer/Counter4 - Output Compare Register B Low Byte Timer/Counter4 - Output Compare Register A High Byte Timer/Counter4 - Output Compare Register A Low Byte Timer/Counter4 - Input Capture Register High Byte Timer/Counter4 - Input Capture Register Low Byte Timer/Counter4 - Counter Register High Byte Timer/Counter4 - Counter Register Low Byte FOC4A ICNC4 COM4A1 FOC4B ICES4 COM4A0 FOC4C COM4B1 WGM43 COM4B0 WGM42 COM4C1 CS42 COM4C0 CS41 WGM41 CS40 WGM40 -
page 167 page 167 page 166 page 166 page 166 page 166 page 168 page 168 page 165 page 165 page 164 page 162 page 160
Timer/Counter3 - Output Compare Register C High Byte Timer/Counter3 - Output Compare Register C Low Byte Timer/Counter3 - Output Compare Register B High Byte Timer/Counter3 - Output Compare Register B Low Byte Timer/Counter3 - Output Compare Register A High Byte Timer/Counter3 - Output Compare Register A Low Byte Timer/Counter3 - Input Capture Register High Byte Timer/Counter3 - Input Capture Register Low Byte Timer/Counter3 - Counter Register High Byte Timer/Counter3 - Counter Register Low Byte FOC3A ICNC3 COM3A1 FOC3B ICES3 COM3A0 FOC3C COM3B1 WGM33 COM3B0 WGM32 COM3C1 CS32 COM3C0 CS31 WGM31 CS30 WGM30 -
page 166 page 166 page 166 page 166 page 166 page 166 page 168 page 168 page 165 page 165 page 164 page 162 page 160
Timer/Counter1 - Output Compare Register C High Byte Timer/Counter1 - Output Compare Register C Low Byte Timer/Counter1 - Output Compare Register B High Byte Timer/Counter1 - Output Compare Register B Low Byte Timer/Counter1 - Output Compare Register A High Byte Timer/Counter1 - Output Compare Register A Low Byte Timer/Counter1 - Input Capture Register High Byte Timer/Counter1 - Input Capture Register Low Byte Timer/Counter1 - Counter Register High Byte Timer/Counter1 - Counter Register Low Byte FOC1A ICNC1 COM1A1 ADC7D FOC1B ICES1 COM1A0 ADC6D FOC1C COM1B1 ADC5D WGM13 COM1B0 ADC4D WGM12 COM1C1 ADC3D CS12 COM1C0 ADC2D CS11 WGM11 AIN1D ADC1D CS10 WGM10 AIN0D ADC0D
page 166 page 166 page 166 page 166 page 166 page 166 page 168 page 168 page 165 page 165 page 164 page 162 page 160 page 278 page 300
12
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Address
(0x7D) (0x7C) (0x7B) (0x7A) (0x79) (0x78) (0x77) (0x76) (0x75) (0x74) (0x73) (0x72) (0x71) (0x70) (0x6F) (0x6E) (0x6D) (0x6C) (0x6B) (0x6A) (0x69) (0x68) (0x67) (0x66) (0x65) (0x64) (0x63) (0x62) (0x61) (0x60) 0x3F (0x5F) 0x3E (0x5E) 0x3D (0x5D) 0x3C (0x5C) 0x3B (0x5B) 0x3A (0x5A) 0x39 (0x59) 0x38 (0x58) 0x37 (0x57) 0x36 (0x56) 0x35 (0x55) 0x34 (0x54) 0x33 (0x53) 0x32 (0x52) 0x31 (0x51) 0x30 (0x50) 0x2F (0x4F) 0x2E (0x4E) 0x2D (0x4D) 0x2C (0x4C) 0x2B (0x4B) 0x2A (0x4A) 0x29 (0x49) 0x28 (0x48) 0x27 (0x47) 0x26 (0x46) 0x25 (0x45) 0x24 (0x44) 0x23 (0x43) 0x22 (0x42) 0x21 (0x41) 0x20 (0x40) 0x1F (0x3F) 0x1E (0x3E) 0x1D (0x3D) 0x1C (0x3C)
Name
DIDR2 ADMUX ADCSRB ADCSRA ADCH ADCL Reserved Reserved XMCRB XMCRA TIMSK5 TIMSK4 TIMSK3 TIMSK2 TIMSK1 TIMSK0 PCMSK2 PCMSK1 PCMSK0 EICRB EICRA PCICR Reserved OSCCAL PRR1 PRR0 Reserved Reserved CLKPR WDTCSR SREG SPH SPL EIND RAMPZ Reserved Reserved Reserved SPMCSR Reserved MCUCR MCUSR SMCR Reserved OCDR ACSR Reserved SPDR SPSR SPCR GPIOR2 GPIOR1 Reserved OCR0B OCR0A TCNT0 TCCR0B TCCR0A GTCCR EEARH EEARL EEDR EECR GPIOR0 EIMSK EIFR
Bit 7
ADC15D REFS1 ADEN
Bit 6
ADC14D REFS0 ACME ADSC
Bit 5
ADC13D ADLAR ADATE
Bit 4
ADC12D MUX4 ADIF
Bit 3
ADC11D MUX3 MUX5 ADIE
Bit 2
ADC10D MUX2 ADTS2 ADPS2
Bit 1
ADC9D MUX1 ADTS1 ADPS1
Bit 0
ADC8D MUX0 ADTS0 ADPS0
Page
page 300 page 294 page 277,295,,299 page 297 page 298 page 298
ADC Data Register High byte ADC Data Register Low byte XMBK SRE PCINT23 PCINT15 PCINT7 ISC71 ISC31 PRTWI CLKPCE WDIF I SP15 SP7 SPMIE JTD OCDR7 ACD SPIF SPIE SRL2 PCINT22 PCINT14 PCINT6 ISC70 ISC30 PRTIM2 WDIE T SP14 SP6 RWWSB OCDR6 ACBG WCOL SPE SRL1 ICIE5 ICIE4 ICIE3 ICIE1 PCINT21 PCINT13 PCINT5 ISC61 ISC21 PRTIM5 PRTIM0 WDP3 H SP13 SP5 SIGRD OCDR5 ACO DORD SRL0 PCINT20 PCINT12 PCINT4 ISC60 ISC20 PRTIM4 WDCE S SP12 SP4 RWWSRE PUD JTRF OCDR4 ACI MSTR SRW11 OCIE5C OCIE4C OCIE3C OCIE1C PCINT19 PCINT11 PCINT3 ISC51 ISC11 PRTIM3 PRTIM1 CLKPS3 WDE V SP11 SP3 BLBSET WDRF SM2 OCDR3 ACIE SPI Data Register CPOL CPHA SPR1 SPI2X SPR0 XMM2 SRW10 OCIE5B OCIE4B OCIE3B OCIE2B OCIE1B OCIE0B PCINT18 PCINT10 PCINT2 ISC50 ISC10 PCIE2 PRUSART3 PRSPI CLKPS2 WDP2 N SP10 SP2 PGWRT BORF SM1 OCDR2 ACIC XMM1 SRW01 OCIE5A OCIE4A OCIE3A OCIE2A OCIE1A OCIE0A PCINT17 PCINT9 PCINT1 ISC41 ISC01 PCIE1 PRUSART2 PRUSART0 CLKPS1 WDP1 Z SP9 SP1 RAMPZ1 PGERS IVSEL EXTRF SM0 OCDR1 ACIS1 XMM0 SRW00 TOIE5 TOIE4 TOIE3 TOIE2 TOIE1 TOIE0 PCINT16 PCINT8 PCINT0 ISC40 ISC00 PCIE0 -
page 36 page 34 page 169 page 169 page 169 page 197 page 169 page 135 page 81 page 81 page 82 page 79 page 78 page 80 page 48
Oscillator Calibration Register PRUSART1 PRADC CLKPS0 WDP0 C SP8 SP0 EIND0 RAMPZ0 SPMEN IVCE PORF SE OCDR0 ACIS0 -
page 56 page 55
page 48 page 66 page 12 page 14 page 14 page 15 page 15
page 340 page 66,76,115,314 page 314 page 51 page 307 page 277 page 208 page 207 page 206 page 34 page 34
General Purpose I/O Register 2 General Purpose I/O Register 1 Timer/Counter0 Output Compare Register B Timer/Counter0 Output Compare Register A Timer/Counter0 (8 Bit) FOC0A COM0A1 TSM FOC0B COM0A0 COM0B1 COM0B0 EEPROM Data Register INT7 INTF7 INT6 INTF6 EEPM1 INT5 INTF5 EEPM0 INT4 INTF4 EERIE INT3 INTF3 EEMPE INT2 INTF2 EEPE INT1 INTF1 EERE INT0 INTF0 General Purpose I/O Register 0 WGM02 CS02 CS01 WGM01 PSRASY CS00 WGM00 PSRSYNC
page 134 page 134 page 134 page 133 page 130 page 173, 198 page 32 page 32 page 32 page 32 page 34 page 79 page 80
EEPROM Address Register High Byte
EEPROM Address Register Low Byte
13
2549KS-AVR-01/07
Address
0x1B (0x3B) 0x1A (0x3A) 0x19 (0x39) 0x18 (0x38) 0x17 (0x37) 0x16 (0x36) 0x15 (0x35) 0x14 (0x34) 0x13 (0x33) 0x12 (0x32) 0x11 (0x31) 0x10 (0x30) 0x0F (0x2F) 0x0E (0x2E) 0x0D (0x2D) 0x0C (0x2C) 0x0B (0x2B) 0x0A (0x2A) 0x09 (0x29) 0x08 (0x28) 0x07 (0x27) 0x06 (0x26) 0x05 (0x25) 0x04 (0x24) 0x03 (0x23) 0x02 (0x22) 0x01 (0x21) 0x00 (0x20)
Name
PCIFR TIFR5 TIFR4 TIFR3 TIFR2 TIFR1 TIFR0 PORTG DDRG PING PORTF DDRF PINF PORTE DDRE PINE PORTD DDRD PIND PORTC DDRC PINC PORTB DDRB PINB PORTA DDRA PINA
Bit 7
PORTF7 DDF7 PINF7 PORTE7 DDE7 PINE7 PORTD7 DDD7 PIND7 PORTC7 DDC7 PINC7 PORTB7 DDB7 PINB7 PORTA7 DDA7 PINA7
Bit 6
PORTF6 DDF6 PINF6 PORTE6 DDE6 PINE6 PORTD6 DDD6 PIND6 PORTC6 DDC6 PINC6 PORTB6 DDB6 PINB6 PORTA6 DDA6 PINA6
Bit 5
ICF5 ICF4 ICF3 ICF1 PORTG5 DDG5 PING5 PORTF5 DDF5 PINF5 PORTE5 DDE5 PINE5 PORTD5 DDD5 PIND5 PORTC5 DDC5 PINC5 PORTB5 DDB5 PINB5 PORTA5 DDA5 PINA5
Bit 4
PORTG4 DDG4 PING4 PORTF4 DDF4 PINF4 PORTE4 DDE4 PINE4 PORTD4 DDD4 PIND4 PORTC4 DDC4 PINC4 PORTB4 DDB4 PINB4 PORTA4 DDA4 PINA4
Bit 3
OCF5C OCF4C OCF3C OCF1C PORTG3 DDG3 PING3 PORTF3 DDF3 PINF3 PORTE3 DDE3 PINE3 PORTD3 DDD3 PIND3 PORTC3 DDC3 PINC3 PORTB3 DDB3 PINB3 PORTA3 DDA3 PINA3
Bit 2
PCIF2 OCF5B OCF4B OCF3B OCF2B OCF1B OCF0B PORTG2 DDG2 PING2 PORTF2 DDF2 PINF2 PORTE2 DDE2 PINE2 PORTD2 DDD2 PIND2 PORTC2 DDC2 PINC2 PORTB2 DDB2 PINB2 PORTA2 DDA2 PINA2
Bit 1
PCIF1 OCF5A OCF4A OCF3A OCF2A OCF1A OCF0A PORTG1 DDG1 PING1 PORTF1 DDF1 PINF1 PORTE1 DDE1 PINE1 PORTD1 DDD1 PIND1 PORTC1 DDC1 PINC1 PORTB1 DDB1 PINB1 PORTA1 DDA1 PINA1
Bit 0
PCIF0 TOV5 TOV4 TOV3 TOV2 TOV1 TOV0 PORTG0 DDG0 PING0 PORTF0 DDF0 PINF0 PORTE0 DDE0 PINE0 PORTD0 DDD0 PIND0 PORTC0 DDC0 PINC0 PORTB0 DDB0 PINB0 PORTA0 DDA0 PINA0
Page
page 81 page 169 page 170 page 170 page 197 page 170 page 135 page 117 page 117 page 117 page 116 page 117 page 117 page 116 page 116 page 116 page 116 page 116 page 116 page 116 page 116 page 116 page 115 page 115 page 115 page 115 page 115 page 115
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. I/O registers within the address range $00 - $1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. 3. Some of the status flags are cleared by writing a logical one to them. Note that the CBI and SBI instructions will operate on all bits in the I/O register, writing a one back into any flag read as set, thus clearing the flag. The CBI and SBI instructions work with registers 0x00 to 0x1F only. 4. When using the I/O specific commands IN and OUT, the I/O addresses $00 - $3F must be used. When addressing I/O registers as data space using LD and ST instructions, $20 must be added to these addresses. The ATmega640/1280/1281/2560/2561 is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN and OUT instructions. For the Extended I/O space from $60 - $1FF in SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used.
14
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER MUL MULS MULSU FMUL FMULS FMULSU RJMP IJMP EIJMP JMP RCALL ICALL EICALL CALL RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr Rd, Rr k Add two Registers
Description
Rd Rd + Rr
Operation
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None Z,C Z,C Z,C Z,C Z,C Z,C None None None None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 3 4 4 4 5 5 5 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
ARITHMETIC AND LOGIC INSTRUCTIONS Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Multiply Unsigned Multiply Signed Multiply Signed with Unsigned Fractional Multiply Unsigned Fractional Multiply Signed Fractional Multiply Signed with Unsigned Relative Jump Indirect Jump to (Z) Extended Indirect Jump to (Z) Direct Jump Relative Subroutine Call Indirect Call to (Z) Extended Indirect Call to (Z) Direct Subroutine Call Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd 0xFF - Rd Rd 0x00 - Rd Rd Rd v K Rd Rd * (0xFF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd 0xFF R1:R0 Rd x Rr R1:R0 Rd x Rr R1:R0 Rd x Rr
1 R1:R0 (Rd x Rr) << 1 R1:R0 (Rd x Rr) << 1
PC PC + k + 1 PC Z PC (EIND:Z) PC k PC PC + k + 1 PC Z PC (EIND:Z) PC k PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1
R1:R0 (Rd x Rr) <<
BRANCH INSTRUCTIONS
15
2549KS-AVR-01/07
Mnemonics
BRVS BRVC BRIE BRID SBI CBI LSL LSR ROL ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH k k k k
Operands
Description
Branch if Overflow Flag is Set Branch if Overflow Flag is Cleared Branch if Interrupt Enabled Branch if Interrupt Disabled Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rotate Right Through Carry Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
Operation
if (V = 1) then PC PC + k + 1 if (V = 0) then PC PC + k + 1 if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7) Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0 Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 R0 (RAMPZ:Z) Rd (RAMPZ:Z)
Flags
None None None None None None Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None
#Clocks
1/2 1/2 1/2 1/2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 3 3
BIT AND BIT-TEST INSTRUCTIONS P,b P,b Rd Rd Rd Rd Rd Rd s s Rr, b Rd, b
DATA TRANSFER INSTRUCTIONS MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM ELPM ELPM Rd, Z Rd, Z Rd, Z+ Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Extended Load Program Memory Extended Load Program Memory
16
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Mnemonics
ELPM SPM IN OUT PUSH POP NOP SLEEP WDR BREAK Rd, P P, Rr Rr Rd
Operands
Rd, Z+ Store Program Memory In Port Out Port Push Register on Stack
Description
Extended Load Program Memory (Z) R1:R0 Rd P P Rr STACK Rr Rd STACK
Operation
Rd (RAMPZ:Z), RAMPZ:Z RAMPZ:Z+1
Flags
None None None None None None None
#Clocks
3 1 1 2 2 1 1 1 N/A
Pop Register from Stack No Operation Sleep Watchdog Reset Break
MCU CONTROL INSTRUCTIONS (see specific descr. for Sleep function) (see specific descr. for WDR/timer) For On-chip Debug Only None None None
Note:
EICALL and EIJMP do not exist in ATmega640/1280/1281. ELPM does not exist in ATmega640.
17
2549KS-AVR-01/07
Ordering Information
ATmega640
Speed (MHz)(2) 8 16 Notes: Power Supply 1.8 - 5.5V 2.7 - 5.5V Ordering Code ATmega640V-8AU ATmega640V-8CU ATmega640-16AU ATmega640-16CU Package(1)(3) 100A 100C1 100A 100C1 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. See "Maximum speed vs. VCC" on page 377. 3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
Package Type 64A 64M2 100A 100C1 64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF) 100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 100-ball, Chip Ball Grid Array (CBGA)
18
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
ATmega1281
Speed (MHz)(2) 8 16 Notes: Power Supply 1.8 - 5.5V 2.7 - 5.5V Ordering Code ATmega1281V-8AU ATmega1281V-8MU ATmega1281-16AU ATmega1281-16MU Package(1)(3) 64A 64M2 64A 64M2 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. See "Maximum speed vs. VCC" on page 377. 3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
Package Type 64A 64M2 100A 100C1 64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF) 100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 100-ball, Chip Ball Grid Array (CBGA)
19
2549KS-AVR-01/07
ATmega1280
Speed (MHz)(2) 8 16 Notes: Power Supply 1.8 - 5.5V 2.7 - 5.5V Ordering Code ATmega1280V-8AU ATmega1280V-8CU ATmega1280-16AU ATmega1280-16AU Package(1)(3) 100A 100C1 100A 100C1 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. See "Maximum speed vs. VCC" on page 377. 3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
Package Type 64A 64M2 100A 100C1 64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF) 100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 100-ball, Chip Ball Grid Array (CBGA)
20
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
ATmega2561
Speed (MHz)(2) 8 16 Notes: Power Supply 1.8 - 5.5V 4.5 - 5.5V Ordering Code ATmega2561V-8AU ATmega2561V-8MU ATmega2561-16AU ATmega2561-16MU Package(1)(3) 64A 64M2 64A 64M2 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. See "Maximum speed vs. VCC" on page 377. 3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
Package Type 64A 64M2 100A 100C1 64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF) 100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 100-ball, Chip Ball Grid Array (CBGA)
21
2549KS-AVR-01/07
ATmega2560
Speed (MHz)(2) 8 16 Notes: Power Supply 1.8 - 5.5V 4.5 - 5.5V Ordering Code ATmega2560V-8AU ATmega2560V-8CU ATmega2560-16AU ATmega2560-16CU Package(1)(3) 100A 100C1 100A 100C1 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. See "Maximum speed vs. VCC" on page 377. 3. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
Package Type 64A 64M2 100A 100C1 64-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 64-pad, 9 x 9 x 1.0 mm Body, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF) 100-lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP) 100-ball, Chip Ball Grid Array (CBGA)
22
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Packaging Information
100A
PIN 1 B
PIN 1 IDENTIFIER
e
E1
E
D1 D C
0~7 A1 L
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E MIN - 0.05 0.95 15.75 13.90 15.75 13.90 0.17 0.09 0.45 NOM - - 1.00 16.00 14.00 16.00 14.00 - - - 0.50 TYP MAX 1.20 0.15 1.05 16.25 14.10 16.25 14.10 0.27 0.20 0.75 Note 2 Note 2 NOTE
A2
A
Notes:
1. This package conforms to JEDEC reference MS-026, Variation AED. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.08 mm maximum.
E1 B C L e
10/5/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 100A, 100-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.5 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) DRAWING NO. 100A REV. C
R
23
2549KS-AVR-01/07
100C1
0.12 Z
E
Marked A1 Identifier
D
SIDE VIEW
TOP VIEW
A A1
e
0.90 TYP
10
A
Ob
A1 Corner
9 8 7 6 5 4 3 2 1
0.90 TYP
B C D E F
COMMON DIMENSIONS (Unit of Measure = mm) D1 SYMBOL A A1 D E1 E D1 E1
BOTTOM VIEW
Ob
e
G H I J
MIN 1.10 0.30 8.90 8.90 7.10 7.10 0.35
NOM - 0.35 9.00 9.00 7.20 7.20 0.40 0.80 TYP
MAX 1.20 0.40 9.10 9.10 7.30 7.30 0.45
NOTE
e
5/25/06 2325 Orchard Parkway San Jose, CA 95131 TITLE 100C1, 100-ball, 9 x 9 x 1.2 mm Body, Ball Pitch 0.80 mm Chip Array BGA Package (CBGA) DRAWING NO. 100C1 REV. A
R
24
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
64A
PIN 1 B
PIN 1 IDENTIFIER
e
E1
E
D1 D C
0~7 A1 L
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 A2 D D1 E MIN - 0.05 0.95 15.75 13.90 15.75 13.90 0.30 0.09 0.45 NOM - - 1.00 16.00 14.00 16.00 14.00 - - - 0.80 TYP MAX 1.20 0.15 1.05 16.25 14.10 16.25 14.10 0.45 0.20 0.75 Note 2 Note 2 NOTE
A2
A
Notes:
1. This package conforms to JEDEC reference MS-026, Variation AEB. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum.
E1 B C L e
10/5/2001 2325 Orchard Parkway San Jose, CA 95131 TITLE 64A, 64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) DRAWING NO. 64A REV. B
R
25
2549KS-AVR-01/07
64M2
D
Marked Pin# 1 ID
E
C
TOP VIEW
SEATING PLANE
A1 A
K L D2
Pin #1 Corner
0.08 C
SIDE VIEW
1 2 3
Option A
Pin #1 Triangle
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL
Option B
Pin #1 Chamfer (C 0.30)
E2
MIN 0.80 - 0.18 8.90 7.50 8.90 7.50
NOM 0.90 0.02 0.25 9.00 7.65 9.00 7.65 0.50 BSC
MAX 1.00 0.05 0.30 9.10 7.80 9.10 7.80
NOTE
A A1 b D
K b e
Option C
D2
Pin #1 Notch (0.20 R)
E E2 e L K
BOTTOM VIEW
0.35 0.20
0.40 0.27
0.45 0.40
Note: 1. JEDEC Standard MO-220, (SAW Singulation) Fig. 1, VMMD. 2. Dimension and tolerance conform to ASMEY14.5M-1994.
5/25/06 TITLE 2325 Orchard Parkway 64M2, 64-pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm, San Jose, CA 95131 7.65 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 64M2 REV. D
R
26
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
Errata
ATmega640 rev. A
* Inaccurate ADC conversion in differential mode with 200x gain * High current consumption in sleep mode 1. Inaccurate ADC conversion in differential mode with 200x gain With AVCC < 3.6V, random conversions will be inaccurate. Typical absolute accuracy may reach 64 LSB. Problem Fix/Workaround None 2. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
ATmega1280 rev. A
* Inaccurate ADC conversion in differential mode with 200x gain * High current consumption in sleep mode 1. Inaccurate ADC conversion in differential mode with 200x gain With AVCC < 3.6V, random conversions will be inaccurate. Typical absolute accuracy may reach 64 LSB. Problem Fix/Workaround None 2. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
27
2549KS-AVR-01/07
ATmega1281 rev. A
* Inaccurate ADC conversion in differential mode with 200x gain * High current consumption in sleep mode 1. Inaccurate ADC conversion in differential mode with 200x gain With AVCC < 3.6V, random conversions will be inaccurate. Typical absolute accuracy may reach 64 LSB. Problem Fix/Workaround None 2. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
ATmega2560 rev. E
No known errata.
ATmega2560 rev. D
Not sampled.
ATmega2560 rev. C
* High current consumption in sleep mode 1. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
ATmega2560 rev. B
Not sampled.
28
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
ATmega2560 rev. A
* * * * * * 1.
Non-Read-While-Write area of flash not functional Part does not work under 2.4 volts Incorrect ADC reading in differential mode Internal ADC reference has too low value IN/OUT instructions may be executed twice when Stack is in external RAM EEPROM read from application code does not work in Lock Bit Mode 3
Non-Read-While-Write area of flash not functional The Non-Read-While-Write area of the flash is not working as expected. The problem is related to the speed of the part when reading the flash of this area. Problem Fix/Workaround - Only use the first 248K of the flash. - If boot functionality is needed, run the code in the Non-Read-While-Write area at maximum 1/4th of the maximum frequency of the device at any given voltage. This is done by writing the CLKPR register before entering the boot section of the code
2. Part does not work under 2.4 volts The part does not execute code correctly below 2.4 volts Problem Fix/Workaround Do not use the part at voltages below 2.4 volts. 3. Incorrect ADC reading in differential mode The ADC has high noise in differential mode. It can give up to 7 LSB error. Problem Fix/Workaround Use only the 7 MSB of the result when using the ADC in differential mode. 4. Internal ADC reference has too low value The internal ADC reference has a value lower than specified Problem Fix/Workaround - Use AVCC or external reference - The actual value of the reference can be measured by applying a known voltage to the ADC when using the internal reference. The result when doing later conversions can then be calibrated. 5. IN/OUT instructions may be executed twice when Stack is in external RAM If either an IN or an OUT instruction is executed directly before an interrupt occurs and the stack pointer is located in external ram, the instruction will be executed twice. In some cases this will cause a problem, for example: - If reading SREG it will appear that the I-flag is cleared. - If writing to the PIN registers, the port will toggle twice. - If reading registers with interrupt flags, the flags will appear to be cleared. Problem Fix/Workaround There are two application work-arounds, where selecting one of them, will be omitting the issue: - Replace IN and OUT with LD/LDS/LDD and ST/STS/STD instructions - Use internal RAM for stack pointer.
29
2549KS-AVR-01/07
6. EEPROM read from application code does not work in Lock Bit Mode 3 When the Memory Lock Bits LB2 and LB1 are programmed to mode 3, EEPROM read does not work from the application code. Problem Fix/Workaround Do not set Lock Bit Protection Mode 3 when the application code needs to read from EEPROM.
ATmega2561 rev. E
No known errata.
ATmega2561 rev. D
Not sampled.
ATmega2561 rev. C
* High current consumption in sleep mode 1. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled.
ATmega2561 rev. B
Not sampled.
ATmega2561 rev. A
* * * * * * 1.
Non-Read-While-Write area of flash not functional Part does not work under 2.4 Volts Incorrect ADC reading in differential mode Internal ADC reference has too low value IN/OUT instructions may be executed twice when Stack is in external RAM EEPROM read from application code does not work in Lock Bit Mode 3
Non-Read-While-Write area of flash not functional The Non-Read-While-Write area of the flash is not working as expected. The problem is related to the speed of the part when reading the flash of this area. Problem Fix/Workaround - Only use the first 248K of the flash. - If boot functionality is needed, run the code in the Non-Read-While-Write area at maximum 1/4th of the maximum frequency of the device at any given voltage. This is done by writing the CLKPR register before entering the boot section of the code.
30
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
2. Part does not work under 2.4 volts The part does not execute code correctly below 2.4 volts Problem Fix/Workaround Do not use the part at voltages below 2.4 volts. 3. Incorrect ADC reading in differential mode The ADC has high noise in differential mode. It can give up to 7 LSB error. Problem Fix/Workaround Use only the 7 MSB of the result when using the ADC in differential mode
4. Internal ADC reference has too low value The internal ADC reference has a value lower than specified Problem Fix/Workaround - Use AVCC or external reference - The actual value of the reference can be measured by applying a known voltage to the ADC when using the internal reference. The result when doing later conversions can then be calibrated. 5. IN/OUT instructions may be executed twice when Stack is in external RAM If either an IN or an OUT instruction is executed directly before an interrupt occurs and the stack pointer is located in external ram, the instruction will be executed twice. In some cases this will cause a problem, for example: - If reading SREG it will appear that the I-flag is cleared. - If writing to the PIN registers, the port will toggle twice. - If reading registers with interrupt flags, the flags will appear to be cleared. Problem Fix/Workaround There are two application workarounds, where selecting one of them, will be omitting the issue: - Replace IN and OUT with LD/LDS/LDD and ST/STS/STD instructions - Use internal RAM for stack pointer. 6. EEPROM read from application code does not work in Lock Bit Mode 3 When the Memory Lock Bits LB2 and LB1 are programmed to mode 3, EEPROM read does not work from the application code. Problem Fix/Workaround Do not set Lock Bit Protection Mode 3 when the application code needs to read from EEPROM.
31
2549KS-AVR-01/07
Datasheet Revision History
Rev. 2549K-01/07
Please note that the referring page numbers in this section are referring to this document.The referring revision in this section are referring to the document revision.
1. 2. 3. 4. 5. 6: 7. 8. 9. 10.
Updated Table 1 on page 3. Updated "Pin Descriptions" on page 7. Updated "Stack Pointer" on page 14. Updated "Bit 1 - EEPE: EEPROM Programming Enable" on page 33. Updated Assembly code example in "Watchdog Timer" on page 62. Updated "EIMSK - External Interrupt Mask Register" on page 79. Updated Bit description in "PCIFR - Pin Change Interrupt Flag Register" on page 81. Updated code example in "USART Initialization" on page 215. Updated Figure 120 on page 288. Updated "DC Characteristics" on page 374.
Rev. 2549J-09/06
1. 2. 3. 4. 5. 6. Updated "Calibrated Internal RC Oscillator" on page 44. Updated code example in "Moving Interrupts Between Application and Boot Section" on page 74. Updated "Timer/Counter Prescaler" on page 190. Updated "Device Identification Register" on page 309. Updated "Signature Bytes" on page 345. Updated "Instruction Set Summary" on page 421.
Rev. 2549I-07/06
1. Updated Table 74 on page 130, Table 77 on page 131, Table 79 on page 132, Table 82 on page 149, Table 84 on page 161, Table 85 on page 161, Table 89 on page 191, Table 92 on page 192 and Table 94 on page 193. Updated "Fast PWM Mode" on page 151.
2.
Rev. 2549H-06/06
1. 2. 3. Updated "Calibrated Internal RC Oscillator" on page 44. Updated "OSCCAL - Oscillator Calibration Register" on page 48. Added Table 172 on page 384.
Rev. 2549G-06/06
1. 2. 3. 4. 5. 6. 7. Updated "Features" on page 1. Added Figure 2 on page 3, Table 1 on page 3. Updated "Calibrated Internal RC Oscillator" on page 44. Updated "Power Management and Sleep Modes" on page 50. Updated note for Table 30 on page 67. Updated Figure 121 on page 289 and Figure 122 on page 289. Updated "Setting the Boot Loader Lock Bits by SPM" on page 330.
32
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
ATmega640/1280/1281/2560/2561
8. 9. 10. Updated "Ordering Information" on page 18. Added Package information "100C1" on page 24. Updated "Errata" on page 27.
Rev. 2549F-04/06
1. 2. 3. 4. Updated Figure 15 on page 28, Figure 16 on page 29 and Figure 17 on page 29. Updated Table 88 on page 191 and Table 89 on page 191. Updated Features in "ADC - Analog to Digital Converter" on page 279. Updated "Fuse Bits" on page 343.
Rev. 2549E-04/06
1. 2. 3. 4. 5. 5. 6. Updated "Features" on page 1. Updated Table 27 on page 60. Updated note for Table 27 on page 60. Updated "Bit 6 - ACBG: Analog Comparator Bandgap Select" on page 277. Updated "Prescaling and Conversion Timing" on page 282. Updated "Maximum speed vs. VCC" on page 377. Updated "Ordering Information" on page 18.
Rev. 2549D-12/05
1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. Advanced Information Status changed to Preliminary. Changed number of I/O Ports from 51 to 54. Updatet typos in "TCCR0A - Timer/Counter Control Register A" on page 130. Updated Features in "ADC - Analog to Digital Converter" on page 279. Updated Operation in"ADC - Analog to Digital Converter" on page 279 Updated Stabilizing Time in "Changing Channel or Reference Selection" on page 286. Updated Figure 113 on page 280, Figure 121 on page 289, Figure 122 on page 289. Updated Text in "ADCSRB - ADC Control and Status Register B" on page 295. Updated Note for Table 4 on page 41, Table 51 on page 99, Table 128 on page 294 and Table 131 on page 299. Updated Table 170 on page 382 and Table 171 on page 383. Updated "Filling the Temporary Buffer (Page Loading)" on page 329. Updated "Typical Characteristics" on page 390. Updated "Packaging Information" on page 23. Updated "Errata" on page 27.
Rev. 2549C-09/05
1. 2. 3. Updated Speed Grade in section "Features" on page 1. Added "Resources" on page 9. Updated "SPI - Serial Peripheral Interface" on page 199. In Slave mode, low and high period SPI clock must be larger than 2 CPU cycles.
33
2549KS-AVR-01/07
4. 5. 6. 7. 8.
Updated "Bit Rate Generator Unit" on page 251. Updated "Maximum speed vs. VCC" on page 377. Updated "Ordering Information" on page 18. Updated "Packaging Information" on page 23. Package 64M1 replaced by 64M2. Updated "Errata" on page 27.
Rev. 2549B-05/05
1. 2. 3. 4. JTAG ID/Signature for ATmega640 updated: 0x9608. Updated Table 43 on page 94. Updated "Serial Programming Instruction set" on page 359. Updated "Errata" on page 27.
Rev. 2549A-03/05
1. Initial version.
34
ATmega640/1280/1281/2560/2561
2549KS-AVR-01/07
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. ATMEL (R), logo and combinations thereof, Everywhere You Are (R), AVR (R), AVR Studio (R), and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
2549KS-AVR-01/07


▲Up To Search▲   

 
Price & Availability of ATMEGA64007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X