Part Number Hot Search : 
1006C CT0201F 9812G SD103CW BAW567DW 141031 127DU BU705F
Product Description
Full Text Search
 

To Download 96-015A-4CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 96 UltraStable
316L SS Pressure Sensor High Performance 0-100 mV Output Absolute and Gage Low Pressure
Hydraulic Controls Process Control Oceanography Refrigeration/Compressors Pressure Transmitters Level Systems
DESCRIPTION
The Model 96 is a small profile, media compatible, piezoresistive silicon pressure sensor packaged in a 316L stainless steel housing. The Model 96 is available with a standard 1/4 NPT fitting. The sensing package utilizes silicone oil to transfer pressure from the 316L stainless steel diaphragm to the sensing element. The Model 96 is designed for high performance, low pressure applications. A ceramic substrate is attached to the package that contains laser-trimmed resistors for temperature compensation and offset correction. An additional lasertrimmed resistor is included which can be used to adjust an external differential amplifier and provide span interchangeability to within 1%. Sensors with O-ring fittings, and high pressure sensors are
FEATURES
1/4 NPT Thread, 5/8" Hex -20C to +85C Compensated Temperature Range 0.1% Pressure Non-linearity 1.0% Interchangeable Span (provided by gain set resistor) Solid State Reliability Low Power
also available. Please contact factory for more information.
DIMENSIONS
STANDARD RANGES
Range 0 to 15 0 to 30 0 to 50 0 to 100 0 to 300 0 to 500 psig psia


1-74
ISO - Wide Temperature Range
316L SS Pressure Sensor PERFORMANCE SPECIFICATIONS
Mode 96 UltraStable
All parameters specified at 1.5mA and at 25C, after 10 second warm up, unless otherwise indicated. Unless specifically indicated, only those parameters indicated as tested are verified on each part. Parameters are specified for the compensated version only.
PARAMETERS Full Scale Output Span Zero Pressure Output (Offset) Pressure Non Linearity Pressure Hysteresis Repeatability Input Resistance Output Resistance Temperature Error - Span (-20C to +85C) Temperature Error - Offset (-20C to +85C) Thermal Hysteresis - Span Thermal Hysteresis - Offset Long Term Stability - Span Long Term Stability - Offset Supply Current Output Load Resistance Insulation Resistance (50 VDC) Pressure Overload Compensated Temperature Range Operating Temperature Range Storage Temperature Range Media - Pressure Port Media - Reference Port Weight -20C to +85C -40C to +125C -50C to +125C Liquids and Gases compatible with 316L Stainless Steel Compatible with Silicon, Pyrex, Gold, Fluorosilicone Rubber and 316L Stainless Steel 27 g 10 0.5 5 50 3X 2000 4000 -0.75 -0.5 0.05 0.05 0.1 0.1 1.5 2.0 MIN 75 -1 -0.10 -0.05 0.02 0.02 3500 4500 25000 +0.75 +0.5 TYP 100 0 MAX 150 1 0.10 +0.05 UNITS mV mV % Span % Span % Span NOTES 1 2 3

% Span % Span % Span % Span % Span/year % Span/year mA M M Rated 9 9 9 6 7 8 4 4, 5 4 4
Notes 1. For amplified output circuits see application note TN-003. 2. 3. 4. 5. 6. Measured at vacuum for absolute (A), ambient for gage (G). Best fit straight line. Over the temperature range -20C to +85C with respect to +25C. 15 psi range sensors have an offset temperature error of 0.75% (Max) from -20C to +85C. Guarantees output/input ratiometricity.
7. 8. 9.
Load resistance to reduce measurement errors due to output loading. Between case and sensing element. Maximum temperature range for product with standard cable and connector is -20C to +105C.
10. Weight depends upon configuration (cable, connector, pressure fitting). 11. For gage units used at pressures below atmosphere, the span accuracy is not guaranteed.
ORDERING INFORMATION
96 - 050 G - 4 C T
T = Vent Tube, Blank is standard = No tube Electrical (C = Ribbon Cable with Connector, Electrical (P = Solder Pads, R = Ribbon Cable, Electrical (L = Lead, Uncompensated) Pressure Port (4 = 1/4 NPT) Type (A = Absolute, G = Gage) Pressure Range (15 to 500 psi, 050 = 50 psi) Model For other pressure ranges, process fittings and electrical connections contact factory.
APPLICATION SCHEMATIC
CONNECTIONS
PAD / CONDUCTOR NO 1 2 3 4 5 6 FUNCTION +OUT -EX +EX -OUT GAIN GAIN
February 2001
ISO - Wide Temperature Range
LEADER Electronic Co., Ltd - 116, Jianghuali, Jianghua Road, Jiangmen City, GD, PRC Tel: + 86 750 3101711, 3379183 Fax: + 86 750 3388669 Website: www.leadersensors.com - e-mail: leader@leadersensors.com


▲Up To Search▲   

 
Price & Availability of 96-015A-4CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X