Part Number Hot Search : 
FTSO5551 CXA2542 MIX17 TZMC30 LF721RW BAV99BDW K4164 T5551
Product Description
Full Text Search
 

To Download 5W-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 5W & 5X
Vishay Spectrol
5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
FEATURES
* High Resolution Resulting From 11 Turn Design Enables Precise Adjustment * 5mm Miniature Size for High Density PCB Mounting * Compatible with Ultrasonic Cleaning * Clutch Mechanism Prevents Excessive Wiper Rotation
ELECTRICAL SPECIFICATIONS
PARAMETER Resistance Range Resistance Tolerance Power Rating Maximum Working Voltage Maximum Wiper Current Operating Temperature Range Effective Electrical Number of Turns Residual Resistance Contact Resistance Variation Dielectric Strength Insulation Resistance Torque 10 to 2M 10% 70C - 0.25W, 0W @ 125C 300V 100mA maximum - 55C to + 125C 11 2 turns 1% or 2 maximum, whichever is greater 3% or 3, whichever is greater 600VAC 100M minimum (500VDC) 17.6mNm (180gf.cm)
ENVIRONMENTAL SPECIFICATIONS
PARAMETER Temperature Coefficient of Resistance Temperature Cycle Humidity Exposure Vibration Thermal Shock Load Life Low Temperature Exposure High Temperature Exposure Rotational Life TR: Total Resistance Change R 100 200ppm/C R 200 100ppm/C TR 2% S.S. 1% TR 2% 1R 10M minimum TR 1% S.S. 1% TR 1% S.S. 1% TR 3% or 3 S.S. 1% TR 1% S.S. 1% TR 2% S.S. 1% 100 cycles No Intermittence on Resistance Change S.S.: Setting Stability IR: Insulation Resistance
APPLICATIONS
Measuring instruments, Sensors, CPU's, Industrial machines.
SOLDERING & PART NUMBERING
Compatible with VPS reflow soldering method. 5X - XXX 5W - XXX
www.vishay.com 18
For technical questions, contact sfer@vishay.com
Document Number: 57013 Revision 16-Jul-03
Model 5W & 5X
5mm 11 Turn Surface Mount Cermet Trimming Potentiometer
DIMENSIONS in millimeters
OUTLINE DIMENSIONS
Vishay Spectrol
3.5
ADJ. SLOT DIA O 1.5 WIDTH 0.6 DEPTH 0.5
2.4 1.2
3 - 0.8
3 - 0.7
1.2
3 - 0.9
2.6
#2
0.5
0.5
2.6
3.9
#3
#1 2.5
3 - 0.7
#2
#2
#3 #1
#1
#3
CLOCKWISE
STANDARD PCB LAYOUT
1.3
3 - 1.6
4.0
2 - 1.3
2 - 1.3 2.5
2.9
1.3
3 - 1.6
RESISTANCE VALUE
MODEL NUMBER NOMINAL RESISTANCE VALUES TOP ADJUSTMENT (5W) SIDE ADJUSTMENT (5X)
10 20 50 100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 500K 1M 2M
5W - 100 5W - 200 5W - 500 5W - 101 5W - 201 5W - 501 5W - 102 5W - 202 5W - 502 5W - 103 5W - 203 5W - 503 5W - 104 5W - 204 5W - 504 5W - 105 5W - 205
5X - 100 5X - 200 5X - 500 5X - 101 5X - 201 5X - 501 5X - 102 5X - 202 5X - 502 5X - 103 5X - 203 5X - 503 5X - 104 5X - 204 5X - 504 5X - 105 5X - 205
Document Number: 57013 Revision 16-Jul-03
For technical questions, contact sfer@vishay.com
2.3
2.3
SCHEMATIC
0.2
3 - 0.8
3 - 0.9
3.7
5.0
ADJ. SLOT DIA O 1.5 WIDTH 0.6 DEPTH 0.5
4.8
2.4
4.8
4.9
www.vishay.com 19


▲Up To Search▲   

 
Price & Availability of 5W-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X