Part Number Hot Search : 
1N4981D M1602 SMAJ10 UPD65530 2SK2077 UPD65530 MMSZ4705 C7410
Product Description
Full Text Search
 

To Download 5SM200S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SERIES A/SM SURFACE MOUNT and PLUG-IN
Hi Reliability and Ultra-Miniature
SERIES A: Low Profile 0.5" x 0.5" x 0.3" Height! ...up to 1.25 Watts SERIES SM: Low Profile 0.5" x 0.5" x 0.340" Height! ...up to 1.25 Watts ALSO: New Series AT/DT 0.200 height - up to 0.75 Watts. (See table of contents) This series of unregulated DC-DC converters are produced in an ultra-miniature encapsulated package. 178 different models are available. The units feature single and dual outputs. They will operate over the temperature range of -25 C to +70 C. No heat sink is required. FEATURES LINE REGULATION: OUTPUT IS DIRECTLY PROPORTIONAL TO THE INPUT.
l l l l l l l l l
TYPICAL CHARACTERISTICS: Test conditions: 25 C ambient and input voltage at nominal value unless otherwise specified.
Up to 1.25 watt output at 70 C ambient Encapsulated semiconductors, conservatively rated for maximum reliability Ultra-miniature size (0.3" Height) 5 input voltage ranges 5, 12, 24, 28 and 48V DC 100 megohm @ 500V DC isolation Input/output isolation Single and dual output No heat sink required Up to 250V Output
Input voltage range:
5V models 4 to 6.5V DC 12V models 9 to 15V DC 24V models 17 to 28V DC 28V models 21 to 32V DC 48V models 25 to 50V DC
Output Voltage Tolerance at Full Load:
5V models 0.25V 9V models 0.3V 12V & 15V models 0.4V 24V & 28V models 0.5V 48V models 0.7V 100V, 150V, 200V & 250V models 3.0V
Options Available
l l l l l
Per Mil Std. 883 Expanded operating temp (-55 C to +85 C) Stabilization Bake (125 C ambient) Temperature Cycle (-55 C to +125 C) Hi Temp, full power burn in (100% power, 125 C case temp)
Converter frequency: 20 - 40 KHz Output temperature coefficient:
0.05%/C for 5V output 0.04%/C for 12V & 15V output 0.02%/C for 24, 28, 48, 100, 150, 200 and 250 volt outputs
Operating temperature: -25 C to +70 C ambient. No heat sink is required. Storage temperature: -55 C to +125 C Isolation: 100 megohms min. @ 500V DC
SERIES A/SM - SINGLE OUTPUT
PICO Plug-In Part Number
5A3.3S 5A5S 5A5.2S 5A9S 5A12S 5A15S 5A24S 5A28S 5A48S 5A100S 5A150S 5A200S 5A250S 12A3.3S 12A5S 12A5.2S 12A9S 12A12S 12A15S 12A24S 12A28S 12A48S 12A100S 12A150S 12A200S 12A250S 15A3.3S
PICO Surface Mount Part Number
5SM3.3S 5SM5S 5SM5.2S 5SM9S 5SM12S 5SM15S 5SM24S 5SM28S 5SM48S 5SM100S 5SM150S 5SM200S 5SM250S 12SM3.3S 12SM5S 12SM5.2S 12SM9S 12SM12S 12SM15S 12SM24S 12SM28S 12SM48S 12SM100S 12SM150S 12SM200S 12SM250S 15SM3.3S
Input Volt. (V DC)
5 5 5 5 5 5 5 5 5 5 5 5 5 12 12 12 12 12 12 12 12 12 12 12 12 12 15
Output Volt. (V DC)
3.3 5 5.2 9 12 15 24 28 48 100 150 200 250 3.3 5 5.2 9 12 15 24 28 48 100 150 200 250 3.3
Max. Load Current (mA)
303 200 192 139 104 83 52 45 26 12.5 8.3 6.25 5 303 200 192 139 104 83 52 45 26 12.5 8.3 6.25 5 303
Max. Output Power (watts)
1.00 1.00 1.00 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.00 1.00 1.00 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.00
Eff. @ Full Load Typical (%)
60 66 66 73 73 75 75 74 77 78 76 75 75 60 66 66 74 76 78 78 77 80 80 79 78 75 60
Input Current Full Load Typical (mA)
333 303 303 342 342 333 333 338 325 321 329 333 333 139 126 126 141 137 134 134 135 130 130 132 134 139 111
Output Voltage Ripple @ Full Load* (Vp-p max)
0.20 0.20 0.20 0.15 0.15 0.12 0.10 0.10 0.10 0.90 0.90 0.90 0.90 0.20 0.20 0.20 0.15 0.15 0.15 0.15 0.15 0.20 0.90 0.90 0.90 0.90 0.20
No Load Current Typical (mA)
80 65 65 80 80 90 90 90 90 ** ** ** ** 26 24 24 26 26 26 26 26 26 ** ** ** ** 22
Full Load Output Voltage Tolerance (V DC)
0.2 0.25 0.25 0.3 0.4 0.4 0.5 0.5 0.7 3.0 4.5 6.0 7.5 0.2 0.25 0.25 0.3 0.4 0.4 0.5 0.5 0.7 3.0 4.5 6.0 7.5 0.2
Price 1-24
56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 80.12 80.12 80.12 80.12 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 80.12 80.12 80.12 80.12 56.55
-
www..com 15A5S 15SM5S 15 5 200 1.00 66 101 0.20 20 15A5.2S 15SM5.2S 15 5.2 192 1.00 66 101 0.20 20 15A9S 15SM9S 15 9 139 1.25 74 113 0.15 20 15A12S 15SM12S 15 12 104 1.25 76 110 0.15 20 15A15S 15SM15S 15 15 83 1.25 78 107 0.15 20 15A24S 15SM24S 15 24 52 1.25 78 107 0.15 20 15A28S 15SM28S 15 28 45 1.25 77 108 0.15 20 15A48S 15SM48S 15 48 26 1.25 80 104 0.20 20 15A100S 15SM100S 15 100 12.5 1.25 80 104 0.90 ** 15A150S 15SM150S 15 150 8.3 1.25 79 105 0.90 ** 15A200S 15SM200S 15 200 6.25 1.25 78 107 0.90 ** 15A250S 15SM250S 15 250 5 1.25 75 111 0.90 ** 24A3.3S 24SM3.3S 24 3.3 303 1.00 60 69 0.20 16 24A5S 24SM5S 24 5 200 1.00 66 43 0.20 13 24A5.2S 24SM5.2S 24 5.2 192 1.00 66 43 0.20 13 24A9S 24SM9S 24 9 139 1.25 72 72 0.20 15 24A12S 24SM12S 24 12 104 1.25 75 69 0.20 15 24A15S 24SM15S 24 15 83 1.25 75 69 0.20 15 24A24S 24SM24S 24 24 52 1.25 78 67 0.20 15 24A28 24SM28S 24 28 45 1.25 77 68 0.20 15 24A48S 24SM48S 24 48 26 1.25 78 67 0.25 16 24A100S 24SM100S 24 100 12.5 1.25 76 69 0.90 ** 24A150S 24SM150S 24 150 8.3 1.25 73 71 0.90 ** 24A200S 24SM200S 24 200 6.25 1.25 73 71 0.90 ** 24A250S 24SM250S 24 250 5 1.25 70 74 0.90 ** 28A3.3S 28SM3.3S 28 3.3 303 1.00 60 59 0.20 15 28A5S 28SM5S 28 5 200 1.00 66 54 0.20 12 28A5.2S 28SM5.2S 28 5.2 192 1.00 66 54 0.20 12 28A9S 28SM9S 28 9 139 1.25 72 62 0.20 14 28A12S 28SM12S 28 12 104 1.25 72 62 0.20 14 28A15S 28SM15S 28 15 83 1.25 73 61 0.20 14 28A24S 28SM24S 28 24 52 1.25 76 59 0.20 14 28A28S 28SM28S 28 28 45 1.25 76 59 0.20 14 28A48S 28SM48S 28 48 26 1.25 77 58 0.25 15 28A100S 28SM100S 28 100 12.5 1.25 75 60 0.90 ** 28A150S 28SM150S 28 150 8.3 1.25 76 59 0.90 ** 28A200S 28SM200S 28 200 6.25 1.25 75 60 0.90 ** 28A250S 28SM250S 28 250 5 1.25 70 64 0.90 ** 48A3.3S 48SM3.3S 48 3.3 303 1.00 60 35 0.20 5 48A5S 48SM5S 48 5 200 1.00 66 32 0.25 6 48A5.2S 48SM5.2S 48 5.2 192 1.00 66 32 0.25 6 48A9S 48SM9S 48 9 139 1.25 72 36 0.25 8 48A12S 48SM12S 48 12 104 1.25 73 36 0.25 8 48A15S 48SM15S 48 15 83 1.25 72 36 0.25 8 48A24S 48SM24S 48 24 52 1.25 76 34 0.25 9 48A28S 48SM28S 48 28 45 1.25 76 34 0.25 9 * For units with output voltages up to 48 volts, ripple is measured with 10F, 75 volt high quality tantalum capacitor which is required across the output. * For units with output voltage of 100-250 volts use a 0.1F, 500 volt capacitor which is required across output, and maintain at least 10% of rated load to prevent a voltage surge. ** Maintain minimum 10% of rated load to prevent a voltage surge
0.25 0.25 0.3 0.4 0.4 0.5 0.5 0.7 3.0 3.0 3.0 3.0 0.2 0.25 0.25 0.3 0.4 0.4 0.5 0.5 0.7 3.0 4.5 6.0 7.5 0.2 0.25 0.25 0.3 0.4 0.4 0.5 0.5 0.7 3.0 4.5 6.0 7.5 0.2 0.25 0.25 0.3 0.4 0.4 0.5 0.5
56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 80.12 80.12 80.12 80.12 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 80.12 80.12 80.12 80.12 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 56.55 80.12 80.12 80.12 80.12 60.70 60.70 60.70 60.70 60.70 60.70 60.70 60.70
SERIES A/SM - DUAL OUTPUT
PICO Plug-In Part Number
5A5D 5A9D 5A12D 5A15D 5A24D 5A28D 5A48D 12A5D 12A9D 12A12D 12A15D 12A24D 12A28D 12A48D 15A5D 15A9D 15A12D 15A15D 15A24D 15A28D 15A48D 24A5D 24A9D 24A12D 24A15D 24A24D 24A28D 24A48D 28A5D 28A9D 28A12D 28A15D 28A24D 28A28D 28A48D 48A5D
PICO Surface Mount Part Number
5SM5D 5SM9D 5SM12D 5SM15D 5SM24D 5SM28D 5SM48D 12SM5D 12SM9D 12SM12D 12SM15D 12SM24D 12SM28D 12SM48D 15SM5D 15SM9D 15SM12D 15SM15D 15SM24D 15SM28D 15SM48D 24SM5D 24SM9D 24SM12D 24SM15D 24SM24D 24SM28D 24SM48D 28SM5D 28SM9D 28SM12D 28SM15D 28SM24D 28SM28D 28SM48D 48SM5D
Input Volt. (V DC)
5 5 5 5 5 5 5 12 12 12 12 12 12 12 15 15 15 15 15 15 15 24 24 24 24 24 24 24 28 28 28 28 28 28 28 48
Output Volt. (V DC)
5 9 12 15 24 28 48 5 9 12 15 24 28 48 5 9 12 15 24 28 48 5 9 12 15 24 28 48 5 9 12 15 24 28 48 5
Max. Load Current (mA)
100 69 52 42 26 22 13 100 69 52 42 26 22 13 100 69 52 42 26 22 13 100 69 52 42 26 22 13 100 69 52 42 26 22 13 100
Max. Output Power (watts)
0.5 0.625 0.625 0.625 0.625 0.625 0.625 0.5 0.625 0.625 0.625 0.625 0.625 0.625 0.5 0.625 0.625 0.625 0.625 0.625 0.625 0.5 0.625 0.625 0.625 0.625 0.625 0.625 0.5 0.625 0.625 0.625 0.625 0.625 0.625 0.5
Eff. @ Full Load Typical (%)
66 73 73 75 75 74 77 66 74 76 78 78 77 80 66 74 76 78 78 77 80 66 72 75 75 78 77 78 66 72 72 73 76 76 77 66
Input Current Full Load Typical (mA)
303 342 342 333 333 338 325 126 141 137 134 134 135 130 101 113 110 107 107 108 104 63 72 69 69 67 68 67 54 62 62 61 59 59 58 32
Output Voltage Ripple @ Full Load* (Vp-p max)
0.20 0.15 0.15 0.12 0.10 0.10 0.10 0.20 0.15 0.15 0.15 0.15 0.15 0.20 0.20 0.15 0.15 0.15 0.15 0.15 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.20 0.20 0.20 0.20 0.20 0.20 0.25 0.25
No Load Current Typical (mA)
65 80 80 90 90 90 90 24 26 26 26 26 26 26 20 20 20 20 20 20 20 13 15 15 15 15 15 16 12 14 14 14 14 14 15 6
Full Load Output Voltage Tolerance (V DC)
0.25 0.3 0.4 0.4 0.5 0.5 0.7 0.25 0.3 0.4 0.4 0.5 0.5 0.7 0.25 0.3 0.4 0.4 0.5 0.5 0.7 0.25 0.3 0.4 0.4 0.5 0.5 0.7 0.25 0.3 0.4 0.4 0.5 0.5 0.7 0.25
Price 1-24
63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 63.93 68.63
-
www..com 48A9D 48SM9D 48A12D 48SM12D 48A15D 48SM15D 48A24D 48SM24D 48A28D 48SM28D
48 48 48 48 48
9 12 15 24 28
69 52 42 26 22
0.625 0.625 0.625 0.625 0.625
72 73 72 76 76
36 36 36 34 34
0.25 0.25 0.25 0.25 0.25
8 8 8 9 9
0.3 0.4 0.4 0.5 0.5
68.63 68.63 68.63 68.63 68.63
* For units with output voltages up to 48 volts, ripple is measured with 10F, 75 volt high quality tantalum capacitor which is required across each output. Ordering Instructions: No minimum. Net 30 days F.O.B. Pelham, New York Delivery--stock to one week for sample orders.
Series A/SM Single Output
Series A Single Output Typical Weight: 3.5 Grams Series SM Single Output
Larger Size Drawing Series A Dual Output
Larger Size Schematic
Larger Size Drawing Series SM Dual Output
Series A/SM Dual Output
Typical Weight: 3.5 Grams
Larger Size Drawing
Larger Size Schematic
Larger Size Drawing
Note: White Dot on top unit indicates + input.
SINGLE & DUAL 12V - 5V SINGLE & DUAL 5V - 48V
Larger Size Graph SINGLE & DUAL 5V - 5V
Larger Size Graph SINGLE & DUAL 12V - 48V
Larger Size Graph
Larger Size Graph
RECOMMENDED LAND PATTERN DIMENSIONS SERIES SM
www..com
For immediate engineering assistance or to place an order: Call Toll Free: 800-431-1064
PICO Electronics, Inc.
143 Sparks Ave. Pelham, NY 10803-1837 Tel: 914-738-1400 or Fax: 914-738-8225


▲Up To Search▲   

 
Price & Availability of 5SM200S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X