Part Number Hot Search : 
LB1609 DRP10 TRANS RG4CZ 24121 ISL6251 SEL4925A C2610E
Product Description
Full Text Search
 

To Download 52520-XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Visual Interface (DVI) Connector System
Features and Benefits
* Fully compliant with the DDWG's DVI 1.0 Specification * Interface provides "lossless" transmission of image data, improving image quality by means of digital signaling from the PC's graphic subsystem to the display * 24-position, digital-only (DVI-D) right angle and vertical receptacles, and cable plugs * 29-position, integrated digital/analog (DVI-I) right angle and vertical receptacles, and cable plugs * 18-position DVI-D cable plug with single-link digital signaling * 24-position DVI-D cable plug with dual-link digital signaling
Receptacle
Description
The new Digital Visual Interface (DVI) connector system from FCI provides high-performance digital-only and integrated digital/analog interface between a host device and display device in high-resolution video applications. The connectors are compliant with the DVI 1.0 Specification established by the Digital Display Working Group (DDWG *). The purpose of this specification is to provide the industry specification for a digital interface between a computing device and a display device. FCI's DVI connector series supports one or two digital channels driven by Transition Minimized Differential Signaling (TMDS). TMDS provides the technical basis for the DVI 1.0 Specification. The DVI uses Silicon Image's TMDS for the base electrical interconnection, and the TMDS link is used to send graphics data to the monitor. The product offering includes: digital only (DVI-D) right angle receptacles, vertical receptacles, and cable plugs with 24 positions; combined digital and analog (DVI-I) right angle receptacles, vertical receptacles, and cable plugs with 29 positions; DVI-D cable plugs with 18 positions; and mounting screws for receptacles. The DVI-I connector conserves PCB real estate and allows for digital and analog support in a single connector instead of two connections.
www..net
* Single-piece shell with integral board locks * Tail guide in right angle receptacle prevents pin bending and ensures pin alignment * Recessed pin tips provide Electrostatic Discharge (ESD) protection * # 4 - 40 UNC mounting screws for receptacles are available
Cable Plug
* Fully-shielded for excellent Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI) performance * Detents provide EMI protection * Staggered pins facilitate the soldering process * Solder cups on pins also enable easy soldering * Tail guide ensures pin retention * Optional First Mate Last Break (FMLB) for hot plugging
Target Markets and Applications
Computing
* Desktop PCs, notebook computers, workstations, servers, graphics cards
PC Peripherals
* Digital and analog CRT monitors, LCD flat panel displays, projectors
Consumer Electronics
* Set-top boxes, DVDs, digital TVs, digital display devices with DVI interface
Industrial and Instrumentation
* POS terminals
* DDWG Promoters are Intel, Silicon Image, Compaq, Fujitsu, Hewlett-Packard, IBM, and NEC. TMDS is a trademark of Silicon Image, Inc.
http://www.fciconnect.com A m e r i c a s Te l . : 8 0 0 2 3 7 2 3 7 4 ; 7 1 7 9 3 8 7 2 0 0 * E u r o p e Te l . : 3 3 1 3 9 4 9 2 1 8 3 * A s i a / Pa c i f i c Te l . : 6 5 5 4 9 6 6 6 6
Digital Visual Interface (DVI) Connector System
Technical Data
Materials
Receptacle
* Housing: Glass-filled thermoplastic, UL 94 V-0 * Contacts: Copper alloy * Shell: Steel * Unmating force: 1.0 kg min. and 4.0 kg max. @25 mm/minute * Durability: 100 mating cycles
Environmental Properties
* Operating temperature range: -20C to +85C
Electrical Performance
* Insulation resistance: 1000 M min. * Dielectric withstanding voltage: 500 V DC rms 50 V, 60 Hz * Current rating: 1.5 A min. * Shell resistance: 50 m max. initial; 50 m max. change from initial * Contact resistance: 20 m max. initial per contact mated pair; 10 m max. change from initial per contact mated pair
Packaging
* Trays: 50 pieces per tray; 13 trays per box
Cable Plug
* Housing: Glass-filled thermoplastic, UL 94 V-0 * Contacts: Copper alloy * Shell: Steel
Specifications
* Product specification: GES-12-159 * Packaging specification: GES-14-530
Mechanical Performance
* Mating force: 4.5 kg max. @ 25 mm/minute
Ordering Information
Right Angle Receptacle
52520-X X X X X X Number of Contacts 24 - Digital only 29 - Combined digital and analog Post 1 - With post Housing Color 0 - Black 1 - Natural Mounting Screws 0 - Without mounting screws 1 - With mounting screws (unassembled) Plating 0 - Gold flash 1 - 15 in. gold 2 - 30 in. gold
Ordering Information
Vertical Receptacle
52527-X X X X X X Number of Contacts 24 - Digital only 29 - Combined digital and analog Post 0 - Without post Housing Color 0 - Black 1 - Natural Mounting Screws 0 - Without mounting screws 1 - With mounting screws (unassembled) Plating 0 - Gold flash 1 - 15 in. gold 2 - 30 in. gold
www..net
Cable Plug
52569-X X X X Number of Contacts 18 - Digital only (single link) 24 - Digital only (dual link) 29 - Combined digital and analog Housing Color 0 - Black 1 - Natural Plating 0 - Gold flash 1 - 15 in. gold 2 - 30 in. gold
Mounting Screws for Receptacles
Part Number 52554-001 # 4 - 40 UNC Mounting Screws
http://www.fciconnect.com A m e r i c a s Te l . : 8 0 0 2 3 7 2 3 7 4 ; 7 1 7 9 3 8 7 2 0 0 * E u r o p e Te l . : 3 3 1 3 9 4 9 2 1 8 3 * A s i a / Pa c i f i c Te l . : 6 5 5 4 9 6 6 6 6
950515-003 12/00
(c) 2000 Copyright Framatome Connectors International, S.A. All rights reserved
Repco Graphics +1-314-426-1800


▲Up To Search▲   

 
Price & Availability of 52520-XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X