Part Number Hot Search : 
FR2ML NDS9956 2SA15 71MP35 AV2BI HM304 UPD42232 PVC10010
Product Description
Full Text Search
 

To Download 42410-9418 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0424109418 Active
modular_plugs_jacks Modular Jack, Vertical, 8/2, Keyed
Product Specification PS-42410 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E107635 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 42410 PCB Jack No modular_plugs_jacks 3 N/A RJ45
Physical
Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Keying to Mating Part Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Black 500 94V-0 N/A Yes None Phosphor Bronze Gold Tin Polyester Vertical (Top Entry) Yes Yes 0.125 In 3.18 mm Tray With Flange 0.040 In 1.02 mm 0.050 In 1.27 mm 1 8/2 No -40C to +85C Through Hole No N/A
Search Parts in this Series 42410Series
Electrical
Current - Maximum per Contact 1.5A
Grounding to PCB Grounding to Panel Shielded Voltage - Maximum
No None No 150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-42410-492 PS-42410 SDA-42410-**** TS-42878-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 42410-9418

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X