Part Number Hot Search : 
3002B 2N5758 5G30D 5G30D LD7516C MA27V11 P040211 DLF0835
Product Description
Full Text Search
 

To Download 40106BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CD40106BC Hex Schmitt Trigger
October 1987 Revised September 2003
CD40106BC Hex Schmitt Trigger
General Description
The CD40106BC Hex Schmitt Trigger is a monolithic complementary MOS (CMOS) integrated circuit constructed with N and P-channel enhancement transistors. The positive and negative-going threshold voltages, VT+ and VT-, show low variation with respect to temperature (typ 0.0005V/C at VDD = 10V), and hysteresis, VT+ - VT- 0.2 VDD is guaranteed. All inputs are protected from damage due to static discharge by diode clamps to VDD and VSS.
Features
s Wide supply voltage range: 3V to 15V s High noise immunity: 0.7 VDD (typ.) s Low power TTL compatibility: s Hysteresis: 0.4 VDD (typ.),
Ordering Code:
Order Number CD40106BCM CD40106BCN
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
m o .c U t4 e e h S ta a .D w w w
Fan out of 2 driving 74L or 1 driving 74LS 0.2 VDD guaranteed s Equivalent to MM74C14 Package Number M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Schematic Diagram
Top View
(c) 2003 Fairchild Semiconductor Corporation
DS005985
om .c 4U et he aS at .D w w w
www.fairchildsemi.com
www..com
CD40106BC
Absolute Maximum Ratings(Note 1)
(Note 2) DC Supply Voltage (VDD) Input Voltage (VIN) Storage Temperature Range (TS) Power Dissipation (PD) Dual-In-Line Small Outline Lead Temperature (TL) (Soldering, 10 seconds) 260C 700 mW 500 mW
Recommended Operating Conditions (Note 2)
DC Supply Voltage (VDD) Input Voltage (VIN) Operating Temperature Range (TA) 3 to 15 VDC 0 to VDD VDC
-0.5 to +18 VDC -0.5 to VDD +0.5 VDC -65C to +150C
-55C to +125C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The table of "Recommended Operating Conditions" and "Electrical Characteristics" provides conditions for actual device operation. Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Symbol IDD Parameter Quiescent Device Current VDD = 5V VDD = 10V VDD = 15V VOL LOW Level Output Voltage |IO| < 1 A VDD = 5V VDD = 10V VDD = 15V VOH HIGH Level Output Voltage |IO| < 1 A VDD = 5V VDD = 10V VDD = 15V VT- Negative-Going Threshold Voltage VT+ Positive-Going Threshold Voltage VH Hysteresis (VT+ - VT-) Voltage IOL LOW Level Output Current (Note 3) IOH HIGH Level Output Current (Note 3) IIN Input Current VDD = 5V, VO = 4.5V VDD = 10V, VO = 9V VDD = 15V, VO = 13.5V VDD = 5V, VO = 0.5V VDD = 10V, VO = 1V VDD = 15V, VO = 1.5V VDD = 5V VDD = 10V VDD = 15V VDD = 5V, VO = 0.4V VDD = 10V, VO = 0.5V VDD = 15V, VO = 1.5V VDD = 5V, VO = 4.6V VDD = 10V, VO = 9.5V VDD = 15V, VO = 13.5V VDD = 15V, VIN = 0V VDD = 15V, VIN = 15V
Note 3: IOH and IOL are tested one output at a time.
Conditions
-55C Min Max 1.0 2.0 4.0 0.05 0.05 0.05 4.95 9.95 14.95 0.7 1.4 2.1 3.0 6.0 9.0 1.0 2.0 3.0 0.64 1.6 4.2 -0.64 -1.6 -4.2 -0.1 0.1 2.0 4.0 6.0 4.3 8.6 12.9 3.6 7.2 10.8 4.95 9.95 14.95 0.7 1.4 2.1 3.0 6.0 9.0 1.0 2.0 3.0 0.51 1.3 3.4 -0.51 -1.3 -3.4 Min
+25C Typ Max 1.0 2.0 4.0 0.05 0.05 0.05 5 10 15 1.4 3.2 5.0 3.6 6.8 10.0 2.2 3.6 5.0 0.88 2.25 8.8 -0.88 -2.25 -8.8 -10-5 10-5 -0.1 0.1 2.0 4.0 6.0 4.3 8.6 12.9 3.6 7.2 10.8
+125C Min Max 30 60 120 0.05 0.05 0.05 4.95 0.95 14.95 0.7 1.4 2.1 3.0 6.0 9.0 1.0 2.0 3.0 0.36 0.9 2.4 -0.36 -0.9 -2.4 -1.0 1.0 2.0 4.0 6.0 4.3 8.6 12.9 3.6 7.2 10.8
Units
A
V
V
V
V
V
mA
mA
A
www.fairchildsemi.com
2
www..com
CD40106BC
AC Electrical Characteristics (Note 4)
TA = 25C, CL = 50 pF, RL = 200k, tr and tf = 20 ns, unless otherwise specified Symbol tPHL or tPLH Input to Output tTHL or tTLH Transition Time Parameter Propagation Delay Time from Conditions VDD = 5V VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V CIN CPD Average Input Capacitance Power Dissipation Capacity Any Input Any Gate (Note 5) Min Typ 220 80 70 100 50 40 5 14 Max 400 200 160 200 100 80 7.5 pF pF ns ns Units
Note 4: AC Parameters are guaranteed by DC correlated testing. Note 5: CPD determines the no load ac power consumption of any CMOS device. For complete explanation see 74C Family Characteristics Application Note, AN-90.
Switching Time Waveforms
tr = tf = 20 ns
Typical Applications
Low Power Oscillator
Note: The equations assume t1 + t2 >> tPHL + tPLH
3
www.fairchildsemi.com
www..com
CD40106BC
Typical Performance Characteristics
Typical Transfer Characteristics Guaranteed Trip Point Range
Guaranteed
www.fairchildsemi.com
4
www..com
CD40106BC
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
5
www.fairchildsemi.com
www..com
CD40106BC Hex Schmitt Trigger
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 40106BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X