|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3515 3516 AND RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION The A3515- and A3516- are sensitive, temperature-stable linear Halleffect sensors with greatly improved offset characteristics. Ratiometric, linear Hall-effect sensors provide a voltage output that is proportional to the applied magnetic field and have a quiescent output voltage that is approximately 50% of the supply voltage. These magnetic sensors are ideal for use in linear and rotary position sensing systems in the harsh environments of automotive and industrial applications over extended temperatures to -40C and +150C. The A3515- features an output sensitivity of 5 mV/G, while the A3516- has an output sensitivity of 2.5 mV/G. See the Magnetic Characteristics table for complete, individual device parametrics. Each BiCMOS monolithic circuit integrates a Hall element, improved temperature-compensating circuitry to reduce the intrinsic sensitivity drift of the Hall element, a small-signal high-gain amplifier, and a rail-to-rail lowimpedance output stage. A proprietary dynamic offset cancelation technique, with an internal high-frequency clock, reduces the residual offset voltage, which is normally caused by device overmolding, temperature dependancies, and thermal stress. This technique produces devices that have an extremely stable quiescent output voltage, are immune to mechanical stress, and have precise recoverability after temperature cycling. Many problems normally associated with low-level analog signals are minimized by having the Hall element and amplifier in a single chip. Output precision is obtained by internal gain and offset trim adjustments during the manufacturing process. These devices are supplied in a 3-pin ultra-mini-SIP `UA' package. Data Sheet 27501.10B V CC 1 X 2 3 GROUND Dwg. PH-006 Pinning is shown viewed from branded side. OUTPUT SUPPLY ABSOLUTE MAXIMUM RATINGS Supply Voltage, VCC .............................. 8.0 V Output Voltage, VO ................................ 8.0 V Output Sink Current, IO ....................... 10 mA Magnetic Flux Density, B .............. Unlimited Package Power Dissipation, PD ........................................... See Graph Operating Temperature Range*, TA Suffix `E-' ..................... -40C to +85C Suffix `L-' .................... -40C to +150C Storage Temperature Range, TS .................................. -65C to +170C * Infrequent excursions permitted; see Applications Information. FEATURES s Temperature-Stable Quiescent Output Voltage s Precise Recoverability After Temperature Cycling s Output Voltage Proportional to Applied Magnetic Field s Ratiometric Rail-to-Rail Output s Improved Sensitivity s 4.5 V to 5.5 V Operation s Immune to Mechanical Stress s Small Package Size s Solid-State Reliability Always order by complete part number, e.g., A3515LUA . 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FUNCTIONAL BLOCK DIAGRAM 1 SUPPLY Vcc DYNAMIC OFFSET CANCELLATION LOW-PASS FILTER 800 ALLOWABLE PACKAGE POWER DISSIPATION in MILLIWATTS 700 Suffix "-UA" RJA = 165C/W 600 Suffix "-U" RJA = 184C/W 500 400 300 200 Suffix "E-" 100 Suffix "L-" 0 20 40 60 100 80 120 AMBIENT TEMPERATURE in C 140 160 180 Dwg. GH-046A 2 + - X 3 OUTPUT - + 2 GROUND Vcc/2 Dwg. FH-016A 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1996, 2002 Allegro MicroSystems, Inc. 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS ELECTRICAL CHARACTERISTICS over operating temperature range, at VCC = 5 V (unless otherwise noted). Limits Characteristic Supply Voltage Supply Current Quiescent Voltage Output Output Voltage Symbol VCC ICC VOQ VOH VOL Output Source Current Limit Bandwidth (-3 dB) Clock Frequency Output Resistance Wide-Band Output Noise (rms) IOLM BW fC rO eo IO -2 mA B = 0, BW = 10 Hz to 10 kHz, IO -1 mA, CO = 100 pF Test Conditions Operating B = 0, VCC = 6 V, IO = 0 B = 0, IO = 1 mA, TA = 25C B = +X*, IO = 1 mA B = -X*, IO = -1 mA B = -X*, VO = 0 Min. 4.5 - 2.425 Typ. 5.0 7.2 2.500 Max. 5.5 10 2.575 Units V mA V - - -1.0 4.7 0.2 -1.5 - - - V V mA - - - - 30 170 1.0 400 - - - - kHz kHz V NOTE 1 - Typical data is at TA = 25C and is for design information only. NOTE 2 - Negative current is defined as coming out of (sourcing) the output. * This test requires positive and negative fields sufficient to swing the output driver between fully OFF and saturated (ON), respectively. It is NOT intended to indicate a range of linear operation. www.allegromicro.com 3 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS MAGNETIC CHARACTERISTICS over operating temperature range, at VCC = 5 V, IO = -1 mA (unless otherwise noted). Part Numbers A3515EUA Characteristic* Operating Temp. Range, TA Sensitivity at TA = 25C Sens(T) at TA = Max. Sens(T) at TA = Min. VOQ(T) A3515LUA Min. Typ. Max. -40 - +150 A3516EUA Min. Typ. Max. -40 - +85 A3516LUA Min. Typ. Max. -40 - +150 Units C mV/G % % G % % % % % Min. Typ. Max. -40 - +85 4.50 5.00 5.50 -2.5 2.5 7.5 1.0 10 - - - - - 4.50 5.00 5.50 -2.5 2.5 7.5 1.0 10 - - - - - 2.25 2.50 2.75 -2.5 2.5 7.5 1.0 10 - - - - - 2.25 2.50 2.75 -2.5 2.5 7.5 1.0 10 - - - - - -9.0 -1.3 - - - - - - - 100 100 100 100 100 -9.0 -1.3 - - - - - - - 100 100 100 100 100 -9.0 -1.3 - - - - - - - 100 100 100 100 100 -9.0 -1.3 - - - - - - - 100 100 100 100 100 Ratiometry, VOQ(V) Ratiometry, Sens(V) Positive Linearity, Lin+ Negative Linearity, Lin- Symmetry NOTE 1 - Magnetic flux density is measured at most sensitive area of device located 0.0195" (0.50 mm) below the branded face of the "UA" package. NOTE 2 - 10 G = 1 mT, exactly. NOTE 3 - Except for Sens(T), typical data is at TA = 25C and is for design information only. * See Characteristics Definitions for test conditions. This calculation (formula 1, next page) yields the device's equivalent accuracy, over the operating temperature range, in gauss. 4 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS CHARACTERISTICS DEFINITIONS Quiescent Voltage Output. In the quiescent state (no magnetic field), the output is ideally equal to one-half of the supply voltage over the operating voltage and temperature range (VOQ VCC/2). Due to internal component tolerances and thermal considerations, there is a tolerance on the quiescent voltage output and on the quiescent voltage output as a function of supply voltage and ambient temperature. For purposes of specification, the quiescent voltage output as a function of temperature is defined as VOQ(T) = VOQ(TA) - VOQ(25C) Sens(25C) Ratiometry. The A3515xUA and A3516xUA feature a ratiometric output. The quiescent voltage output and sensitivity are proportional to the supply voltage (ratiometric). The per cent ratiometric change in the quiescent voltage output is defined as VOQ(V) = VOQ(VCC) / VOQ(5V) VCC / 5 V x 100% (4) (1) and the per cent ratiometric change in sensitivity is defined as Sens(V) = Sens(VCC) / Sens(5V) VCC / 5 V This calculation yields the device's equivalent accuracy, over the operating temperature range, in gauss. Sensitivity. The presence of a south-pole magnetic field perpendicular to the package face (the branded surface) will increase the output voltage from its quiescent value toward the supply voltage rail by an amount proportional to the magnetic field applied. Conversely, the application of a north pole will decrease the output voltage from its quiescent value. This proportionality is specified as the sensitivity of the device and is defined as VO(500G) - VO(-500G) 1000 G x 100% (5) Linearity and Symmetry. The on-chip output stage is designed to provide a linear output to within 500 mV of either rail with a supply voltage of 5 V. This is equivalent to approximately 800 gauss of ambient field. Although application of stronger magnetic fields will not damage these devices, it will force the output into a non-linear region. Linearity in per cent is measured and defined as VO(500G) - VOQ 2 (VO(250G) - VOQ) VO(-500G) - VOQ 2 (VO(-250G) - VOQ) Lin+ = (2) x 100% (6) Sens = The stability of sensitivity as a function of temperature is defined as Sens(T) = Sens(TA) - Sens(25C) Sens(25C) Lin- = x 100% (7) and output symmetry as x 100% (3) Sym = VO(500G) - VOQ VOQ - VO(-500G) x 100% (8) www.allegromicro.com 5 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS TYPICAL CHARACTERISTICS 1.4 9.0 Vcc = 5.5 V 1.2 Vcc = 5 V SUPPLY CURRENT IN mA 8.0 OUTPUT RESISTANCE IN IO = 1.0 -1 m A IO = IO = 1m A 5 mA 0 mA 7.0 0.8 IO = 1 0.6 6.0 -50 -25 0 25 50 75 100 125 150 0.4 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE IN C Dwg. GH-039-2 AMBIENT TEMPERATURE IN C Dwg. GH-060-1 2.55 2.54 6.0 A3515- 5.0 QUIESCENT OUTPUT VOLTAGE IN VOLTS 2.53 2.52 2.51 2.50 2.49 2.48 2.47 2.46 2.45 -50 0 -50 A3515- A3516- SENSITIVITY IN mV/G 4.0 3.0 A3516- 2.0 Vcc = 5 V Io = -1 mA Vcc = 5 V Io = -1 mA 1.0 -25 0 25 50 75 100 125 150 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE IN C Dwg. GH-067 AMBIENT TEMPERATURE IN C Dwg. GH-066 6 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS CRITERIA FOR DEVICE QUALIFICATION All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To become qualified, except for the destructive ESD tests, no failures are permitted. Qualification Test Temperature Humidity Bias Life Bias Life Test Method and Test Conditions JESD22-A101 TA = 85C, RH = 85% JESD22-A108 TA = 150C, TJ = 165C JESD22-A108 TA = 175C, TJ = 190C JESD22-A102 TA = 121C, 15 psig JESD22-A103 TA = 170C JESD22-A104 CDF-AEC-Q100-002 Test Length 1000 hrs Samples 77 Comments Device biased for minimum power 1000 hrs 77 (Surge Operating Life) 168 hrs 77 Autoclave, Unbiased 96 hrs 77 High-Temperature (Bake) Storage Life Temperature Cycle ESD, Human Body Model 1000 hrs 77 1000 cycles Pre/Post Reading 77 3 per test Test to failure All leads > 3 kV www.allegromicro.com 7 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS APPLICATIONS INFORMATION Calibrated linear Hall devices, which can be used to determine the actual flux density presented to the sensor in a particular application, are available. For safe, reliable operation, the output should not be pulled above the supply voltage or pulled below the device ground. For optimum performance, a 0.1 F capacitor between the supply and ground, and a 100 pF capacitor between the output and ground, should be added. The ratiometric feature is especially valuable when these devices are used with an analog-to-digital converter. A/D converters typically derive their LSB step size by ratioing off a reference voltage line. If the reference voltage varies, the LSB will vary proportionally. This is a major error source in many sensing systems. The A3515xUA and A3516xUA can eliminate this source of error by their ratiometric operation. Because their gain and offsets are proportional to the supply voltage, if they are powered from the A/D reference voltage, the sensor output voltage will track changes in the LSB value. These devices can withstand infrequent temperature excursions, beyond the Absolute Maximum Ratings, to TA = 170C provided the junction temperature, TJ, does not exceed 200C. Extensive applications information on Hall-effect sensors and magnets is also available in the "Hall-Effect IC Applications Guide", which can be found in the latest issue of the Allegro MicroSystems Electronic Data Book, AMS-702 or Application Note 27701, or at ACTIVE AREA DEPTH 0.0195" 0.50 mm NOM SENSOR LOCATION SUFFIX "UA" 0.081" 2.06 mm 0.056" 1.42 mm A BRANDED SURFACE 1 2 3 Dwg. MH-011-7A Allegro www.allegromicro.com TYPICAL CURRENT-SENSING APPLICATION B N x 6.9 G/A Dwg. AH-005A 8 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS TYPICAL POSITION-SENSING APPLICATIONS (Alnico 8, dimensions in inches) + VCC + 0.21 VCC D SENSOR DEPTH BELOW PACKAGE FACE N S S N N S RELATIVE MAGNETIC FLUX DENSITY RELATIVE MAGNETIC FLUX DENSITY RELATIVE OUTPUT VOLTAGE D 0 VOQ 0.19 SN NS D 0 0 0.1 0.2 0.3 0.4 RELATIVE DISTANCE (TOTAL EFFECTIVE AIR GAP) VOQ 0.5 Dwg. GH-047 -0.10 -0.08 -0.06 -0.04 0 0.04 RELATIVE DISTANCE 0.06 0.08 GND 0.10 Dwg. GH-049 + VCC + EFFECTIVE AIR GAP VCC 0.19 N S EFFECTIVE AIR GAP = 0.050 N 0.21 S D RELATIVE MAGNETIC FLUX DENSITY RELATIVE OUTPUT VOLTAGE EFFECTIVE AIR GAP = 0.075 0 VOQ EFFECTIVE AIR GAP = 0.095 -0.4 -0.2 0 RELATIVE DISTANCE 0.2 0.4 GND Dwg. GH-048 0 0 0.05 0.10 0.15 RELATIVE DISTANCE 0.20 VOQ 0.25 Dwg. GH-050 www.allegromicro.com RELATIVE OUTPUT VOLTAGE D RELATIVE MAGNETIC FLUX DENSITY RELATIVE OUTPUT VOLTAGE N S S N 9 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS A3515xUA and A3516xUA Dimensions in Inches (controlling dimensions) 0.164 0.159 Dimensions in Millimeters (for reference only) 4.17 4.04 45 0.062 0.058 45 1.57 1.47 0.122 0.117 45 0.031 3.10 2.97 45 0.79 0.085 MAX 1 2 3 2.16 MAX 1 2 3 0.640 0.600 0.0173 0.0138 16.26 15.24 0.44 0.35 SEE NOTE 0.0189 0.0142 SEE NOTE 0.48 0.36 0.050 BSC Dwg. MH-014E in 1.27 BSC Dwg. MH-014E mm Radial Lead Form (order A351xxUA-LC) NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest point (parting line). 2. Exact body and lead configuration at vendor's option within limits shown. 3. Height does not include mold gate flash. 4. Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm). 5. Where no tolerance is specified, dimension is nominal. 6. Supplied in bulk pack (500 pieces per bag). 1 2 3 0.620" 0.500" (15.7 mm 12.7 mm) 0.108" (2.74 mm) 0.100" (2.5 mm) Dwg. MH-026 NOTE: Lead-form dimensions are the nominals produced on the forming equipment. No dimensional tolerance is implied or guaranteed for bulk packaging (500 pieces per bag). 10 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS Surface-Mount Lead Form (add `-TL' to part number) Dimensions in Inches (controlling dimensions) Dimensions in Millimeters (for reference only) 0.095 0.005 2.41 0.13 0.002 MAX 0.051 MAX 0.004 MAX 0-8 0.020 MIN FLAT Dwg. MH-015 in 0.10 MAX 0-8 0.51 MIN FLAT Dwg. MH-015 mm NOTE: Supplied in bulk pack (500 devices per bag). The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties that may result from its use. www.allegromicro.com 11 3515 AND 3516 RATIOMETRIC, LINEAR HALL-EFFECT SENSORS HALL-EFFECT SENSORS LINEAR HALL-EFFECT SENSORS Partial Part Number UGN3503 A3515x A3516x A3517x A3518x Supply Voltage (V) 4.5 to 6 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 4.5 to 5.5 Typical Sensitivity 1.3 mV/G 5 mV/G 2.5 mV/G 5 mV/G 2.5 mV/G Equivalent Accuracy (see note 3) -- <10 G <10 G <20 G <20 G Oper. Temp. S E, L E, L S, L S, L Packages LT, UA UA UA UA UA Comments chopper stabilized chopper stabilized chopper stabilized chopper stabilized Notes: 1) Typical data is at TA = +25C and nominal operating voltage. 2) "x" = Operating Temperature Range [suffix letter or (prefix)]: S (UGN) = -20C to +85C, E = -40C to +85C, J = -40C to +115C, K (UGS) = -40C to +125C, L (UGL) = -40C to +150C. 3) Linear Hall-effect equivalent accuracy is defined as VOQ over the operating temperature range, divided by sensitivity. 12 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 |
Price & Availability of 3516 |