Part Number Hot Search : 
10524 M2073 V15G02 CZRB3120 HC257 S1D13305 MBR520 5931B
Product Description
Full Text Search
 

To Download 2SA812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
FEATURES
Commplementary to 2SC1623. High DC current gain:hFE=200typ. (VCE=-6.0V,IC=-1.0mA) High Voltage: VCEO=-50V
www..com
Production specification
2SA812
Pb
Lead-free
APPLICATIONS
Audio frequency, general purpose amplifier SOT-23
ORDERING INFORMATION
Type No. 2SA812 Marking M4/M5/M6/M7 Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Value -60 -50 -5 -100 200 -55~150 Units V V V mA mW
Document number: BL/SSSTC010 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
Production specification
2SA812
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter www..com breakdown voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(sat) VBE fT Cob Test conditions IC=-100A,IE=0 IC=-1mA,IB=0
B
MIN -60 -50 -5
TYP
MAX
UNIT V V V
Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance
IE=-100A,IC=0 VCB=-60V,IE=0 VEB=-5V,IC=0 VCE=-6V,IC=-1mA IC=-100mA, IB=-10mA
B
-0.1 -0.1 90 200 600 -0.3 -0.58 180 4.5 -0.68
A A
V V MHz pF
IC=-1mA, VCE=-6V VCE=-6V, IC=-10mA VCB=-10V,IE=0,f=1MHz
CLASSIFICATION
Range Marking M4
OF
hFE(1)
M5 135-270 M6 200-400 M7 300-600
90-180
Document number: BL/SSSTC010 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
Production specification
2SA812
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
www..com
Document number: BL/SSSTC010 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
2SA812
SOT-23
SOT-23
Dim A
B
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
www..com
K
B C D
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device 2SA812
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC010 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of 2SA812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X