Part Number Hot Search : 
B080000 D1704 LTC340 PTB20191 TQQ1231 SQFP80 M39432NC SLA70
Product Description
Full Text Search
 

To Download 230-02122-6DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bayonet Coupling Box Mount Receptacle with Crimp Removable Contacts * MS3477 Type
230-021 MIL-DTL-26482 Series II Type Hermetic
MIL-DTL 26482 Type
Connector Style 021 = Hermetic Box Mount Receptacle with Solderless Contacts
Insert Arrangement Per MIL-STD-1669
Alternate Insert Arrangement W, X, Y or Z (Omit for Normal) (See Table II)
230 - 021
Series 230 MIL-DTL-26482 Type
FT
10 - 6
Shell Size
D
X
Material/Finish Z1 = Stainless Steel/ Passivated FT = C1215 Stainless Steel/Tin Plated (See Note 2)
Contact Type D = Pin Face, Crimp Rear, Removable Sockets (See Note 6)
OK
D
PANEL CUT-OUT
L Max Ref F Master Polarizing Keyway .060 Width Polarizing Stripe Peripheral Gasket G Vitreous Insert Rear Insulator Assembly
Min Edge Distance Relative To Mounting Holes Shell Sizes 8 - 18 = .035 Shell Sizes 20 - 24 = .050
A
B C
B Typ
F E D
C Interfacial Seal Painted Bayonet Pin Ends
O H Typ 4 Pl
A Max (Typ)
.070 .031 Wide Blue Color Band Located Within .125 Of Flange
(c) 2009 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
D-24
Bayonet Coupling Box Mount Receptacle with Crimp Removable Contacts * MS3477 Type
HERMETIC LEAK RATE MOD CODES Designator
-585A -585B -585C
Required Leak Rate
1 x 10-10 cc's Helium per second 1 x 10-9 cc's Helium per second 1 x 10-8 cc's Helium per second
TABLE I: CONNECTOR AND CUT-OUT DIMENSIONS
Shell Size 8 10 12 14 16 18 20 22 24 A B C Dia Mounting Locator F G .078/.046 (2.0/1.2) .078/.046 (2.0/1.2) .078/.046 (2.0/1.2) .078/.046 (2.0/1.2) .078/.046 (2.0/1.2) .078/.046 (2.0/1.2) .110/.078 (2.8/2.0) .110/.078 (2.8/2.0) .110/.078 (2.8/2.0) H .120 (3.0) .120 (3.0) .120 (3.0) .120 (3.0) .120 (3.0) .120 (3.0) .120 (3.0) .120 (3.0) .147 (3.7) K Dia Panel Cut-Out .570 (14.5) .680 (17.3) .789 (20.0) .914 (23.2) 1.039 (26.4) 1.164 (29.6) 1.258 (32.0) 1.383 (35.1) 1.508 (38.3) L 1.078 (27.4) 1.078 (27.4) 1.078 (27.4) 1.078 (27.4) 1.078 (27.4) 1.078 (27.4) 1.140 (29.0) 1.140 (29.0) 1.140 (29.0)
.828 (21.0) .594 (15.1) .954 (24.2) .719 (18.3) 1.047 (26.6) .812 (20.6) 1.141 (29.0) .906 (23.0) 1.234 (31.3) .969 (24.6) 1.328 (33.7) 1.062 (27.0) 1.453 (36.9) 1.156 (29.4) 1.578 (40.1) 1.250 (31.8) 1.703 (43.3) 1.375 (34.9)
.563/.557 .704/.680 (14.3/14.1) (17.9/17.3) .673/.667 .704/.680 (17.1/16.9) (17.9/17.3) .782/.776 .704/.680 (20.0/19.7) (17.9/17.3) .907/.901 .704/.680 (23.0/22.9) (17.9/17.3) 1.032/1.026 .704/.680 (26.2/26.1) (17.9/17.3) 1.157/1.151 .704/.680 (29.4/29.2) (17.9/17.3) 1.251/1.245 .756/.739 (31.8/31.6) (18.9/18.8) 1.376/1.371 .756/.739 (35.0/34.8) (18.9/18.8) 1.501/1.495 .756/.739 (38.1/38.0) (18.9/18.8)
APPLICATION NOTES 1. 2. To be identified with manufacturer's name, part number and date code, space permitting. Material/Finish: Shell: Z1 - 304L stainless steel/passivate. FT - C1215 stainless steel/tin plated. Titanium and Inconel(R) available. Consult factory. Contacts - 52 Nickel alloy/gold plate. Bayonets - Stainless steel/passivate. Seals - Silicone elastomer/N.A. Insulation - Glass/N.A. Rear insulator - Rigid dielectric/N.A. Glenair 230-021 will mate with any QPL MIL-DTL-26482 4. Series II bayonet coupling plug of same size and insert polarization. Performance: Hermeticity - <1 x 10-7 cc/sec @ 1 atm differential. Dielectric withstanding voltage - Consult factory or MIL-STD-1669. Insulation resistance - 5000 megohms min @500VDC. See Table II for available insert arrangement option. Connectors are supplied with applicable crimp socket contacts per MIL-C-39029/22-** and MS3160-** insert and removal tool. Metric Dimensions (mm) are indicated in parentheses.
5. 6.
3.
7.
(c) 2009 Glenair, Inc. www.glenair.com
CAGE CODE 06324
Printed in U.S.A. E-Mail: sales@glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
D-25
MIL-DTL 26482 Type
230-021 MIL-DTL-26482 Series II Type Hermetic
D


▲Up To Search▲   

 
Price & Availability of 230-02122-6DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X