Part Number Hot Search : 
TZ110B LM134 2SA1787 GBJ15DU TSM1N45 NC403 0402C BCW31
Product Description
Full Text Search
 

To Download 1SS380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SS380
Diodes
Switching diode
1SS380
!Applications Low leakage switching !External dimensions (Units : mm)
CATHODE MARK 0.30.05 0.1
+0.1 -0.05
1.70.1
!Construction Silicon epitaxial planar
0.7 1.250.1 Model identification label
2.50.2
!Features 1) Small surface mounting type. (UMD2) 2) Ultra low IR. (IR=40pA Typ.) 3) High reliability.
+0.2 -0.1
ROHM : UMD2 EIAJ : SC-76 JEDEC : SOD-323
!Absolute maximum ratings (Ta = 25C)
Parameter Peak reverse voltage DC reverse voltage Peak forward current Mean rectifying current Surge current (1s) Junction temperature Storage temperature Symbol VRM VR IFM IO Isurge Tj Tstg Limits 40 35 225 100 400 125 -55~+125 Unit V V mA mA mA
C C
!Electrical characteristics (Ta = 25C)
Parameter
Forward voltage Reverse current Capacitance between terminals
Symbol VF IR CT
Min. - - -
Typ. - - -
Max. 1.2 10 5.0
Unit V nA pF IF =100mA VR =20V
Conditons
VR=0.5V, f=1MHz
1SS380
Diodes
!Electrical characteristic curves (Ta = 25C)
CAPACITANCE BETWEEN TERMINALS : CT (pF)
5 f=1MHz 4
1
FORWARD CURRENT : IF (A)
100n
REVERSE CURRENT : IR (A)
125C
100m
10n
85C
3
10m
1n
25C
2
1m
75 C 25 C -25 C
100p
1
100 20
10p 2p
0
0.5
1.0
0
50
100
0
0
10
20
30
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
REVERSE VOLTAGE : VR (V)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
Fig. 3 Capacitance between terminals characteristics
FORWARD SURGE CURRENT : Isurge (A)
REVERSE RECOVERY TIME : trr (nsec)
100 VR=6V, Irr=0.1IR 80
Ta=25C NON * REPETITIVE FORWARD SURGE CURRENT IF (A)
Io CURRENT (%)
100 80 60 40 20
20
PULSE WIDTH
P=50%
60
40
10
20
0
0
10
20
30
0 0.02 0.1
1
10
100
1000
0 0
25
50
75
100
125
FORWARD CURRENT : IF (A)
PULSE WIDTH : TW (ms)
AMBIENT TEMPERATURE : Ta (C)
Fig. 4 Reverse recovery time characteristics
Fig. 5 Surge current characteristics
Fig. 6 Derating curve (mounting on glass epoxy PCBs)


▲Up To Search▲   

 
Price & Availability of 1SS380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X