Part Number Hot Search : 
06N60 G8ND2 PJP7N60 50400 EGL1F PW534320 ZMM5247B FR420
Product Description
Full Text Search
 

To Download 1SMC5380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMC5348 THRU 1SMC5388
SURFACE MOUNT SILICON ZENER DIODE VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts
FEATURES l For surface mounted applications in order to optimize board space l Low profile package l Built-in strain relief l l l l l Glass passivated junction Low inductance Typical ID less than 1 gA above 13V High temperature soldering : 260 J /10 seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-O MECHANICAL DATA Case: JEDEC DO-214AB Molded plastic over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, method 2026 Standard Packaging: 16mm tape(EIA-481) Weight: 0.007 ounce, 0.21 gram
DO-214AB
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. SYMBOL DC Power Dissipation @ TL=75 J , Measure at Zero Lead Length(Fig. 1) PD Derate above 75 J (Note 1) Peak forward Surge Current 8.3ms single half sine-wave superimposed on rated IFSM load(JEDEC Method) (Note 1,2) Operating Junction and Storage Temperature Range TJ,TSTG NOTES: 1. Mounted on 8.0mm copper pads to each terminal.
2
VALUE 5.0 40.0 See Fig. 5 -55 to +150
UNITS Watts mW/J Amps J
2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum.
1SMC5348 THRU 1SMC5388
ELECTRICAL CHARACTERISTICS (T A=25 J unless otherwise noted, VF=1.2 Max @ IF=1A for all types.
Type No. (Note 1.)
Nominal Zener Voltage Vz @ IZT volts (Note 2.)
Test current IZT mA
Maximum Zener Impedance
ZZT @ IZT Ohms (Note 2.) Z Zk @ IZK = 1 mA Ohms (Note 2.) IR
Max reverse Leakage Current
g A
Maximum Max Max Regulator Surge Voltage Current Current Regulation I mA @ VR Volts ZM Ir Amps GVz, Volts (Note 5.) Non & A B-Suffix (Note 3.) (Note 4.)
Suffix
Device Marking Code
1SMC5348 1SMC5349 1SMC5350 1SMC5351 1SMC5352 1SMC5353 1SMC5354 1SMC5355 1SMC5356 1SMC5357 1SMC5358 1SMC5359 1SMC5360 1SMC5361 1SMC5362 1SMC5363 1SMC5364 1SMC5365 1SMC5366 1SMC5367 1SMC5368 1SMC5369 1SMC5370 1SMC5371 1SMC5372 1SMC5373 1SMC5374 1SMC5375 1SMC5376 1SMC5377 1SMC5378 1SMC5379 1SMC5380 1SMC5381 1SMC5382 1SMC5383 1SMC5384 1SMC5385 1SMC5386 1SMC5387 1SMC5388
11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8 8 8 8 5 5 5
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3 3 3.5 3.5 4 5 6 8 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
5 2 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
8 8.6 9.4 10.1 10.8 11.5 12.2 13 13.7 14.4 15.8 17.3 18 19.4 20.1 21.6 23.8 25.9 28.1 31 33.8 36.7 40.3 43 44.6 49 54 59 63 65.5 72 79.2 86.4 93.6 101 108 115 122 130 137 144
8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1 51.7 56 62.2 66 69.2 76 83.6 91.2 98.8 106 114 122 129 137 144 152
8 7.5 7 6.7 6.3 6 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1 1 0.9 0.9
0.25 0.25 0.25 0.25 0.25 0.3 0.35 0.4 0.4 0.4 0.45 0.55 0.55 0.6 0.6 0.6 0.6 0.65 0.65 0.7 0.8 0.9 1 1.2 1.35 1.5 1.6 1.8 2 2.2 2.5 2.5 2.5 2.5 2.5 3 3 3 4 5 5
430 395 365 340 315 295 280 265 250 237 216 198 190 176 170 158 144 132 122 110 100 93 86 79 76 70 63 58 54.5 52.5 47.5 43 39.5 36.6 34 31.6 29.4 28 26.4 25 23.6
348B 349B 350B 351B 352B 353B 354B 355B 356B 357B 358B 359B 360B 361B 362B 363B 364B 365B 366B 367B 368B 369B 370B 371B 372B 373B 374B 375B 376B 377B 378B 379B 380B 381B 382B 383B 384B 385B 386B 387B 388B
NOTE: 1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of O 10% with guaranteed limits on only Vz, IR, Ir, and VF as shown in the electrical characteristics table. Units with guaranteed limits on all seven parameters are indicated by suffix "B" for O 5% tolerance. 2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for Zener voltage and impedance are as follows; Iz is applied 40 O 10 ms prior to reading. Mounting contacts are located from the inside edge of mounting clips to the body of the diode.(TA=25 J J ).
I*
3. SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave current with a pulse width, PW, of 8.3 ms. The data given in Figure 5 may be used to find the maximum surge current for a quare wave of any pulse width between 1 ms and 1000ms by plotting the applicable points on logarithmic paper. Examples of this, using the 6.8v and 200V zeners, are shown in Figure 6. Mounting contact located as specified in Note 3. (TA=25 J J ). 4. VOLTAGE REGULATION (GVz) - Test conditions for voltage regulation are as follows: Vz measurements are made at 10% and then at 50% of the Iz max value listed in the electrical characteristics table. The test currents are the same for the 5% and 10% tolerance devices. The test current time druation for each Vz measurement is 40 O 10 ms. (TA=25 J J ). Mounting contact located as specified in Note2. 5. MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a 5% type unit. Therefore, it applies only to the B-suffix device. The actual IZM for any device may not exceed the value of 5 watts divided by the actual Vz of the device. TL=75 J at maximum from the device body.
I* I*
APPLICATION NOTE: Since the actual voltage available from a given zener diode is temperature dependent, it is necessary to determine junction temperature under any set of operating conditions in order to calculate its value. The following procedure is recommended: Lead Temperature, TL, should be determined from: TL = c LAPD + TA c LA is the lead-to-ambient thermal resistance (J /W) and PD is the power dissipation. Junction Temperature, TJ , may be found from: TJ = TL + GTJL GTJL is the increase in junction temperature above the lead temperature and may be found from Figure 3 for a train of power pulses or from Figure 4 for dc power. GTJL = c JLPD For worst-case design, using expected limits of Iz, limits
of PD and the extremes of TJ(GTJ) may be estimated. Changes in voltage, Vz, can then be found from: GV = c VZ GTJ c VZ, the zener voltage temperature coefficient, is fount from Figures 2. Under high power-pulse operation, the zener voltage will vary with time and may also be affected significantly be the zener resistance. For best regulation, keep current excursions as low as possible. Data of Figure 3 should not be used to compute surge capability. Surge limitations are given in Figure 5. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure. 5 be exceeded.
RATING AND CHARACTERISTICS CURVES 1N5348B THRU 1N5388B TEMPERATURE COEFFICIENTS
PD, MAXIUMU POWER DISSIPATION (WATTS)
c VZ, TEMPERATURE COEFFICIENT (mA/J_@IZT
300 200 100 50 30 20 10 5 0 20 40 60 80 100 120 140 160 180 200 220 RANGE
8 6 4 2 0 0 20 40 60 80 100 120 140 160 L = LEAD LENGTH TO HEAT SINK (SEE FIGURE 5)
VZ, ZENER VOLTAGE @IZT (VOLTS)
TL, LEAD TEMPERATURE (J)
Fig. 1-POWER TEMPERATURE DERATING CURVE
Fig. 2-TEMPERATURE COEFFICIENT-RANGE FOR UNITS 6 TO 220 VOLTS
c JL(t,D), TRANSIENT THERMAL RESISTANCE JUNCTION-TOLEAD(J/W)
30 20 10 7 5 3 2 1 0.7 0.5 0.05 0.02 NOTE BELOW 0.1 SECOND, THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L) 0.002 0.005 0.01 0.02 0.05 DUTY CYCLE, D = t1 / t2 SINGLE PULSE GTJL = KJL(t)PPK REPETITIVE PULSES GTJL = KJL(t,D)PPK 0.1 0.2 0.5 1 2 5 10 D = 0.5 0.2 0.1
0.01 0.3 0.0001 0.0002
D=0 0.0005 0.001
TIME (SECONDS)
Fig. 3-TYPICAL THERMAL RESPONSE
JL, JUNCTION-TO -LEAD THERMAL RESISTANCE (J /W)
IR, PEAK SURGE CURRENT (AMPS)
40 20 10 4 2 1 PW = 1000ms* 0.4 0.2 0.1 3 4 6 8 10 20 30 40 60 80 100 200 SINE / SQUARE WAVE PW = 100ms* PW = 1ms* PW = 8.3ms*
40 30
20 10 0 0 0.2 0.4 0.6 0.8 1 MCUNTE ON 8.0mm2 COPPER PADS TO EACH TERMINAL
L, LEAD LENGTH TO HEAT SINK (INCH)
NOMINAL VZ(V)
Fig. 4-TYPICAL THERMAL RESISTANCE
Fig. 5-MAXIMUM NON-REPETITIVE SURGE CURRENT VERSUS NOMINAL ZENER VOLTAGE (SEE NOTE 3)
RATING AND CHARACTERISTICS CURVES 1N5348B THRU 1N5388B ZENER VOLTAGE VERSUS ZENER CURRENT (FIGURES 7,8, AND 9)
30 20 10 5 2 1 0.5 VZ = 200V 0.2 0.1 1 10 100 1000 PLOTTED FROM INFORMATION GIVEN IN FIGURE 6
IZ, ZENER CURRENT (mA)
VZ = 6.8V
TC = 25 J 1000
T = 25 J
100
10 1 0.1 1 2 3 4 5 6 7 8 9 10
VZ, ZENER VOLTAGE (VOLTS)
Fig. 6-PEAK SURGE CURRENT VERSUS PULSE WIDTH(SEE NOTE 3)
1000 T = 25 J 100
Fig. 7-ZENER VOLTAGE VERSUS ZENER CURRENT VZ = 6.8 THRU 10 VOLTS
1000
IZ, ZENER CURRENT (mA)
IZ, ZENER CURRENT (mA)
100
10
10
1
1
0.1 10 50 20 60 30 40 70 80
0.1 80 100 120 140 160 180 200 220
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
Fig. 8-ZENER VOLTAGE VERSUS ZENER CURRENT VZ = 11 THRU 75 VOLTS
Fig. 9-ZENER VOLTAGE VERSUS ZENER CURRENT VZ = 82 THRU 200 VOLTS
*** Data of Figure 3 should not be used to compute surge capability. Surge limitations are given in Figure 5. They are lower than would be expected by considering only junction temperature, as current crowding effects cause temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure. 5 be exceeded


▲Up To Search▲   

 
Price & Availability of 1SMC5380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X