Part Number Hot Search : 
MJD148 LR5360 MBR2045 DS24B33 CV5008 SR8100 B41694 CJF15031
Product Description
Full Text Search
 

To Download 1201230010000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K Rafix 16 Series Selector Switches
XX
Features/Benefits
oVE
D N FI
Models Available (Contact block only)
S S S S S S S
Quick connect terminals Illuminated indicator available Momentary or latching 2 or 3 positions
Typical Applications
Machine process control Printing machinery Metal working machinery
I Rotary
How To Order
To order, select actuator and contact block part numbers. Accessories, filament lamps and LEDs available separately, see section L. Other frame styles, contact arrangements, lens colors, LEDs and flush models available, consult Customer Service Center.
Specifications
CONTACT RATING: Ag: 6 AMPS @ 250 V AC; Au: 250 mA @ 42 V AC/DC. CONTACT SYSTEM: Self cleaning bridge contact. CONTACT ARRANGEMENT: 1 N.C. & 1 N.O./2 N.O./2 N.C. CONTACT RESISTANCE: Ag: 20 mW; Au: t50 mW. ILLUMINATION: Wedge base filament lamp or LED. FIXING: Hexagon nut OPERATING LIFE: 30,000 cycles. OPERATING TEMPERATURE: Non-illuminated: -25_C to +70_C; -13_F to +158_F. Illuminated: -25_C to +55_C; -13_F to +131_F.
DEGREE OF PROTECTION: IP65; Dust-proof, water splash and dew condensation. INDEXING: Varies by part number.
Materials
SWITCH HOUSING: PA. COLLAR: PBTB. CONTACT BLOCK HOUSING: PA 12. LENS: PA 12. CONTACT MATERIAL: Silver nickel/gold. TERMINALS: Quick connect 2.8 x 0.8 tin plated. FLAMMABILITY OF PLASTIC MATERIALS: UL 94V-0.
Illuminated Momentary and Latching Selector Switches
SWITCH SWITCH CONFIGURATION
POS. 1
HANDLE COLOR TRANSLUCENT COLOR
1.30073.5510241
PART NUMBER
INDEXING
PART NUMBER
PANEL MOUNTING
2
1.30073.551
POS. 1
40_ momentary
1.30073.651*
3
2
40_ momentary
POS. 1
1.30073.501
2 POS. 1 2
90_ latching
1.30073.601 1.30073.701*
90_ latching
0241 0318 0417 0526 0619
White Red Yellow Green Blue PANEL THICKNESS .02 - .20 (0.5 - 5,0)
POS. 1 3 2
60_ latching
POS. 1
1.30073.751*
3
2
90_ latching 40_ momentary
*Requires universal contact block. All others require standard contact block.
ITT Industries
Cannon
I-29 www.ittcannon.com
C&K Rafix 16 Series Selector Switches
Standard Contact Block for illuminated Momentary and Latching Selector Switches
I Rotary
1.20122.0010000
1 N.C. + 1 N.O.
STANDARD CONTACT BLOCK MATERIAL/ CONTACT RATING Silver 250 V/ 6 A (4 A) Gold 42 V/ 250 mA CONTACT ARRANGEMENT 1 N.C. & 1 N.O. 2 N.O. 2 N.C. 1 N.C. & 1 N.O. 2 N.O. 2 N.C.
PART NUMBER
FUNCTION
1.20122.0010000 1.20122.0020000 1.20122.0030000 Contact Block with Momentary and Latching Selector Switch 1.20122.0110000 1.20122.0120000 1.20122.0130000
Momentary
Momentary
Universal Contact Block for illuminated Momentary and Latching Selector Switches
1.20123.0010000
1 N.C. + 1 N.O.
UNIVERSAL CONTACT BLOCK MATERIAL/ CONTACT RATING CONTACT ARRANGEMENT 1 N.C. & 1 N.O. 1 N.C. 1 N.O. 2 N.C. 2 N.O. 1 N.C. & 1 N.O. 1 N.C. 1 N.O. 2 N.C. 2 N.O.
PART NUMBER
FUNCTION
1.20123.0010000 1.20123.0020000 1.20123.0030000 1.20123.0040000 1.20123.0050000 1.20123.0110000 1.20123.0120000 1.20123.0130000 1.20123.0140000 1.20123.0150000
Momentary
Silver 250 V/ 6 A (4 A)
Contact Block with Momentary and Latching Selector Switch
Momentary
Gold 42 V/ 250 mA
ITT Industries
Cannon
I-30 www.ittcannon.com
C&K Rafix 16 Series Selector Switches
Non-illuminated Momentary and Latching Selector Switches
1.30073.550.0200
SWITCH PANEL MOUNTING SWITCH CONFIGURATION
POS. 1
HANDLE COLOR
I Rotary
PART NUMBER
FUNCTION
PART NUMBER
COLOR
1.30073.550
1 x 40_ momentary
2
POS. 1
1.30073.650*
2 x 40_ momentary
3
2
POS. 1
1.30073.500
PANEL THICKNESS .02 - .20 (0.5 - 5,0)
1 x 90_ latching
2
0200
O aque Opaque white hit
1.30073.600 1.30073.700*
POS. 1
2
1 x 90_ latching
POS. 1
2 x 60_ latching
3
2
POS. 1
1.30073.750*
1 x 90_ latching 1 x 40_ momentary
3
2
*Requires universal contact block. All others require standard contact block.
Standard Contact Block for Non-illuminated Momentary and Latching Selector Switches
1.20122.0210000
1 N.C. + 1 N.O.
STANDARD CONTACT BLOCK MATERIAL/ CONTACT RATING Silver 250 V/ 6 A (4 A) Gold 42 V/ 250 mA CONTACT ARRANGEMENT 1 N.C. & 1 N.O. 2 N.O. 2 N.C. 1 N.C. & 1 N.O. 2 N.O. 2 N.C.
PART NUMBER
FUNCTION
1.20122.0210000 1.20122.0220000 1.20122.0230000 1.20122.0310000 1.20122.0320000 1.20122.0330000
Momentary
Contact Block with Momentary and Latching Selector Switch
Momentary
ITT Industries
Cannon
I-31 www.ittcannon.com
C&K Rafix 16 Series Selector Switches
Universal Contact Block for Non-illuminated Momentary and Latching Selector Switches
I Rotary
1.20123.0210000
1 N.C. + 1 N.O.
UNIVERSAL CONTACT BLOCK MATERIAL/ CONTACT RATING CONTACT ARRANGEMENT 1 N.C. & 1 N.O. 1 N.C. 1 N.O. 2 N.C. 2 N.O. 1 N.C. & 1 N.O. 1 N.C. 1 N.O. 2 N.C. 2 N.O.
PART NUMBER
FUNCTION
1.20123.0210000 1.20123.0220000 1.20123.0230000 1.20123.0240000 1.20123.0250000 1.20123.0310000 1.20123.0320000 1.20123.0330000 1.20123.0340000 1.20123.0350000
Momentary
Silver 250 V/ 6 A (4 A)
Contact Block with Momentary and Latching Selector Switch
Momentary
Gold 42 V/ 250 mA
ITT Industries
Cannon
I-32 www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of 1201230010000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X