Part Number Hot Search : 
OPF480 CS485XX VNP28N04 MA3180 00051 HIROSE 1410517 ST150A13
Product Description
Full Text Search
 

To Download 1022M-10M-F-106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 1022

Single Point Load Cells
Features Capacities: 3 - 35 kg (6.61 - 77.16 lbs) Only 22mm (.09 inch) high Aluminum Construction Single point 350mm x 350mm (13.78 inch x 13.78 inch) platform IP66 protection OIML R60 (Cert. TC 2792) and NTEP (Cert. 96-122) approved Class I, II, III Division 1 - FM (Factory Mutual) EEx ia IIC T4 - PTB
Model 1022 is a low profile single point load cell designed for direct mounting of low cost weighing platforms. Its small physical size, combined with high accuracy and aluminum construction, makes this load cell ideally suited for retail, bench and counting scales where savings in parts and labor due to simpler scale construction can be made. Available in a range of capacities, from 3 to 35kg and approved to OIML, R60 (4000d) or NTEP 5000d, single). Environmental protection to IP66 is provided as standard.
EXCELLENCE IN LOAD CELLS
Contact Info E-mail sales@tedea-huntleigh.com Website www.tedea-huntleigh.com
Europe Tedea-Huntleigh Europe Ltd. 37 Portmanmoor Road Cardiff CF24 SHE United Kingdom Tel:+44(0)29-20460231 Fax:+44(0)29-20462173 International Tedea-Huntleigh International Ltd. 2 Hozoran St. New Industrial Zone P.O. Box 8381, Netanya 42506 Israel Tel: +972-9-863-8888 Fax: +972-9-863-8800 China Beijing Tedea-Huntleigh No. 16 Hong Da Bei Lu Da Xing County, Beijing Economic & Technology Development Area, Beijing 100176 Tel:+86-10-67881604-09 Fax:+86-10-67881576 Germany Tedea-Huntleigh GmbH. Mumlingweg 18 D-64297 Darmstadt-Eberstadt Germany Tel:+49-6151-94460 Fax:+49-6151-944640 France SEEA sa 16 Rue Francis Vovelle 28000 Chartres France Tel: +33-237-33-3120 Fax:+33-237-3129
7800 DEERING AVE. P.O. BOX 7964 CANOGA PARK CA 91309-7964 USA TEL: 800.626.2616 FAX: 818.340.1175
Model 1022
Single Point Load Cells
GRADE E F G** C3*** UNITS Rated Capacities 3, 5, 7, 10, 15, 20, 30, 35 kg Rated Output 2.0 10% mV/V Total Error* 0.0300 0.0200 0.0200 0.0200 % of Applied Load Zero Return after 30 mins 0.0500 0.0250 0.0170 0.0170 % of Applied Load Temperature Effect : On Output 0.0030 0.0014 0.0010 0.0010 % of Applied Load / C Temperature Effect : On Zero 0.0100 0.0060 0.0040 0.0023 % of Rated Output / C Eccentric Loading 0.0085 0.0085 0.0057 0.0057 % of Applied Load / cm Zero Balance 10.0 % of Rated Output Temperature range : Operating -30 to +70 C Temperature range : Compensated -10 to +40 C Safe Overload 150 % of Rated Capacity Ultimate Overload 300 % of Rated Capacity Excitation: Recommended 10 Volts AC or DC Excitation: Maximum 15 Volts AC or DC Input Impedance 415 15 Ohms Output Impedance 350 3 Ohms Insulation Impedance >2000 Mega Ohms Deflection at Rated Capacity <0.4 mm Weight 0.15 kg Construction Aluminum Environmental Protection IP66 Cable 0.5 Meter (Standard), 4 Wire, PVC, Single Floating Screen Approvals OIML R60 (Certificate TC 2792) and NTEP (Certificate 96 - 122)
* Total Error - According to OIML R60 ** 85% utilization standard C4 Grade also available. *** 50% min utilization. Consult factory for other utilization factors.
Outline Dimensions All Capacities (in mm)
CAPACITY 3, 5, 7 kg 10, 15, 20, 30 kg 35 kg
A 25.4 30.0 40.0
Wiring Schematic Diagram
(unbalanced bridge configuration)
+Input (Green) +Output (Red) -Input (Black) -Output (White)


▲Up To Search▲   

 
Price & Availability of 1022M-10M-F-106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X