Part Number Hot Search : 
D112E XB501C ST2604B XC402 VDL1518 2SC3166 NJM2193M SUP70N
Product Description
Full Text Search
 

To Download 0710280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Extract from the online catalog
DFK-MSTB 2,5/13-GF-5,08
Order No.: 0710280
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0710280
Plug component, Nominal current: 12 A, Nom. voltage: 320 V, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 13, Color: green, Assembly: Direct mounting
Product notes Commercial data EAN Pack Customs tariff Weight/Piece Catalog page information 4017918005313 50 pcs. 85366990 0.01345 KG Page 285 (CC-2009) http:// www.download.phoenixcontact.com Please note that the data given here has been taken from the online catalog. For comprehensive information and data, please refer to the user documentation. The General Terms and Conditions of Use apply to Internet downloads. WEEE/RoHS-compliant since: 01/01/2003
Technical data Dimensions / positions Pitch Dimension a Number of positions 5.08 mm 60.96 mm 13
PHOENIX CONTACT Inc., USA http://www.phoenixcon.com
Page 1 / 5 Feb 15, 2010
DFK-MSTB 2,5/13-GF-5,08 Order No.: 0710280
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0710280
Technical data Insulating material group Rated surge voltage (III/3) Rated surge voltage (III/2) Rated surge voltage (II/2) Rated voltage (III/2) Rated voltage (II/2) Connection in acc. with standard Nominal current IN Nominal voltage UN Nominal cross section Maximum load current Insulating material Inflammability class acc. to UL 94 Max. current slip-on connection Dimensions of slip-on connection Connection data Conductor cross section solid min. Conductor cross section solid max. Conductor cross section stranded min. Conductor cross section stranded max. Conductor cross section AWG/kcmil min. Conductor cross section AWG/kcmil max Certificates / Approvals 0.2 mm 2.5 mm 0.2 mm 2.5 mm 24 12 I 4 kV 4 kV 4 kV 320 V 630 V EN-VDE 12 A 320 V 2.5 mm 12 A PA V2 8A 2.8 x 0.8 mm
Certification CSA Nominal voltage UN Nominal current IN
CB, CSA, CUL, GOST, UL, VDE-PZI
300 V 10 A
PHOENIX CONTACT Inc., USA http://www.phoenixcon.com
Page 2 / 5 Feb 15, 2010
DFK-MSTB 2,5/13-GF-5,08 Order No.: 0710280
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0710280
CUL Nominal voltage UN Nominal current IN UL Nominal voltage UN Nominal current IN Accessories Item Assembly 0708263 1755477 DFK-MSTB-SS MSTB-BL Screw set, for securing the header to the device wall, consists of an M3 x 10 screw, with a spring washer and a nut Keying cap, for forming sections, plugs onto header pin, green insulating material Designation Description 300 V 10 A 300 V 10 A
Plug/Adapter 1734401 CR-MSTB Coding section, inserted into the recess in the header or the inverted plug, red insulating material
Additional products Item General 1873317 FKC 2,5/13-STF-5,08 Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Springcage conn., Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Springcage conn., Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Springcage conn., Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Springcage conn. Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Screw connection, Color: green Designation Description
1902411
FKCT 2,5/13-STF-5,08
1874219
FKCVR 2,5/13-STF-5,08
1873919
FKCVW 2,5/13-STF-5,08
1777905
FRONT-MSTB 2,5/13-STF-5,08
1778098
MSTB 2,5/13-STF-5,08
PHOENIX CONTACT Inc., USA http://www.phoenixcon.com
Page 3 / 5 Feb 15, 2010
DFK-MSTB 2,5/13-GF-5,08 Order No.: 0710280
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0710280
1809844
MSTBC 2,5/13-STZF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Crimp connection Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Screw connection Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Screw connection, Color: green Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Screw connection, Color: green Plug component, Nominal current: 10 A, Nom. voltage: 500 V, Pitch: 5.08 mm, Number of positions: 13, Connection type: Insulation displacement connection QUICKON, Color: green
1805408
MSTBT 2,5/13-STF-5,08
1835203
MVSTBR 2,5/13-STF-5,08
1835012
MVSTBW 2,5/13-STF-5,08
1883857
QC 1/13-STF-5,08
Diagrams/Drawings Drilling plan/solder pad geometry Dimension b = 3.02 mm + (no. of pos. x 5.08 mm) Dimension c = Dim. b + 7.14 mm
Dimensioned drawing
PHOENIX CONTACT Inc., USA http://www.phoenixcon.com
Page 4 / 5 Feb 15, 2010
DFK-MSTB 2,5/13-GF-5,08 Order No.: 0710280
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=0710280
Address
PHOENIX CONTACT Inc., USA 586 Fulling Mill Road Middletown, PA 17057,USA Phone (800) 888-7388 Fax (717) 944-1625 http://www.phoenixcon.com
(c) 2010 Phoenix Contact Technical modifications reserved;
PHOENIX CONTACT Inc., USA http://www.phoenixcon.com
Page 5 / 5 Feb 15, 2010


▲Up To Search▲   

 
Price & Availability of 0710280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X