Part Number Hot Search : 
MAX3241 6KE27C LTC2654 2N2219A 40N10 L1025 1N3802B L1025
Product Description
Full Text Search
 

To Download 015-91-1122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0015911122 Active
2.54mm (.100") Pitch C-Grid(R) Header, Surface Mount, Dual Row, Vertical, 12 Circuits, 0.38m (15") Gold (Au) Selective Plating, with 3.30mm (.130") PCB Locator Pegs
Documents: 3D Model Drawing (PDF)
Product Specification PS-71308 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Product Name PCB Headers 71308 Board-to-Board, Wire-to-Board C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 12 12 Black 50 94V-0 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes Tube 0.100 In 2.54 mm 15.2 0.38 80 2 No No No Yes -40C to +105C Surface Mount
Search Parts in this Series 71308Series
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 30 Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
3 260
Material Info
Old Part Number 71308-4112N
Reference - Drawing Numbers
Product Specification Sales Drawing PS-71308, RPS-71308-001 SD-71308-001
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 015-91-1122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X