Part Number Hot Search : 
AJ591 DF455 151MP2 C1660 SRC1207M RL826 TCMZ8V2 G8912BXI
Product Description
Full Text Search
 

To Download VG2618165DJ-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VIS
Description
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
The device CMOS Dynamic RAM organized as 1,048,576 words x 16 bits with extended data out access mode. It is fabricated with an advanced submicron CMOS technology and designed to operate from a single 5V only or 3.3V only power supply. Low voltage operation is more suitable to be used on battery backup, portable electronic application. Selfrefresh is supported and CBR cycles are being performed. lt is packaged in JEDEC standard 42-pin 400mil SOJ and 50(44)-pin 400mil TSOPII.
Features
* Single 5V( 10 %) or 3.3V( 10 %) only power supply * High speed tRAC access time: 50/60ns * Extended-data-out (EDO) page mode access * I/O level: TTL compatible (Vcc = 5V) LVTTL compatible (Vcc = 3.3V) * 4 refresh modes: - RAS only refresh - CAS - before - RAS refresh - Hidden refresh - Self-refresh * Refresh interval: - RAS only refresh, CAS - before - RAS refresh and hidden refresh: 1024 cycles in 16 ms - Self-refresh: 1024 cycles * JEDEC standard pinout: 44-pin 400mil SOJ and 50(44)-pin 400mil TSOPII
Document:1G5-0179
Rev.1
Page 1
VIS
Pin Configuration 42-Pin 400mil SOJ VCC DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 NC NC NC WE RAS NC NC A0 A1 A2 A3 VCC
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
50(44)-Pin 400mil TSOPII
VCC DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 NC NC WE RAS NC NC A0 A1 A2 A3 VCC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
VSS DQ15 DQ14 DQ13 DQ12 VSS DQ11 DQ10 DQ9 DQ8 NC LCAS UCAS OE A9 A8 A7 A6 A5 A4 VSS
1 2 3 4 5 6 7 8 9 10 11 15 16 17 18 19 20 21 22 23 24 25
50 49 48 47 46 45 44 43 42 41 40 36 35 34 33 32 31 30 29 28 27 26
GND DQ15 DQ14 DQ13 DQ12 GND DQ11 DQ10 DQ9 DQ8 NC NC LCAS UCAS OE A9 A8 A7 A6 A5 A4 GND
Pin Description Pin Name A0-A9 Function Address inputs - Row address: A0-A9 - Column address: A0-A9 - Refresh address: A0-A9 Data-in / data-out Row address strobe Column address strobe Write enable Output enable Power (+5 V or + 3.3V) Ground No connection
DQ0~DQ15 RAS UCAS, LCAS WE OE Vcc Vss NC
Document:1G5-0179
Rev.1
Page 2
VIS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
Block Diagram
WE LCAS UCAS CAS
CONTROL LOGIC
DATA - IN BUFFER DQ1 . . DQ16
NO.2 CLOCK GENERATOR
DATA - OUT BUFFER OE
COLUMNADDRESS BUFFERS (10) A0 A1 A2 A3 A4 A5 A6 A7
ROW DECODER
COLUMN DECODER
REFRESH CONTROLLER
1024
SENSE AMPLIFIERS I/0 GATING REFRESH COUNTER
1024x16
A8 A9 ROW ADDRESS BUFFERS (10)
1024 x 1024 x 16 MEMORY ARRAY
1024
RAS
NO.1 CLOCK GENERATOR
Vcc Vss
Document:1G5-0179
Rev.1
Page 3
VIS
TRUTH TABLE
FUNCTION RAS STANDBY READ : WORD READ : LOWER BYTE H L L LCAS HX L L UCAS HX L H WE X H H OE X L L
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
ADDRESSES ROW X ROW ROW COL X COL COL High-Z Data-Out Lower Byte: Data-Out Upper Byte: High-Z Lower Byte: High-Z Upper Byte: Data-Out Data-In DQS Notes
READ: UPPER BYTE
L
H
L
H
L
ROW
COL
WRITE: WORD (EARLY WRITE) WRITE: LOWER BYTE (EARLY) WRITE : UPPER BYTE (EARLY) READ WRITE PAGE-MODE READ 1st Cycle 2nd Cycle PAGE-MODE WRITE 1st Cycle 2nd Cycle PAGE-MODE READWRITE HIDDEN REFRESH 1st Cycle 2nd Cycle READ WRITE RAS-ONLY REFRESH CBR REFRESH
L
L
L
L
X
ROW
COL
L
L
H
L
X
ROW
COL
Lower Byte: Data-In Upper Byte: High-Z Lower Byte: High-Z Upper Byte: Data-In Data-Out, Data-In Data-Out Data-Out Data-In Data-In Data-Out, Data-In Data-Out, Data-In Data-Out Data-In High-Z High-Z 4 1,2 2 2 1 1 1,2 1,2 2 1,3
L
H
L
L
X
ROW
COL
L L L L L L L LHL LHL L HL
L HL HL HL HL HL HL L L H L
L HL HL HL HL HL HL L L H L
HL H H L L HL HL H L X H
LH L L X X LH LH L X X X
ROW ROW n/a ROW n/a ROW n/a ROW ROW ROW X
COL COL COL COL COL COL COL COL COL n/a X
Notes: 1. These WRITE cycles may also be BYTE WRITE cycles (either LCAS or UCAS active). 2. These READ cycles may also be BYTE READ cycles (either LCAS or UCAS active). 3. EARLY WRITE only. 4. At least one of the two CAS signals must be active (LCAS or UCAS).
Document:1G5-0179
Rev.1
Page 4
VIS
Absolute Maximum Ratings
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
Parameter Voltage on an any pin relative to Vss 5V 3.3V Supply voltage relative to Vss 5V 3.3V Short circuit output current Power dissipation Operating temperature Storage temperature
Symbol VT VCC IOUT PD TOPT TSTG
Value -1.0 to + 7.0 -0.5 to + 4.6 -1.0 to + 7.0 -0.5 to + 4.6 50 1.0 0 to + 70 -55 to + 125
Unit V
V mA W
C C
Recommended DC Operating Conditions
Parameter/Condition Supply Voltage Input High Voltage, all inputs Input Low Voltage, all inputs
Symbol VCC VIH VIL
5 Volt Version Min 4.5 2.4 -1.0 Typ 5.0 Max 5.5 VCC + 1.0 0.8 Min 3.0 2.0 -0.3
3.3 Volt Version Typ 3.3 Max 3.6 VCC + 0.3 0.8
Unit
V V V
Capacitance Ta = 25C, VCC = 5V 10 % or 3.3V 10 %, f = 1MHz
Parameter Input capacitance (Address) Input capacitance (RAS , LCAS , UCAS, OE, WE) Output capacitance (Data-in, Data-out)
Symbol CI1 CI2 CI/O
Max 5 7 7
Unit pF pF pF
Note 1 1 1, 2
Note: 1. Capacitance measured with effective capacitance measuring method. 2. RAS, LCAS and UCAS = VIH to disable Dout.
Document:1G5-0179
Rev.1
Page 5
VIS
Parameter Symbol Test Conditions Operating current ICC1 RAS cycling LCAS / UCAS cycling tRC = min TTL interface RAS,LCAS / UCAS = VIH Dout = High-Z CMOS interface RAS, CAS Vcc -0.2V Dout = High-Z RAS-only refresh current ICC3 RAS cycling, LCAS / UCAS = VIH tRC = min tRC = min tRC = min RAS, LCAS / UCAS cycling tRAS 100s 0V V I N V C C + 0.5V 0V V OUT V CC + 0.5V Dout = Disable Output high Voltage Output low voltage Notes: VOH VOL IOH = - 5mA IOL = + 4.2mA
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
DC Characteristics; 5- Volt Verion (Ta = 0 to + 70 C, VCC= + 5V 10 %,VSS = 0V) , VG26(S)18165 -5 Min Max 160 Min -6 Max 1, 2 145 mA Unit Notes
Standby current
ICC2
2
-
2
mA
1
-
1
mA
1, 2 160 145 mA 1, 3 1, 2
EDO page mode current CAS-before-RAS refresh current Self-refresh current Input leakage current Output leakage current
ICC4 ICC5 ICC6 ILI ILO
-5
90 160 500 5
-5
80 145 500 5
mA mA A A A V V
-5
5
-5
5
2.4 -
0.4
2.4 -
0.4
1. ICC is specified as an average current. It depends on output loading condition and cycle rate when the device is selected. ICC max is specified at the output open condition. 2. Address can be changed once or less while RAS = VIL. 3. For ICC4, address can be changed once or less within one EDO page mode cycle time.
Document:1G5-0179
Rev.1
Page 6
VIS
Parameter Symbol Test Conditions
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
DC Characteristics ; 3.3 - Volt Version (Ta = 0 to 70C, VCC = + 3.3V 10 %, VSS = 0V) , VG26V(S)18165 -5
Min Max Min
-6
Max
Unit
Notes
Operating current
ICC1
RAS cycling LCAS / UCAS cycling tRC = min LVTTL interface RAS, LCAS / UCAS = VIH Dout = High-Z CMOS interface RAS, CAS V C C -0.2V Dout = High-Z
-
160
-
145
mA
1, 2
Standby Current
ICC2
-
2
-
2
mA
-
0.5
-
0.5
mA
RAS- only refresh current
ICC3
RAS cycling LCAS / UCAS = VIH tRC = min tPC = min tRC = min RAS, LCAS / UCAS cycling tRASS 100s 0V Vin V C C + 0.3V 0V Vout VCC + 0.3V Dout = Disable IOH = -2mA IOL = +2mA
-
160
-
145
mA
1, 2
EDO page mode current CAS- before- RAS refresh current Self- refresh current Input leakage current Output leakage current
ICC4 ICC5
-
90 160
-
80 145
mA mA
1, 3 1, 2
ICC6 ILI ILO VOH VOL
-5 -5
300 5 5
-5 -5
300 5 5
A A A V V
Output high Voltage Output low voltage
2.4 -
0.4
2.4 -
0.4
Notes: 1. ICC is specified as an average current. It depends on output loading condition and cycle rate when the device is selected. ICC max is specified at the output open condition. 2. Address can be changed once or less while RAS = VIL. 3. For I CC4, address can be changed once or less within one EDO page mode cycle time.
Document:1G5-0179
Rev.1
Page 7
VIS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
AC Characteristics(Ta = 0 to + 70C, Vcc = 5V 10 % or 3.3V 10 %, Vss = 0V) *1, *2, *3, *4, *5
Test conditions * Output load: two TTL Loads and 50pF (V CC = 5.0V 10 %); one TTL Load and 50pF (VCC = 3.3V 10 %) * Input timing reference levels: VIH = 2.4V, VIL = 0.8V (VCC = 5.0V 10 %); VIH = 2.0V, VIL = 0.8V (VCC = 3.3V 10 %) * Output timing reference levels: VOH = 2.0V, VOL = 0.8V (VCC = 5V 10 %, 3.3V 10 %)
Read, Write, Read- Modify- Write and Refresh Cycles (Common Parameters) VG26(V)(S) 18165 Parameter Symbol Min Random read or write cycle time RAS precharge time LCAS / UCAS precharge time in normal mode RAS pulse width LCAS / UCAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to LCAS / UCAS delay time RAS to column address delay time Column address to RAS lead time RAS hold time LCAS / UCAS hold time LCAS / UCAS to RAS precharge time OE to Din delay time Transition time (rise and fall) Refresh period LCAS / UCAS to output in Low- Z LCAS / UCAS delay time from Din OE delay time from Din tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRAL tRSH tCSH tCRP tOED tT tREF tCLZ tDZC tDZO 50 8 0 8 0 8 12 10 25 8 38 5 20 1 0 0 0 10K 10K 37 25 50 16 60 10 0 10 0 10 14 12 30 10 40 5 20 1 0 0 0 10K 10K 45 30 50 16 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns 12 11 9 10 8 6 7 tRC tRP tCPN 84 30 10 -5 Max Min 104 40 10 -6 Max ns ns ns Unit Notes
Document:1G5-0179
Rev.1
Page 8
VIS
Read Cycle Parameter Symbol Min Access time from RAS Access time from LCAS / UCAS Access time from column address Access time from OE Read command setup time Read command hold time to LCAS / UCAS Read command hold time to RAS Output buffer turn-off time Output buffer turn-off time from OE tRAC tCAC tAA tOEA tRCS tRCH tRRH tOFF tOEZ 0 0 10 0 0 -5
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
VG26(V)(S)18165 -6 Max 50 13 25 12 12 12 Min 0 0 10 0 0 Max 60 15 30 15 15 15 ns ns ns ns ns ns ns ns ns 8 11, 17 17 18 18 13 14, 15 15, 16 Unit Notes
Write Cycle VG26(V)(S)18165 Parameter Symbol Min Write command setup time Write command hold time Write command pulse width Write command to RAS lead time Write command to LCAS / UCAS lead time Data-in setup time Data-in hold time WE to Data-in delay tWCS tWCH tWP tRWL tCWL tDS tDH tWED 0 8 8 13 8 0 8 10 -5 Max Min 0 10 10 15 10 0 10 10 -6 Max ns ns ns ns ns ns ns ns 20 21 21 8, 19 Unit Notes
Read- Modify- Write Cycle VG26(V)(S)18165 Parameter Symbol Min Read-modify- write cycle time RAS to WE delay time LCAS / UCAS to WE dealy time Column address to WE delay time OE hold time from WE tRWC tRWD tCWD tAWD tOEH 108 64 26 39 8 -5 Max Min 133 77 32 47 10 -6 Max ns ns ns ns ns 19 19 19 Unit Notes
Document:1G5-0179
Rev.1
Page 9
VIS
Refresh Cycle
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
VG26(V)(S)18165 Parameter Symbol Min LCAS / UCAS setup time (CBR refresh) LCAS / UCAS hold time (CBR refresh) RAS precharge to CAS hold time RAS pulse width (self refresh) RAS precharge time (self refresh) LCAS / UCAS hold time (CBR self refresh) WE setup time WE hold time tCSR tCHR tRPC tRASS tRPS tCHS tWSR tWHR 5 8 5 100 90 -50 0 10 -5 Max Min 5 10 5 100 110 -50 0 10 -6 Max Unit ns ns ns s ns ns ns ns 11 8 Notes
EDO Page Mode Cycle VG26(V)(S)18165 Parameter Symbol Min EDO page mode cycle time EDO page mode LCAS / UCAS precharge time EDO page mode RAS pulse width Access time from LCAS / UCAS precharge RAS hold time from LCAS / UCAS precharge OE high hold time from LCAS / UCAS high OE high pulse width Data output hold time after LCAS / UCAS low Output disable delay from WE WE pulse width for output disable when LCAS / UCAS high tPC tCP tRASP tCPA tCPRH tOEHC tOEP tCOH tWHZ tWPZ 20 10 50 30 5 10 5 3 10 -5 Max 105 30 10 Min 25 10 60 35 5 10 5 3 10 -6 Max 105 35 10 ns ns ns ns ns ns ns ns ns ns 22 11, 15 Unit Notes
EDO Page Mode Read Modify Write Cycle VG26(V)(S)18165 Parameter EDO page mode read- modify- write cycle LCAS / UCAS precharge to WE delay time EDO page mode read- modify- write cycle time Symbol Min tCPW tPRWC 45 56 -5 Max Min 55 68 -6 Max ns ns 11 Unit Notes
Document:1G5-0179
Rev.1
Page 10
VIS
Notes : 1. AC measurements assume tT = 1ns.
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
2. An initial pause of 100 s is required after power up, and it followed by a minimum of eight initialization cycles (RAS - only refresh cycle or CAS - before - RAS refresh cycle). If the internal refresh counter is used, a minimun of eight CAS - before - RAS refresh cycles are required. 3. In delayed write or read-modify-write cycles, OE must disable output buffer prior to applying data to the device. 4. All the VCC and VSS pins shall be supplied with the same voltages. 5. When both LCAS and UCAS go low at the same time, all 16-bits data are witten into the device. LCAS and UCAS cannot be staggered within the same write/read cycles. 6. tRAS(min) = tRWD(min)+tRWL(min)+tT in read-modify-write cycle. 7. tCAS(min) = tCWD(min)+tCWL(min)+tT in read-modify-write cycle. 8. tASC(min), tRCS(min), tWCS(min), and tRPC are determined by the falling edge of CAS . 9. tRCD (max) is specified as a reference point only, and tRAC(max) can be met with the t RCD(max) limit. Otherwise, tRAC is controlled exclusively by tCAC if tRCD is greater than the specified tRCD(max) limit. 10. t RAD(max) is specified as a reference point only, and tRAC(max) can be met with the tRAD(max) limit. Otherwise, tRAC is controlled exclusively by t AA if tRAD is greater than the specified tRAD(max) limit. 11. tCRP, tCHR, tRCH, tCPA and tCPW are determined by the rising edge of CAS . 12. VIH(min) and VIL(max) are reference levels for measuring timing or input signals. Therefore, transition time is measured between VIH and VIL. 13. Assumes that tRCD tRCD(max) and t RAD tRAD(max). If tRCD or tRAD is greater than the maximum recommended value shown in this table, t RAC exceeds the value shown. 14. Assumes that t RCD
tRCD (max) and tRAD tRAD (max). tRAD (max).
15. Access time is determined by the maximum of t AA, tCAC , tCPA. 16. Assumes that tRCD t RCD (max) and tRAD
17. Either tRCH or tRRH must be satisfied for a read cycle. 18. tOFF(max) and tOEZ(max) define the time at which the output achieves the open circuit condition (high impedance). t OFF is determined by the later rising edge of RAS or CAS. 19. tWCS, tRWD , tCWD, and tAWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (min), the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tRWD t CWD
tRWD (min),
t CWD (min),
tAWD
t AWD (min) and
t CPW
tCPW (min), the cycle is a read-modify-write and
the data output will contain data read from the selected cell. If neither of the above sets of conditions is satisfied, the condition of the data output (at access time) is indeterminate. 20. tCWL shall be satisfied by both LCAS and UCAS. 21. These parameters are referenced to LCAS or LCAS separately in an early write cycle and to WE edge in a delayed write or a read-modify-write cycle. 22. tRASP defines RAS pulse width in EDO page mode cycles.
Document:1G5-0179
Rev.1
Page 11
VIS
Timing Waveforms * Word Read Cycle
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RC t RAS t RP
RAS
t CRP t CSH t RCD t T t RSH t CAS t CPN
UCAS LCAS
t RAD t RAL
t ASR
t RAH
t ASC
t CAH
ADDRESS
Row
Column
t RRH
t RCS
t RCH
WE
OE
t OEA t CAC t AA t RAC t OEZ t OFF
DQ1~DQ16
t CLZ
DOUT
Document:1G5-0179
Rev.1
Page 12
VIS
* Byte Read Cycle
t RC t RAS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP
RAS
t CSH t RCD t T t RSH t CAS
t CRP
UCAS (or LCAS)
LCAS (or UCAS)
t RAD t ASR t RAH Row t ASC Column t RAL t CAH
ADDRESS
tRRH
t RCS
t RCH
WE
OE
t OEA t CAC t AA t RAC t OEZ t OFF
DQ9~DQ16 (or DQ1~DQ8)
DOUT t CLZ
DQ1~DQ8 (or DQ9~DQ16)
High-Z
Document:1G5-0179
Rev.1
Page 13
VIS
* Word Early Write Cycle
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RC t RAS t RP
RAS
t CSH t RCD t T t RSH t CAS
t CRP
UCAS LCAS
t RAD t RAL
t ASR
t RAH Row
t ASC
t CAH Column
ADDRESS
t WCS
t WCH
WE
t DS
t DH
DQ1~DQ16
DIN
Document:1G5-0179
Rev.1
Page 14
VIS
* Byte Early Write Cycle
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RC t RAS t RP
RAS
t CSH t RCD t T t RSH t CAS
t CRP
LCAS (or UCAS)
LCAS (or UCAS)
t RAD t ASR t RAH Row t ASC t RAL t CAH Column
ADDRESS
t WCS
t WCH
WE
t DS
t DH
DQ9~DQ16
DIN
DQ1~DQ8
Document:1G5-0179
Rev.1
Page 15
VIS
* Word Delayed Write Cycle
t RC t RAS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP
RAS
t CSH t RCD t T t RSH t CAS
t CRP
t CPN
UCAS LCAS
t ASR
t RAH
t ASC
t CAH
ADDRESS
Row
Column
t CWL t RWL t RCS t WP
WE
t OED t OEH
OE
t DS
t DH
DQ1~DQ16
OPEN
DIN
Document:1G5-0179
Rev.1
Page 16
VIS
* Byte Delayed Write Cycle
t RC t RAS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP
RAS
t CSH t RCD t T t RSH t CAS
t CRP
LCAS (or UCAS)
LCAS (or UCAS)
t ASR t RAH t ASC t CAH
ADDRESS
Row
Column
tCWL t RCS
t RWL t WP
WE
t OEH
tOED
OE
t DS
t DH
DQ9~DQ16 (or DQ1~DQ8)
OPEN
DIN
DQ1~DQ8 (or DQ9~DQ16)
Document:1G5-0179
Rev.1
Page 17
VIS
* Word Read-Modify-Write Cycle
t RWC t RAS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP
RAS
t T
t RCD
t CAS
t CRP t CPN
UCAS LCAS
t RAD t ASR t ASC t CAH
t RAH
ADDRESS
Row
Column t CWD t AWD t RWD
t RCS
t CWL t RWL t WP
WE
t DS
t DH
DQ1~DQ16
OPEN
D in
t OED
t OEH
OE
t OEA t CAC t AA t RAC
t OEZ
DQ1~DQ16
DOUT
Document:1G5-0179
Rev.1
Page 18
VIS
* EDO Page Mode Word Read-Modify-Write Cycle
t RASP
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
tCPRH
t RP
RAS
t T t RCD t CAS t CP t PRWC t CAS t CP t CAS
t CRP
UCAS LCAS
t RAD t ASR t RAH t ASC t CAH t ASC t CAH
t RAL t ASC t CAH
ADDRESS
Row
Column 1 Column 1 t RWD t AWD t CWD t CWL
Column 2 t CPW t AWD t CWD t CWL
Column N t t CWL CPW t AWD t CWD
t RWL
t RCS
WE
WE
t RCS tWP tDS t DH t WP t DS t DH tWP tDS t DH OPEN
DQ1~DQ16
OPEN
Din 1
OPEN
Din 2
Din N
t DZO
t OED t OEH
t OED
t OEH
t OED
t OEH
OE
t OEA t CAC t RAC t AA tOEZ t CAC t AA t CPA t OEZ t OEA t CAC t AA t CPA t OEZ t OEA
DQ1~DQ16
DOUT 1
DOUT 2
DOUT N
Document:1G5-0179
Rev.1
Page 19
VIS
* EDO Page Mode Word Read-Early-Write Cycle
t RASP
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP t CPRH
RAS
t CRP t CSH t CRP t RCD t CAS t CP t PC t CAS t CP t RSH t CAS t CPN
UCAS LCAS
t CSH t RAD t ASR t RAH t ASC t CAH t ASC t CAH t ASC t CAL t RAL t CAH
ADDRESS
Row
Column 1
Column 2
Column N
Row
t RCS
t RCH
t WCS t WCH
WE
WE
tOEA t WED
OE
OE
tRAC t AA tCAC t CPA tAA tCAC tCOH
OPEN Data Output 1 Data Output 2 Data Intput N
tWHZ t DH tDS
DQ1~DQ16
Document:1G5-0179
Rev.1
Page 20
VIS
* Read Cycle with WE Controlled Disable
RAS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
t CSH t RCD t T t CAS
UCAS LCAS
t RAD t ASR t RAH t ASC t CAH
ADDRESS
Row
Column
t RCS
t RCH
t WPZ
WE
t WHZ t OED
OE
t DS tOEA tCAC tAA tRAC tOEZ
DQ1~DQ16
tCLZ
DOUT
Document:1G5-0179
Rev.1
Page 21
VIS
RAS - Only Refresh Cycle
t RC t RAS
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
tRP
RAS
tT t CRP tRPC tCRP
UCAS LCAS
tASR
tRAH
ADDRESS
Row
tOFF OPEN
DQ1~DQ16
CAS-Before-RAS Refresh Cycle
tRC tRP
tRC tRP t RAS t RP
RAS
tRAS
tT tRPC t CSR t CHR
tRPC tCSR tCHR
tCRP
UCAS LCAS
tWSR tWHR tWSR tWHR
WE
tOFF OPEN
DQ1~DQ16
Document:1G5-0179
Rev.1
Page 22
VIS
* Hidden Refresh Cycle
tRC tRAS
(READ)
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
tRC tRP tRAS
(REFRESH)
tRC tRP tRAS
(REFRESH)
tRP
RAS
tT
t CHR t RSH tRCD tCAS
tCRP
UCAS LCAS
t RAD t ASR t RAH tASC t RAL tCAH
ADDRESS
Row
Column
tRRH t RCS tRCH
WE
OE
tORD t OEA t CAC t AA t RAC t OEZ t OFF t OFF
DQ1~DQ16
D OUT
Document:1G5-0179
Rev.1
Page 23
VIS
* SELF REFRESH CYCLE (Addresses, WE and OE = DON'T CARE)
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
tRP
tRASS
tRPS
RAS
tRPC tCP t CHD tCSR tRPC tCP
UCAS/LCAS
DQ
Open
Don't Care
Document:1G5-0179
Rev.1
Page 24
VIS
Ordering information Part Number VG26(V)(S)18165CJ-5 VG26(V)(S)18165CJ-6 VG26(V)(S)18165CT-5 VG26(V)(S)18165CT-6 VG26(V)(S)18165DJ-5 VG26(V)(S)18165DJ-6 VG26(V)(S)18165DT-5 VG26(V)(S)18165DT-6 Access time 50 ns 60 ns 50 ns 60 ns 50 ns 60 ns 50 ns 60 ns
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
Package 400mil 42-Pin SOJ 400mil 50(44)-Pin TSOPII 400mil 42-Pin SOJ 400mil 50(44)-Pin TSOPII
VG26(V)(S)18165CJ-5 * VG
* 26 *V *S * 18165 *C
* VIS Memory Product * Technology * V: 3.3V Version; Non: 5V * S: Self Refresh; Non: Non Self Refresh * Device Type and Configuation * Revision (C and D) * Package Type (J : SOJ, T : TSOP II)
* Speed (5: 50 ns, 6: 60 ns)
*J
*5
Document:1G5-0179
Rev.1
Page 25
VIS
Package Information 42-pin SOJ
D
VG26(V)(S)18165C/VG26(V)(S)18165D 1,048,576 x 16 - Bit CMOS Dynamic RAM
DIM A A1 A2 b b1 b2 c c1 e D E E1 E2 R1
MILLIMETERS MIN. 3.25 2.08 0.38 0.38 0.66 0.18 0.18 27.18 11.05 10.03 0.76 3X NOM. 3.51 --2.79 REF. ----0.71 --0.20 1.27 BASIC 27.31 11.18 10.16 9.40 BASIC 0.89 --1.02 16X 0.030 3X 27.43 11.30 10.29 1.070 0.435 0.395 0.51 0.46 0.81 0.33 0.28 0.015 0.015 0.026 0.007 0.007 MAX. 3.76 --MIN. 0.128 0.082
INCHES NOM. 0.138 --0.110 REF. ----0.028 --0.008 0.050 BASIC 1.075 0.440 0.400 0.370 BASIC 0.035 --0.040 16X
0.025" MIN.
MAX. 0.148 --0.020 0.018 0.032 0.013 0.011
42
22
b b1
c1 E1 E
c
BASE METAL WITH PLATING
SECTION B-B
1.080 0.445 0.405
1 21
A2
NOTE: 1. CONTROLLING DIMENSION : INCHES 2. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. MOLD PROTRUSION SHALL NOT EXCEED 0.006"(0.15) PER SIDE. DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION. INTERLEAD PROTRUSION SHALL NOT EXCEED 0.01"(0.25) PER SIDE. 3. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE SHOULDER WIDTH TO EXCEED b2 MAX BY MORE THAN 0.005"(0.127) DAMBAR INTRUSION SHALL NOT REDUCE THE SHOULDER WIDTH TO LESS THAN 0.001"(0.025) BELOW b2 MIN.
A
A1
B
B
b2 b e 0.007"
M
RAD R1 0.004" SEATING PLANE
E2
Package Information 50(44)-pin TSOPII
DIM A A1 A2 b b1 c c1 D ZD e E E1 L R R1
MILLIMETERS MIN. --0.05 0.95 0.30 0.30 0.12 0.11 20.82 NOM. ----1.00 --------20.95 0.875 BASIC 0.80 BASIC 11.56 10.03 0.40 0.11 0.11 11.76 10.16 0.50 ----11.96 10.29 0.60 0.25 --0.455 0.395 0.016 0.004 0.004 MAX. 1.20 0.15 1.05 0.45 0.40 0.21 0.16 21.08 MIN. --0.002 0.037 0.012 0.012 0.005 0.0045 0.820
INCHES NOM. ----0.039 --------0.825 0.0344 BASIC 0.0315 BASIC 0.463 0.400 0.020 ----0.471 0.405 0.024 0.010 --D c1 c 1 11 15 25 b b1 MAX. 0.047 0.006 0.041 0.018 0.016 0.008 0.006 0.830 E1 A1 A2 RAD R1 RAD R B B 0 ~5 c 50 40 36 26
DETAIL A
L
SECTION B-B
BASE METAL WITH PLATING NOTE: 1. CONTROLLING DIMENSION : MILLIMETERS 2. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. MOLD PROTRUSION SHALL NOT EXCEED 0.15mm(0.006") PER SIDE. DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION. INTERLEAD PROTRUSION SHALL NOT EXCEED 0.25mm(0.01") PER SIDE. 3. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSIONS/INTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD TO BE WIDER THAN THE MAX b DIMENSION BY MORE THAN 0.13mm. DAMBAR INTRUSION SHALL NOT CAUSE THE LEAD TO BE NARROWER THAN THE MIN b DIMENSION BY MORE THAN 0.07mm. ZD A DETAIL A
b
4-1.60 REF.
40 - e SEATING PLANE 0.100(0.004)
E
Document:1G5-0179
Rev.1
Page 26


▲Up To Search▲   

 
Price & Availability of VG2618165DJ-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X