Part Number Hot Search : 
P30N6 0CCSW MS133 SB860 PLC496 74HC08 87C196CB S2000
Product Description
Full Text Search
 

To Download VG2618160CJ-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VIS
Description The device is CMOS Dynamic RAM organized as 1,048,576 words x 16 bits. It is fabrionly or 3.3V only power supply. Low voltage operation is more suitable to be used on battery backup, portable electronic application. A new refresh feature called " self-refresh " is supported
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
cated with an advanced submicron CMOS technology and designed to operate from a single 5V
and very slow CBR cycles are being performed. It is packaged in JEDEC standard 42 - pin plastic SOJ.
Features * Single 5V ( 10 %) or 3.3V (+10%,-5%) only power supply * High speed t RAC access time : 50/60 ns * Low power dissipation - Active mode : 5V version 605/550 mW (Max.) 3.3V version 396/360 mW (Max.) - Standby mode : 5V version 1.375 mW (Max.) 3.3V version 0.54 mW (Max.) * Fast Page Mode access * I/O level : TTL compatible (Vcc = 5V) LVTTL compatible (Vcc = 3.3V) * 1024 refresh cycles in 16 ms (Std) or 128ms (S - version) * 4 refresh mode : - RAS only refresh - CAS-before-RAS refresh - Hidden refresh - Self - refresh (S - version)
Document : 1G5-0163
Rev.1
Page 1
VIS
Pin Configuration 42-Pin 400mil Plastic SOJ
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
VCC DQ1 DQ2 DQ3 DQ4 VCC DQ5 DQ6 DQ7 DQ8 NC NC WE RAS NC NC A0 A1 A2 A3 VCC
1 2 3 4 5 6 7 8
42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22
VSS DQ16 DQ15 DQ14 DQ13 VSS DQ12 DQ11 DQ10 DQ9 NC LCAS UCAS OE A9 A8 A7 A6 A5 A4 VSS
VG26(V)(S)18160CJ
9 10 11 12 13 14 15 16 17 18 19 20 21
Pin Description
Pin Name A0 - A9 Function Address inputs - Row address - Column address - Refresh address Data - in/data - out Row address strobe Column address strobe Write enable Output enable Power (+ 5V or + 3.3V) Ground A0 - A9 A0 - A9 A0 - A9
DQ1 ~ DQ16 RAS CAS WE OE Vcc Vss
Document : 1G5-0163
Rev.1
Page 2
VIS
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
Block Diagram
WE LCAS UCAS CAS
CONTROL LOGIC
DATA - IN BUFFER DQ1 . . DQ16
NO.2 CLOCK GENERATOR
DATA - OUT BUFFER OE
COLUMNADDRESS BUFFERS (10) A0 A1 A2 A3 A4 A5 A6 A7
ROW DECODER
COLUMN DECODER
REFRESH CONTROLLER
1024
SENSE AMPLIFIERS I/0 GATING REFRESH COUNTER
1024x16
A8 A9 ROW ADDRESS BUFFERS (10)
1024 x 1024 x 16 MEMORY ARRAY
1024
RAS
NO.1 CLOCK GENERATOR
Vcc Vss
Document : 1G5-0163
Rev.1
Page 3
VIS
Truth Table
ADDRESSES FUNCTION STANDBY READ WRITE : (EARLY WRITE) READ WRITE PAGE MODE READ 1st Cycle 2st Cycle RAS H L L L L L L L L L
LHL LHL
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
CAS
HX
WE X H L
HL
OE X L X LH L L X X
LH LH
ROW X ROW ROW ROW ROW n/a ROW n/a ROW n/a ROW ROW ROW X
COL X High - Z
DQS
Notes
L L L HL HL HL HL
HL HL
COL Data - Out COL Data - In COL Data - Out, Data - In COL Data - Out COL Data - Out COL Data - In COL Data - In COL Data - Out, Data - In COL Data - Out, Data - In COL Data - Out COL Data - In n/a X High - Z High - Z 1
H H L L
HL HL
PAGE 1st Cycle MODE WRITE 2st Cycle PAGE - MODE 1st Cycle READ - WRITE 2st Cycle HIDDEN REFRESH READ WRITE
L L H L
H L X H
L X X X
RAS - ONLY REFRESH CBR REFRESH Notes : 1. EARLY WRITE only.
L
HL
Document : 1G5-0163
Rev.1
Page 4
VIS
Absolute Maximum Rating Parameter Voltage on any pin relative to Vss Supply voltage relative to Vss Short circuit output current Power dissipation Operating temperature Storage temperature 5V 3.3V 5V 3.3V Symbol VT Vcc IOUT PD TOPT TSTG Value -1.0 to + 7.0 -0.5 to + 4.6 -1.0 to + 7.0 -0.5 to + 4.6 50 1.0 0 to + 70 -55 to + 125
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
Unit V V mA W C C
Recommended DC Operating Conditions Parameter/Condition Supply Voltage Input High Voltage, all inputs Input Low Voltage, all inputs Symbol Vcc VIH VIL Min 4.5 2.4 -1.0 5 Volt Version Typ Max 5.0 5.5 VCC + 1.0 0.8 3.3 Volt Version Min Typ Max 3.15 3.3 3.6 2.0 -0.3 VCC + 0.3 0.8 Unit V V V
Capacitance Ta = 25C, V CC = 5V 10% or 3.3V(+10%,-5%), f = 1MHz Parameter Input capacitance (Address) Input capacitance (RAS, CAS, OE, WE) Symbol Cl1 Cl2 Typ Max 5 7 Unit pF pF pF Note 1 1 1,2
Output capacitance CI/O 7 (Data - in, Data - out) Note : 1. Capacitance measured with effective capacitance measuring method. 2. CAS = VIH to disable Dout.
Document : 1G5-0163
Rev.1
Page 5
VIS
DC Characteristics; 5 - Volt verion (Ta= 0 to 70C, VCC = + 5V10%, Vss = 0V)
VG26 (V) (S) 18160C Parameter Operating current Low power S - version Symbol Test Conditions RAS cycling CAS cycling tRC = min. TTL interface RAS, CAS = VIH Dout = high - Z CMOS interface RAS, CAS Standby Standard Current power version ICC2 -5 Min Max 135 2 Min -6 Max
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
Unit Notes
ICC1
125 mA 2 mA
1, 2
-
0.25
-
0.25 mA
V CC - 0.2V
2 2
Dout = high - Z TTL interface RAS, CAS = VIH Dout = high - Z CMOS interface RAS, CAS RAS - only refresh current Fast page mode current CAS - before - RAS refresh current Self - refresh currant (S - Version) CAS - before - RAS long refresh current (S - Version) ICC3 ICC4 tPC = min. ICC5 ICC8 ICC9 tRC = min. RAS, CAS cycling tRASS 100S Standby : VCC - 0.2V RAS CAS before RAS refresh : 1024 cycles/128ms RAS, CAS : 0V V IL 0.2V VCC - 0.2V V IH V IH (Max) Dout = high - Z, tRAS 300ns 135 350 500 125 mA 350 A 500 A mA 1 1 mA
V CC - 0.2V
135 90 125
Dout = high - Z RAS cycling, CAS = VIH tRC = min. 1, 2 mA 80 mA 1, 2 1,3
Document : 1G5-0163
Rev.1
Page 6
VIS
DC Characteristics ; 5 - Volt Version (cont.) (Ta = 0 to 70C, VCC = + 5V 10%, Vss = 0V) Parameter lnput leakage current Output leakage current Symbol ILI ILO Test Conditions 0V Vin V CC + 0.5V 0V Vout VC C + 0.5V Dout = Disable VG26 (V) (S) 18160C -5 -6 Min Max Min Max -5 -5 5 5 -5 -5
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
Unit Notes
5 A 5 A
Output high VOH lOH = -5mA 2.4 - 2.4 -V voltage Output low VOL lOL = + 4.2mA 0.4 0.4 V voltage Notes : 1. lCC is specified as an average current. It depends on output loading condition and cycle rate when the device is selected. lCC max is specified at the output open condition. 2. Address can be changed once or less while RAS = VIL. 3. For lCC4, address can be changed once or less within one Fast page mode cycle time.
Document : 1G5-0163
Rev.1
Page 7
VIS
DC Characteristics ; 3.3 - Volt Verion (Ta = 0 to 70C, VCC = + 3.3V(+10%,-5%), Vss = 0V) VG26 (V) (S) 18160C Parameter Symbol Test Conditions Min Operating current Low power S - version ICC1 RAS cycling CAS cycling tRC = min. LVTTL interface RAS, CAS = VIH Dout = high - Z CMOS interface RAS, CAS VCC - 0.2V Dout = high - Z Standby Standard Current power version ICC2 LVTTL interface RAS, CAS = VIH Dout = high - Z CMOS interface RAS, CAS VCC - 0.2V Dout = high - Z RAS - only refresh current Fast page mode current CAS - before - RAS refresh current Self - refresh currant (S - Version) CAS - before - RAS long refresh current (S - Version) ICC3 ICC4 tPC = min. ICC5 ICC8 ICC9 tRC = min. RAS, CAS cycling t RASS 100S Standby : VCC - 0.2V RAS CAS before RAS refresh : 1024 cycles/128ms RAS, CAS : 0V V I L 0.2V VCC - 0.2V V IH V IH (Max) Dout = high - Z, t RAS 300ns 135 250 300 125 RAS cycling, CAS = VIH tRC = min. 135 90 125 2 2 -5 Max 135 0.5 Min -6 Max
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
Unit Notes
125 mA 0.5 mA
1, 2
-
0.25
-
0.25 mA
mA 0.5 0.5 mA 1, 2 mA 80 mA 1, 2 mA 250 A 300 A 1,3
Document : 1G5-0163
Rev.1
Page 8
VIS
DC Characteristics ; 3.3 - Volt Version (cont.) (Ta = 0 to 70C, VCC = + 3.3V(+10%,-5%), VSS= 0V) Parameter Input leakage current Output leakage current Symbol ILI ILO Test Conditions 0V Vin V CC + 0.3V 0V Vout VC C + 0.3V Dout = Disable lOH = -2mA
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
VG26 (V) (S) 18160C Unit Notes -5 -6 Min Max Min Max -5 5 -5 5 A -5 5 -5 5 A
Output high VOH 2.4 - 2.4 -V voltage Output low VOL lOL = + 2mA 0.4 0.4 V voltage Notes : 1. lCC is specified as an average current. It depends on output loading condition and cycle rate when the device is selected. lCC max is specified at the output open condition. 2. Address can be changed once or less while RAS = VIL. 3. For lCC4, address can be changed once or less within one Fast page mode cycle time.
Document : 1G5-0163
Rev.1
Page 9
VIS
AC Characteristics (Ta = 0 to + 70C, V CC = 5V 10% or 3.3V(+10%,-5%), VSS = 0V) * 1, * 2, * 3, * 4 Test conditions * Output load : two TTL Loads and 50pF(V CC = 5.0V 10%) one TTL Load and 30pF(V CC = 3.3V(+10%,-5%) * Input timing reference levels : VIH = 2.4V, VlL = 0.8V (VCC = 5.0V 10%); VIH = 2.0V, VlL = 0.8V (VCC=3.3V(+10%,-5%)) * Output timing reference levels : VOH = 2.0V, VOL = 0.8V (VCC = 5V 10%, 3.3V(+10%,-5%))
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
Read, Write, Read - Modify - Write and Refresh Cycles
(Common Parameters) VG26 (V) (S) 18160C -5 Parameter Random read or write cycle time RAS precharge time CAS precharge time in normal mode RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay time Column address to RAS lead time RAS hold time CAS hold time CAS to RAS precharge time OE to Din delay time Transition time (rise and fall) Refresh period Refresh period (S - Version) CAS to output in Low-Z CAS delay time from Din OE delay time from Din Symbol tRC tRP tCPN tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRAL tRSH tCSH tCRP tOED tT tREF tREF tCLZ tDZC tDZO Min 90 30 10 50 12 0 8 0 8 17 12 25 13 50 5 12 1 0 0 0 Max 10000 10000 37 25 50 16 128 Min 110 40 10 60 15 0 10 0 10 20 15 30 15 60 5 15 1 0 0 0 -6 Max 10000 10000 45 30 50 16 128 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns 11 10 8 9 7 5 6 Notes
Document : 1G5-0163
Rev.1
Page 10
VIS
Read Cycle VG26 (V) (S) 18160C -5 Parameter Access time from RAS Access time from CAS Access time from column address Access time from OE Read command setup time Read command hold time to CAS Read command hold time to RAS Output buffer turn-off time Output buffer turn-off time from OE Write Cycle VG26 (V) (S) 18160C -5 Parameter
Write command setup time Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data-in setup time Data-in hold time
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
-6 Max Min 0 0 0 0 0 Max 60 15 30 15 15 15
Symbol tRAC tCAC tAA tOEA tRCS tRCH tRRH tOFF tOEZ
Min 0 0 0 0 0
Unit ns ns ns ns ns ns ns ns ns
Notes 12 13,14 14,15
50 13 25 13 13 13
7 10,16 16 17 17
-6 Max Min 0 10 10 15 10 0 10 Max -
Symbol tWCS tWCH tWP tRWL tCWL tDS tDH
Min 0 8 8 13 8 0 8
Unit ns ns ns ns ns ns ns
Notes 7,18
19 19
Read - Modigy - Write Cycle VG26 (V) (S) 18160C -5 Parameter Read - modify - write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time OE hold time from WE Symbol tRWC tRWD tCWD tAWD tOEH Min 125 65 30 40 8 Max Min 150 80 35 50 10 -6 Max Unit ns ns ns ns ns 18 18 18 Notes
Document : 1G5-0163
Rev.1
Page 11
VIS
Refresh Cycle VG26 (V) (S) 18160C -5 Parameter CAS setup time (CBR refresh) CAS hold time (CBR refresh) RAS precharge to CAS hold time RAS pulse width (self refresh) RAS precharge time (self refresh) CAS hold time (CBR self refresh) WE setup time WE hold time Fast Page Mode Cycle VG26 (V) (S) 18160C -5 Parameter
Fast page mode cycle time Fast page mode CAS Precharge time Fast page mode RAS pulse width Access time from CAS precharge RAS hold time from CAS precharge
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
-6 Max Min 10 10 5 100 110 -50 0 10 Max -
Symbol tCSR tCHR tRPC tRASS tRPS tCHS tWSR tWHR
Min 10 10 5 100 90 -50 0 10
Unit ns ns ns s ns ns ns ns
Notes
10 7
-6 Max 10
5
Symbol tPC tCP tRASP tCPA tCPRH
Min 35 10 50 30
Min 40 10 60 35
Max 10
5
Unit ns ns ns ns ns
Notes
20 10,14
30 -
35 -
Fast Page Mode Read Modify Write Cycle VG26 (V) (S) 18160C -5 Parameter Fast page mode read - modify - write cycle CAS precharge to WE delay time Fast page mode read - modify - write cycle time Symbol tCPW tPRWC Min 45 70 Max Min 55 80 -6 Max ns Unit ns Notes 10
Document : 1G5-0163
Rev.1
Page 12
VIS
Notes : 1. AC measurements assume tT = 5ns. used, a minimum of eight CAS-before-RAS refresh cycles are required.
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
2. An initial pause of 100 s is required after power up, and it followed by a minimum of eight initialization cycles (RAS-only refresh cycle or CAS-before-RAS refresh cycle). If the internal refresh counter is
3. In delayed write or read-modify-write cycles, OE must disable output buffer prior to applying data to the device. 4. All the V CC and V SS pins shall be supplied with the same voltage. 5. tRAS(min) = t RWD(min) + tRWL (min) + tT in read - modify-write cycle. 6. tCAS(min) = t CWD(min) + tCWL (min) + tT in read - modify-write cycle. 7. tASC(min), tRCS(min), tWCS(min) and tRPC are determined by the falling edge of CAS. 8. t RCD(max) is specified as a reference point only, and tRAC (max) can be met with the tRCD(max) limit. Otherwise, tRAC is controlled exclusively by tCAC if tRCD is greater than the specified t RCD(max) limit. 9. t RAD(max) is specified as a reference point only, and tRAC(max) can be met with the tRAD(max) limit. Otherwise, tRAC is controlled exclusively by tAA if tRAD is greater than the specified tRAD(max) limit. 10. tCRP, tCHR , tRCH, tCPA and tCPW are determined by the rising edge of CAS. 11. V IH(min) and V IL(max) are reference levels for measuring timing or input signals. Therefore, transition time is measured between VIH and VIL. 12. Assumes that t RCD

tRCD(max) and tRAD
tRAD(max). If tRCD or tRAD is greater than the maximum
recommended value shown in this table, tRAC exceeds the value shown. 13. Assumes that tRCD tRCD(max) and tRAD

tRAD(max).
14. Access time is determined by the maximum among tAA, tCAC, tCPA. 15. Assumes that tRCD tRCD(max) and tRAD tRAD(max).
16. Either t RCH or tRRH must be satisfied for a read cycle. 17. tOFF(max) and tOEZ(max) define the time at which the output achieves the open circuit condition ( high impedance). 18. tWCS, tRWD , tCWD, and tAWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS
tWCS (min), the cycle is an early write cycle and the
data output will remain open circuit (high impedance) throughout the entire cycle. If t RWD tRWD(min), tCWD
tCWD(min), t AWD
tAWD(min), and tCPW
tCPW(min), the cycle is a read-modify-write and the
data output will contain data read from the selected cell. If neither of the above sets of conditions is satisfied, the condition of the data output (at access time) is indeterminate. 19. These parameters are referenced to CAS in an early write cycle and to WE edge in a delayed write or a read-modify-write cycle. 20. tRASP defines RAS pulse width in Fast page mode cycles.
Document : 1G5-0163
Rev.1
Page 13
VIS
Timing Waveforms * Read Cycle
t RC t RAS t RP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
RAS
t CRP t CSH t RCD t T t RSH t CAS t CPN
CAS
t RAD
t RAL
t ASR
t RAH
t ASC
t CAH
ADDRESS
Row
Column
t RRH
t RCS
t RCH
WE
OE
t OEA t CAC t AA t RAC t OEZ t OFF
DQ1 ~ DQ16
t CLZ
DOUT
Note :
= don' care t = Invalid Dout
Document : 1G5-0163
Rev.1
Page 14
VIS
*Early Write Cycle
t RC t RAS t RP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
RAS
t CSH t RCD t T t RSH
t CRP
t CPN t CAS
CAS
t RAD t ASR t RAH Row t ASC t CAH
t RAL
ADDRESS
Column
t RAL
t WCS
t WCH
WE
t DS
t DH
DQ1 ~ DQ16
DIN
Document : 1G5-0163
Rev.1
Page 15
VIS
* Delayed Write Cycle
t RC t RAS t RP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
RAS
t CSH t RCD t T t RSH t CAS
t CRP
t CPN
CAS
t ASR
t RAH
t ASC
t CAH
ADDRESS
Row
Column
t CWL t RCS t RWL t WP
WE
t OED
t OEH
OE
t DS
t DS
t DH
DQ1 ~ DQ16
OPEN
DIN
Document : 1G5-0163
Rev.1
Page 16
VIS
* Read - Modify - Write Cycle
t RWC t RAS t RP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
RAS
t T t RCD t CAS t CRP t CPN
CAS
t RAD t ASR t RAH t ASC t CAH
ADDRESS
Row
Column t RCS t CWD t AWD t RWD t CWL t RWL t WP
WE
t DZC t DS
t DH
DQ1 ~ DQ16
OPEN
DIN
t DZO
t OED
t OEH
OE
t OEA t CAC t AA t OEZ
t RAC
DQ1 ~ DQ16
DOUT
Document : 1G5-0163
Rev.1
Page 17
VIS
* Fast Page Mode Read Cycle
t RASP t CPRH
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP
RAS
t CRP t CSH t CRP t RCD t CAS t CP t PC t CAS t CP t RSH t CAS
t CPN
CAS
t RAD t ASR t RAH t ASC t CAH t ASC t CAH t ASC
t RAL t CAH
ADDRESS
Row
Column 1
Column 2
Column N
Row
t RCS
t RRH t RCH
WE
WE
t OEA
t OEA
t OEA
OE
OE
t RAC t AA t CPA t AA t OEZ t OFF t CAC t CLZ t OFF t CLZ t CAC t OFF t CPA t AA t OEZ t CAC t CLZ t OEZ
DQ1 ~ DQ16
DOUT 1 DOUT 2
DOUT N
OPEN
Document : 1G5-0163
Rev.1
Page 18
VIS
* Fast Page Mode Early Write Cycle
t RASP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RP
RAS
tT t CSH t RCD t CAS t CP t PC t CAS t CP t RSH t CAS
t CRP t CPN
CAS
t ASR
t RAH
t ASC
t CAH
t ASC
t CAH
t ASC
t CAH
ADDRESS
Row
Column 1
Column 2
Column N
t WCS
t WCH
t WCS
t WCH
t WCS
t WCH
WE
WE
t DS
t DH
t DS
t DH
t DS
t DH
DQ1 ~ DQ16
DIN 1
DIN 2
DIN N
Document : 1G5-0163
Rev.1
Page 19
VIS
* Fast Page Mode Delayed Write Cycle
t RASP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
tCPRH
t RP
RAS
t T t RCD t CP t CAS t PC t CAS t CP t RSH t CAS
t CSH
t CRP
CAS
t RAD t ASR t RAH t ASC t CAH t ASC t CAH t ASC t CAH
ADDRESS
Row
Column 1 Column 1 t CWL
Column 2 t CWL t RCS
Column N t CWL
t RWL
t RCS t RCS
WE
WE
t WP t DS t DZC t DH t DZC t WP t DS t DH t WP t DZC t DS t DH OPEN
DQ1 ~ DQ16
t DZO
OPEN
DIN 1
t DZO
OPEN
DIN 2
t DZO
DIN N
t OED t OEH
t OED
t OEH
t OED
t OEH
OE
Document : 1G5-0163
Rev.1
Page 20
VIS
* Fast Page Mode Read - Modify - Write Cycle
t RASP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
tCPRH
t RP
RAS
t T t RCD t CAS t CP
t PRWC t CAS t CP t CAS
t CRP
CAS
t RAD t ASR t RAH t ASC t CAH t ASC t CAH t ASC t CAH
ADDRESS
Row
Column 1 Column 1 t RWD t AWD t CWD t CWL
Column 2 t CPW t AWD t CWD t CWL
Column N t CWL t CPW t AWD t CWD
t RWL
t RCS
t RCS
WE
WE
t RCS t DZC t WP t DS t DH t DZC t WP t DS t DH t DZC t WP t DS t DH
DQ1 ~ DQ16
OPEN
DIN 1
OPEN
DIN 2
DIN N
t DZO t OED t OEA t CPA t OEH
t DZO
t OED t OEH
t DZO t CPA
t OED
t OEA
t OEH t OEA
OE
t AA t RAC t CLZ t OEZ t CLZ t OEZ t CLZ t CAC t CAC t AA t OEA t CAC t AA
t OEZ
DQ1 ~ DQ16
DOUT 1
DOUT 2
DOUT N
Document : 1G5-0163
Rev.1
Page 21
VIS
RAS - Only Refresh Cycle
t RC t RAS t RP
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
RAS
tT t CRP tRPC tCRP
CAS
tASR
tRAH
ADDRESS
Row
tOFF
DQ1 ~ DQ16
CAS - Before - RAS Refresh Cycle
tRC tRP tRAS tRP t RAS
tRC t RP
RAS
tRPC
tT t CSR t CHR
tRPC tCSR t CHR
tCRP
CAS
tWSR tWHR tWSR tWHR
WE
tOFF
DQ1 ~ DQ16
Document : 1G5-0163
Rev.1
Page 22
VIS
CBR Self - Refesh Cycle ( S - Version Only )
t RASS t RPS
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
RAS
t RPC tCSR tCHS
CAS
tOFF
Hi-Z
DQ1 - DQ16
tWSR
tWHR
WE
Document : 1G5-0163
Rev.1
Page 23
VIS
* Hidden Refresh Cycle
t RC tRAS
(READ)
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
t RC t RP tRAS
(REFRESH)
t RC t RP tRAS
(REFRESH)
t RP
RAS
tT
t CHR t RSH t RCD tCAS
tCRP
CAS
t RAD t ASR t RAH tASC
t RAL tCAH
ADDRESS
Row
Column
tRRH t RCS tRCH
WE
OE
t OEA t CAC t AA t RAC t OEZ t OFF
DQ1 ~ DQ16
D OUT
Document : 1G5-0163
Rev.1
Page 24
VIS
Ordering information Part Number VG26(V)(S)18160CJ-5 VG26(V)(S)18160J-6 Access time 50 ns 60 ns Package 400mil 42-Pin Plastic SOJ
VG26(V)(S)18160CJ 1,048,576 x 16 - Bit CMOS Dynamic RAM
VG26(V)(S)18160CJ-5 * VG
* 26 *V *S * 18160 *C
* VIS Memory Product * Technology * 3.3V Version * Self refresh * Device Type and Configuation * Revision * Package Type (J : SOJ, T : TSOP II)
* Speed (5 : 50 ns, 6 : 60 ns)
*J
*5
Document : 1G5-0163
Rev.1
Page 25


▲Up To Search▲   

 
Price & Availability of VG2618160CJ-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X