Part Number Hot Search : 
IRLR024 PEMB1 TLP559 CDB42L55 U1001 AN78M18F LX3055 4555B
Product Description
Full Text Search
 

To Download TK-760G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jan-04
Revised: 1/01/04
USA Corporation, Communications Division Land-Mobile Price List
TK-760G/860G
Compact Multi-Mode FM Mobiles
Model
%start models
VHF
Description
Includes: KMC-27B mic., DC power cable, mounting bracket 148-174 MHz 25W, 128 CH 136-162 MHz 25W, 128 CH 148-174 MHz 50W, 128 CH 136-162 MHz 50W, 128 CH Includes: KMC-27B mic., DC power cable, mounting bracket 450-490 MHz 25W, 128 CH 485-512 MHz 25W, 128 CH 400-430 MHz 25W, 128 CH 450-490 MHz 40W, 128 CH 485-512 MHz 40W, 128 CH 400-430 MHz 40W, 128 CH
List
www..com
UHF
TK-760GK TK-760GK2 TK-760HGK TK-760HGK2
$472.00 472.00 565.00 565.00
TK-860GK TK-860GK2 TK-860GK3 TK-860HGK TK-860HGK2 TK-860HGK3
502.00 502.00 502.00 598.00 598.00 598.00
TK-760G/860G FEATURES:
128 Channel Capacity Flexible Channel Groups Conventional Scan with Priority Multi-group/Single-group Scan 8 Character Alpha CH. Display (13 segment) Lighted LCD Display Power On LCD Text Message 10 Programmable Back-lit PF Keys DTMF Store & Send Dialing Operator Selectable QT/DQT (OST) 2 Tone Encode (10 code pairs selectable) Front Panel Self-Programming Mode Panel Test & Tuning Modes 12.5 / 25 kHz Channel Spacing (per channel) High/Low Power per Channel Companded Audio Per Channel (Narrow ch. only) Built-in 4 W Speaker 2 Color LED Indicator Inverting Front Panel Home Channel Function Key Lock Function QT/DQT Encode/Decode DTMF Decode & DTMF DBD 2-Tone Decode & 2-Tone Encode DTMF ANI Encode DTMF Auto Dial Memory (9 memories) Auto-Redial (PF Key Function) Busy Channel Lockout Talk Around & Time Out Timer Minimum Volume Setting Power/Control/Warn Tone On/Off Tone Volume Setting Off Hook Decode (2-Tone/DTMF Decode) Off Hook Horn Alert PC Programming & Tuning Clone Enable/Disable Mobile-Portable Cloning
Flash ROM Memory Embedded Message MIL-STD 810 C, D & E Horn Alert Output (req. KAP-1, KCT-19, & wire) Ignition-Sense Power On (req. KCT-18 & KCT-19) Ignition-Sense Horn Alert Disable (req. KAP-1, KCT-19, KCT-18, & wire to horn relay) Public Address Output Option (req. KAP-1, KCT-19 & Speaker) AUX Manual Relay Output Option (req. KAP-1, KCT-19 & wire to horn relay) Foot Switch Input (PF input) (req. KCT-19 & switch input to ground KES-5 External Speaker Option (req. KCT-19) KES-3 Compact External Speaker Opt. (plugs into mobile 3.5mm phono-jack)
Page 1 of 3
M760-860
Accessories for the TK-760G/860G Series Radios
Model
%start accessories AVL UNITS
Note: The 60G Series Radios have programmable data channel feature for steering the mobile to dedicated data channel per radio. For more information on AVL Units, please refer to the AVL pricepages. GPS Receiver / Modem Unit (includes one dash-mount GPS antenna, mounting bracket, screw set KGP-2A 525.00
Description
List
KGP-2B KCT-35 KCT-36 KPG-73D CABLES KCT-18 KCT-19
Base Modem Unit KGP-2A & 2B Radio Interface Cable for 60G/62G/63G-Series Mobiles KCT-35 Extension Cable; 117.6 inches (9.8 ft) Programming Software for KGP-2A/2B WindowsTM 95/98/Me
225.00 21.00 42.00 99.00
Ignition Sense Cable (Requires KCT-19) Accessory Interface Cable (i.e., data, horn alert)
13.00 21.00
www..com INSTALLATION ACCESSORIES
KLF-2 KMB-10 1 ST-865KW4 ST-909
Line Filter (suppresses alternator whine, 25dB, 25A max). Key lock adapter for the mobile bracket (KMB-6) SmarTrunk IITM Logic Board (Requires ST-909) (for 60G/70G portables & 62G/60G mobiles only) Installation cable for ST-865KW4 (for 62G/60G-series mobiles only)
SmarTrunk IITM is a registered trademark of SmarTrunk Systems Inc.
39.50 25.00 140.00 30.00
MICROPHONE AND SPEAKERS External speaker (compact low profile; black case; 3.5 mm phono plug-in) KES-3 External Speaker, 40W max input, black case (60G-Series mobiles require a KCT-19 option) KES-5 MIL-SPEC & Noise Canceling dynamic mobile microphone (8-pin mod. plug) (For 60G/62G Only) KMC-27A Standard dynamic mobile microphone (8-pin mod. plug) --- same as supplied w/ radio (for 60G/62G Mobile KMC-27B KMC-28A KMC-9C
Radio Only) MIL-SPEC & Noise Canceling dynamic mobile microphone (8-pin mod. plug) w/ DTMF (for 60G/62G Mobile Radio Only) Control Station Desktop Microphone (8-pin mod. plug) (for 60G/62G Mobile Radio Only)
42.00 59.00 99.00 40.00 155.00 82.00
MISCELLANEOUS ITEMS Horn Alert/P.A. Relay Option (requires KCT-19) KAP-1 DC Power Supply KPS-10A Mobile cabinet for KPS-14/15 Power Supplies (mobile mounting hardware included) KMB-20 KPS-15
For 60/60G/60H/60HG/62/62G/60H/60HG/63G/80-series mobiles DC Switching Power Supply (117/230 VAC; 23A max. continuous, 25A peak) *Compatible with medium & high power compact mobiles only: 60/60G/60H/60HG/62/62G/60H/60HG/80series mobiles
40.00 209.00 25.00 167.00
SERVICE RELATED ACCESSORIES KGP-1A & 1B Radio Interface Cable - Intent to Discontinue. Limited quantity available. KCT-20 KGP-2A & 2B Radio Interface Cable for 60G/62G/63G-Series Mobiles KCT-35 KCT-35 Extension Cable; 117.6 inches (9.8 ft) KCT-36 Mobile Programming interface cable (8-pin mic jack mobiles) for 60G/62G/80 Series Mobiles KPG-46 Programming Software for 60G/70G Portables & 60G/62G Mobiles Models Only KPG-56D Programming Software for KGP-1A/1B Parameters - Intent to Discontinue. Limited quantity avail. KPG-61ED2 Programming Software for KGP-2A/2B WindowsTM 95/98/Me KPG-73D %end accessories
55.00 21.00 42.00 N/A N/A 25.00 99.00
Page 2 of 3
M760-860
Installation / Tuning Charges for the TK-760G/860G Series Radios
Model Description List
$20.00 21.00 17.00 17.00 17.00 N/C 20.00 21.00
%start labor codes Tune TK-760/760G/860/860G L-136 Install KCT-20 in 60G/62G Series Mobiles for KGP-1A/1B L-8882 Install KCT-19 in 60G/62G Series Mobiles for Data/MDT mode L-895 Install KCT-19 in 60G/62G Series Mobiles for SmarTrunk Omni mode L-896 Install KCT-19 in 60G/62G Series Mobiles for Emergency Foot Sw. Input L-897 Log KGP-1A Serial Number (s) & KGP-1B Serial Number (For DigiMap DMTrack - AVL Products) L-890 Install ST-865KW4/ST-909 (in 60G mobile) L-908 Install KCT-35 in 60G/62G/63G Series Mobiles for KDS-100/KGP-2A/2B Interface (order KCT-35 separately) L-930 %end labor codes
www..com
1
ST-865KW4/ST-909 - compatible with production lots starting Feb. 2000; Serial number 111xxxxx or higher (carton stamped "D"). These are not replacements for the ST-865KW2/ST-908 SmarTrunk II products for the 60/62-Series mobiles and 60/70-Series portables. For detailed information on SmarTrunk II- Kenwood radio features and logic controller information visit SmarTrunk Inc.'s web site for informative downloads such as the "ST-865KW4 SmarTrunk II Installation and Operation Manual for Kenwood "G" Series Transceivers" and the SmarTrunk II Digital Trunking System - System Overview manual. 2 See AVL pricepages for further details.
Page 3 of 3
M760-860


▲Up To Search▲   

 
Price & Availability of TK-760G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X