|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SAW FILTER FOR GPS Murata part number :SAFEB1G57KE0F00 Package Dimensions Specification Item Nominal Center Frequency(f c) 1.350.05 1.050.05 Specif ication -30 to 85C 252C 1575.5MHz 1.3 dB max. 1.2 dB max. 0.95 dB typ. Insertion Loss (1573.92 to 1576.92MHz) A bsolute A ttenuation 1) (0.20) 0.6max. Dot Marking(0.3) JT www..com 0.1 to 250 to 810 to 960 to 1429 to 250 MHz 810 MHz 960 MHz 1429 MHz 1453 MHz 40 dB min. 41 dB min. 40 dB min. 40 dB min. 40 dB min. 37 dB min. 1.1 dB min. 40 dB min. 43 dB min. 44 dB min. 43 dB min. 43 dB min. 45 dB min. 40 dB min. 30 dB min. 0.6dB max. 40 dB min. 41 dB min. 40 dB min. 40 dB min. 40 dB min. 37 dB min. 1.1 dB min. 40 dB min. 43 dB min. 44 dB min. 43 dB min. 43 dB min. 45 dB min. 40 dB min. 30 dB min. 0.5dB max. 48 dB 42 dB 42 dB 42 dB 53 dB 43 dB 1.6 dB 46 dB 46 dB 46 dB 47 dB 50 dB 50 dB 44 dB 33 dB 0.03 dB 2) 3) 4) 5) 6) 7) 1453 to 1525.42 MHz 1525 to 1625 to 1710 to 1749.9 to 1785 to 1920 to 1990 to 2170 to 2700 to 1560 MHz 1710 MHz 1749.9 MHz 1785 MHz 1920 MHz 1990 MHz 2170 MHz 2700 MHz 6000 MHz 5-0.3250.050 8) 2-0.250.05 (0.075) 9) 10) 11) 12) (2) (1) (5) (3) (0.05) 2-0.250.05 (4) 5-0.250.05 2-0.250.05 13) 14) 15) Ripple Deviation (1573.92 to 1576.92MHz) Marking : Laser Printing (1) : Input (4) : Output Others : Ground Unit : mm V SWR (1573.92 to 1576.92MHz) Input/Output Impedance (nominal) Input Signal Level 1.7 max. 1.5 max. 5 0 1.2 50mW (+17dBm), 2000 hours Sep. 27, 2006 1/4 SAW FILTER FOR GPS Murata part number :SAFEB1G57KE0F00 Frequency Performance 0 10 20 30 0 2 4 6 8 10 12 14 16 1770 I.L.(dB) 40 50 60 70 80 1370 www..com 1410 1450 1490 1530 frequency(MHz) 1570 1610 1650 1690 1730 0 10 20 30 I.L.(dB) 40 50 60 70 80 0 600 1200 1800 2400 frequency(MHz) 3000 3600 4200 4800 5400 6000 Sep. 27, 2006 2/4 SAW FILTER FOR GPS Murata part number :SAFEB1G57KE0F00 4.00.1 2.000.05 +0.1 1.5-0.0 1.750.10 3.500.05 Dimensions of Carrier Tape www..com 4.00.1 3max. +0.1 0.8-0.0 Direction of Feed Cover Tape 8.00.2 0.300.05 0.700.10 1.30.1 3max. 1.60.1 Unit: mm JT JT JT Dimensions of Tape Trailer tape 160...190 Components 80...120 Leader Cavity 400...560 Unit: mm Dimensions of Reel 2.00.5 9.00.5 13.5max. (178) (60) 13.00.5 Unit: mm SAFEB1G57KE0F00R14 ... 4000pcs/reel SAFEB1G57KE0F00R12 ... 2000pcs/reel Sep. 27, 2006 3/4 SAW FILTER FOR GPS Murata part number :SAFEB1G57KE0F00 Recommended Land Pattern 0.25 0.425 0.25 0.425 0.325 0.525 0.325 0.525 0.25 1.6 0.325 www..com 0.25 : Land Pattern Unit : mm Test Circuit 50 2 1 5 4 3 1.3 S.S.G. 50 RF Voltmeter V1 * This PDF Datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it's specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. * This PDF Datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Sep. 27, 2006 4/4 |
Price & Availability of SAFEB1G57KE0F00 |