Part Number Hot Search : 
SP705EP 12001 MPS6533 PGP64AHF TPD4121K MAZT068H D2W103LG 91031
Product Description
Full Text Search
 

To Download RN73H1J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN73H
resistors
precision high heat resistance metal film chip resistor
EU
features * SMD metal film resistors * High precision type 0.05% is available with standard products * Improved moisture resistance by special protective coating * Rated up to +155C * Marking: Black coating * Products with lead-free terminations meet EU RoHS requirements
www..com
dimensions and construction
c L c Type
(Inch Size Code)
L
Dimensions inches (mm) W c d
t
W
1J (0603) Solder Plating Ni Plating 2A (0805) 2B (1206) 2E (1210)
.063.008 .031.004 .012.004 .012.004 .018.004 (0.30.1) (0.450.1) (1.60.2) (0.80.1) (0.30.1) .079.008 .049.004 .016.008 (2.00.2) (1.250.1) (0.40.2) .063.008 .126.008 (1.60.2) (3.20.2) .098.008 (2.50.2) .02.012 (0.50.3) .012 (0.3 .016 (0.4
+.008 -.004 +0.2 ) -0.1 +.008 -.004 +0.2 ) -0.1
.02.004 (0.50.1) .024.004 (0.60.1)
t d Protective Coating Resistive Inner Electrode Film
Ceramic Substrate
ordering information
New Part # RN73H Type 2B Size 1J: 0.1W 2A: 0.125W 2B: 0.25W 2E: 0.25W T Termination Material T: Sn (Other termination styles may be available, please contact factory for options) TD Packaging TD: 7" paper tape (0603, 0805, 1206, 1210) TE: 7" punched plastic (0805, 1206, 1210) 1002 Nominal Resistance 3 significant figures + 1 multiplier "R" indicates decimal on value <100 B Resistance Tolerance A: 0.05% B: 0.1% C: 0.25% D: 0.5% F: 1.0% 25 T.C.R. (ppm/C) 05 10 25 50 100
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/26/07
24
KOA Speer Electronics, Inc. * Bolivar Drive * P Box 547 * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com .O.
RN73H
precision high heat resistance metal film chip resistor applications and ratings
Part Power Rating Designation @ 70C T.C.R. (ppm/C) Max. 5 10 25 50 100 5 10 25 50 100 5 10 25 50 100 10 25 50 100 Resistance Range E-24, E-96* (A0.05%) (B0.1%) (C0.25%) (D0.5%) (F1.0%) -- 100 - 59k 75V 10 - 59k -- 100 - 100k 100V 10 - 100k -- 100 - 300k 150V 10 - 300k 100 - 510k 10 - 510k 200V 400V 300V -55C to +155C 200V 150V Maximum Working Voltage Maximum Operating Overload Temp. Voltage Range
resistors
RN73H1J
1/10W (.10W)
www..com RN73H2A 1/8W (.125W)
RN73H2B
1/4W (.25W)
RN73H2E
1/4W (.25W)
100 - 47k 100 - 47k -- -- 100 - 59k 100 - 59k 100 - 59k 100 - 59k 51 - 59k 15 - 59k 15 - 59k 10 - 59k -- -- -- -- -- 100 - 100k 100 - 100k 100 - 100k 100 - 100k 51 - 100k 15 - 100k 15 - 100k 10 - 100k -- -- -- -- -- 100 - 330k 100 - 300k 100 - 300k 100 - 300k 51 - 300k 15 - 300k 15 - 300k 10 - 300k -- -- -- 100 - 510k 100 - 510k 100 - 510k 100 - 510k 51 - 510k 15 - 510k 15 - 510k 10 - 510k -- -- --
* E-192 resistance range available, please contact KOA Speer
environmental applications Derating Curve
100 80 % Rated Power
High Temperature Exposure (155C, 1000 hr)
0.10 0.08 R (%) 0.06 0.04 0.02 RN73H2A
59k 100 10k 1k
60 40 20 0 -60 -40 -55
-20
0
80 100 120 85 Ambient Temperature (C) 40 60
20
140
160 155
0.00
200
400
600 Time (hour)
800
1000
For complete environmental specifications, please refer to pages 34-35.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/26/07
KOA Speer Electronics, Inc. * Bolivar Drive * P Box 547 * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com .O.
25


▲Up To Search▲   

 
Price & Availability of RN73H1J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X