Part Number Hot Search : 
56083 74HCT SD1135 CXXXX MBT412 TC4424AV C7SZ1 BI400
Product Description
Full Text Search
 

To Download PPQ-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
100W Quad Output with PFC Function
Features :
PPQ-100
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage Cooling by free air convection 100% full load burn-in test Fixed switching frequency at 70KHz(Optional) 3 years warranty
series
SPECIFICATION
MODEL OUTPUT NUMBER DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER (max.) OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) INPUT EFFICIENCY(Typ.) AC CURRENT (Typ.) INRUSH CURRENT (Typ.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 4)
PPQ-100B CH1 5V 10A 2 ~ 15A 101W CH1:4.75 ~ 5.5V 3.0% 8.0% 1.0% 2.0% 2.0% 6.0% CH2 12V 3.4A 0.3 ~ 4A CH3 -12V 0.6A 0 ~ 1A CH4 -5V 0.6A 0 ~ 1A
PPQ-100C CH1 5V 10A 2 ~ 15A 101W CH2 15V 2.6A 0.3 ~ 4A CH3 -15V 0.6A 0 ~ 1A CH4 -5V 0.6A 0 ~ 1A
PPQ-100D CH1 5V 8A 2 ~ 10A 102.4W CH2 24V 2A 0.3 ~ 4A CH3 12V 0.6A 0 ~ 1A CH4 -12V 0.6A 0 ~ 1A
RIPPLE & NOISE (max.) Note.2 100mVp-p 150mVp-p 100mVp-p 100mVp-p 100mVp-p 150mVp-p 100mVp-p 100mVp-p 100mVp-p 200mVp-p 100mVp-p 100mVp-p 5.0% 2.0% 2.0% 5.0% 1.0% 2.0% 3.0% 1.0% 2.0% +10,-6% 2.0% 6.0% 5.0% 2.0% 2.0% 5.0% 1.0% 2.0% 3.0% 1.0% 2.0% 8.0% 2.0% 6.0% 5.0% 2.0% 2.0% 5.0% 1.0% 2.0%
800ms, 50ms/230VAC 24ms/230VAC 90 ~ 264VAC 47 ~ 63Hz PF>0.95/230VAC 75% 1.65A/115VAC COLD START 30A <3.5mA /240VAC
1200ms, 50ms/115VAC at full load
24ms/115VAC at full load 127 ~370VDC PF>0.98/115VAC at full load 76% 0.85A/230VAC 78%
105% ~ 135% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed CH1: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover -10 ~ +60 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, Period for 60min.each along X, Y, Z axes UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A 162.5K hrs min. MIL-HDBK-217F (25 ) 177.8*107.95*38mm (L*W*H) 0.62Kg; 24pcs/15.9Kg/1.34CUFT
OTHERS
NOTE
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:PPQ-100-SPEC 2006-02-14
100W Quad Output with PFC Function
Mechanical Specification
177.8 6.35 165.1
PPQ-100
series
Unit:mm
CN3 1 2 3 4 5 6 7 8 1 2 3 4 5 FS1 T5A/250V CN1 LED FG 12 34 5 SVR1 CN2
6.35
4- 3.96
AC Input Connector (CN1) : JST B5P-VH or equivalent
Pin No. 1 2,4 3 5 Assignment FG No Pin AC/L AC/N Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
DC Output Connector (CN2) : JST B5P-VH or equivalent
Pin No. 1,2 3 4 5 Assignment V2 NC V3 V4 Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
DC Output Connector (CN3) : JST B8P-VH or equivalent
Pin No. 1~4 5~8 Assignment V1 COM Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
Derating Curve
Output Derating VS Input Voltage
17.8CFM Forced Air Cooling(10cm)
100 90 80
100 90 80 70
60
LOAD (%)
LOAD (%)
40
60 50 40
20
-10 -10
0 0
10
20
30
40
50
60 (HORIZONTAL)
90
100
115
135
38
107.95
155
95.25
230
264
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
File Name:PPQ-100-SPEC 2006-02-14
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of PPQ-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X