Part Number Hot Search : 
1N5310 F16C50PT RBV1001 BC847C SC202EVB SC4530 MRF650 3266P205
Product Description
Full Text Search
 

To Download NV8A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
NV8A
Filtering signal conditioner for sensor signal matching with an asymmetric 0...5V output voltage
Features
* * * * * * low noise and low drift no stabilized supply voltage necessary integrated reverse polarity protection outputs are short circuit proof highly stable supply voltage for sensor operation protection against reverse polarity of sensor connection * * * * * zero position and gain adjustable via potentiometers electronic components hermetically sealed optionally frequency programmable, active th 4 order low pass filter optional high pass filter different connector options
Description
The NV8A amplifies, filters and normalizes the output signals of SEIKA sensors. The asymmetric output signal enables unproblematic, subsequent signal processing with standard measuring equipment, such as oscilloscopes, transient recorders, A/D converters, multimeters, etc., operating with this asymmetric signal level. The NV8A requires a non-stabilized supply voltage in the range of 8...30 Volt. The NV8A provides a highly stable 5V voltage with short circuit current limitation as a sensor supply voltage. Multiple internal switching variants allow for optimal adaptation of signal processing parameters, such as settling time, filter cut-off frequencies and amplification and zero point adjustment, to the measuring task.
Application
The NV8A has its application anywhere a SEIKA sensor is, without great expenditures and under optimal compatibility, to be connected to application specific measuring equipment and subsequent adjustment of amplification and zero position are necessary. The use of an asymmetric output voltage requires minimal electronics for further signal processing.
Technical Specifications
Dimensions Supply voltage Current drawn excluding sensor Operating temperature Internally generated sensor supply voltage Temperature drift of sensor supply voltage Maximum output voltage range Output signal range Zero offset range Output impedance Signal-to-noise ratio Signal-to-noise ratio with standard sensors see dimension drawing +8...+30 Volt (reverse polarity protected to -70Volt) approx.10 mA -40...+85C +5,00 Volt 20ppm / Kelvin +0,05 ... +4,95 Volt 2,52 Volt 2,4...2,6 Volt (larger ranges, e.g. for B1 in Z direction on request) approx.100 30Vs.s. approx. 80dB
SEIKA Mikrosystemtechnik GmbH * Ellharter Str.10 * D-87435 Kempten * Tel: 0831-25532 Fax: 0831-25534 Tope Co., Ltd. Tel: (02) 8228-0658 Fax: (02) 8228-0659 httrp://www.sensor.com.tw e-mail: tope@ms1.hinet.net
(7/2001)
- NV 5 -
NV8A
Frequency range Electrical connections 0...10Hz, 0...200Hz, 0...2kHz, custom ranges on request pin connector 2,54mm, lenght 5,7mm, O 0,63mm gold-plated soldering pads optional
Dimensions
50 10.22 5.5
25
6.185 2.54 2.54 2.54
27.94
2.54 2.54 1.12
Connections
gain regulator zero regulator
supply voltage +8...30 Volt GND
5.4
output voltage 0.5...4.5 Volt GND
+5 Volt (max. 10mA) SENSOR sensor transmission line GND (common earth)
Attention! Do not short circuit the supply voltage with the output. No problem with GND - all at same potential, even in mulitaxial systems! The sensor supply voltage (+5V, max 10mA) can/should (because of the high accuracy) be used as reference voltage for subsequent electronics, e.g. OPV or ADC.
SEIKA Mikrosystemtechnik GmbH * Ellharter Str.10 * D-87435 Kempten * Tel: 0831-25532 Fax: 0831-25534 Tope Co., Ltd. Tel: (02) 8228-0658 Fax: (02) 8228-0659 httrp://www.sensor.com.tw e-mail: tope@ms1.hinet.net
(7/2001)
- NV 6 -


▲Up To Search▲   

 
Price & Availability of NV8A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X