Part Number Hot Search : 
KBP06 00BZXC SMK12 PRODUC SP45001 1673C11B 4S640 370BN
Product Description
Full Text Search
 

To Download MXA2500U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra Low Noise, 1 g Dual Axis Accelerometer with Analog Outputs
MXA2500U
FEATURES Better than 1 milli-g resolution Dual axis accelerometer fabricated on a monolithic CMOS IC On-chip mixed mode signal processing No moving parts 50,000 g shock survival rating 25 Hz bandwidth expandable to >160 Hz 2.70V to 5.25V single supply continuous operation Small (5mm x 5mm x 2mm) surface mount package Continuous self test Custom programmable specifications Independent axis programmability (special order) APPLICATIONS
Automotive - Vehicle Security/Active Suspension/ABS Headlight Angle Control/Tilt Sensing Security - Gas Line/Elevator/Fatigue Sensing Office Equipment - Computer Peripherals/PDA's/Mouse Smart Pens/Cell Phones Gaming - Joystick/RF Interface/Menu Selection/Tilt Sensing White Goods - Spin/Vibration Control GENERAL DESCRIPTION The MXA2500U is an ultra low noise and low cost, dual axis accelerometer fabricated on a standard, submicron CMOS process. It is a complete sensing system with onchip mixed mode signal processing. The MXA2500U measures acceleration with a full-scale range of 1 g and a sensitivity of 500mV/g at 25C. (The MEMSIC accelerometer product line extends from 1 g to 10 g with custom versions available above 10 g.) It can measure both dynamic acceleration (e.g., vibration) and static acceleration (e.g., gravity). The MXA2500U design is based on heat convection and requires no solid proof mass. This eliminates stiction and particle problems associated with competitive devices and provides shock survival of 50,000 g, leading to significantly lower failure rates and lower loss due to handling during assembly.
Sck (optional)
Internal Oscillator Temperature Sensor Voltage Reference Continous Self Test
TOUT VREF
CLK
Heater Control
X axis
Low Pass Filter
AOUTX
Factory Adjust Offset & Gain Low Pass Filter
Y axis 2-AXIS SENSOR
AOUTY
VDD
Gnd
VDA
MXA2500U FUNCTIONAL BLOCK DIAGRAM
The MXA2500U provides an absolute analog output The typical noise floor is 0.2 mg/ Hz allowing signals below 1 milli-g to be resolved at 1 Hz bandwidth. The 3dB rolloff of the device occurs at 25 Hz but is expandable to >160 Hz (ref. Application Note AN-00MX-003). The MXA2500U is available in a low profile LCC surface mount package (5 mm x 5 mm x 2 mm). It is hermetically sealed and is operational over a -40C to +105C temperature range. It also contains an on-chip temperature sensor and a bandgap voltage reference. Due to the standard CMOS structure of the MXA2500U, additional circuitry can easily be incorporated into custom versions for high volume applications. Contact the factory for more information.
Information furnished by MEMSIC is believed to be accurate and reliable. However, no responsibility is assumed by MEMSIC for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of MEMSIC.
MEMSIC, Inc. 800 Turnpike Street, Suite 202 , North Andover, MA 01845 Tel: 978.738.0900 Fax: 978.738.0196 www.memsic.com
MEMSIC MXA2500U Rev A
Page 1 of 8
5/02
www.DataSheet.in
MXA2500U SPECIFICATIONS (Measurements @ 25C, Acceleration = 0 g unless otherwise noted; VDD, VDA = 5.0V
unless otherwise specified)
Parameter SENSOR INPUT Measurement Range1 Nonlinearity Alignment Error2 Transverse Sensitivity3 SENSITIVITY Sensitivity, Analog Outputs at pins AOUTX and AOUTY6 Change over Temperature (uncompensated)4 Change over Temperature (compensated) 4 ZERO g BIAS LEVEL 0 g Offset6 0 g Voltage6 0 g Offset over Temperature NOISE PERFORMANCE Noise Density, rms FREQUENCY RESPONSE 3dB Bandwidth - uncompensated 3dB Bandwidth - compensated5 TEMPERATURE OUTPUT Tout Voltage Sensitivity VOLTAGE REFERENCE VRef Change over Temperature Current Drive Capability SELF TEST Continuous Voltage at AOUTX, AOUTY under Failure Continuous Voltage at AOUTX, AOUTY under Failure AOUTX and AOUTY OUTPUTS Normal Output Range Current Turn-On Time POWER SUPPLY Operating Voltage Range Supply Current Supply Current6,7 TEMPERATURE RANGE Operating Range NOTES
Guaranteed by measurement of initial offset and sensitivity. Alignment error is specified as the angle between the true and indicated axis of sensitivity. 3 Transverse sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors. 4 The sensitivity change over temperature for thermal accelerometers is based on variations in heat transfer that are governed by the laws of physics and it is highly consistent from device to device. Please refer to the section in this data sheet titled "Compensation for the Change of Sensitivity over Temperature" for more information. 5 External circuitry is required to extend the 3dB bandwidth. (ref. Application Note: AN-00MX-003).
2 1
Conditions Each Axis Best fit straight line
Min 1.0
MXA2500U Typ
Max
Units g % of FS degree %
0.5 1.0 2.0
1.0
Each Axis 475 from 25C, at -40C from 25C, at +105C from 25C, -40C to +105C Each Axis from 25C from 25C, based on 500mV/g Without frequency compensation -50 <3.0 -0.1 1.20 0.00 1.25 0.75 0.375 0.2 25 >160 1.23 4.6 @2.7V-5.25V supply Source @5.0V Supply, output rails to supply voltage @2.7V Supply, output rails to supply voltage @5.0V Supply @2.7V Supply Source or sink, @ 2.7V-5.0V supply @5.0V Supply @2.7V Supply 0.1 0.1 100 100 40 2.7 3.0 4.0 -40 5.25 4.2 5.8 +105 2.4 1.25 5.0 2.5 0.1 1.27 5.4 2.65 100 +0.1 1.30 500 525 +100 mV/g % % % g V mg/C mV/C mg/ Hz Hz Hz V mV/C V mV/C A
0.4
5.0 2.7 4.9 2.6
V V V V A mS mS V mA mA C
@ 5.0V @ 2.7V
3.6 4.9
6 The device operates over a 2.7V to 5.25V supply range. Please note that sensitivity and zero g bias level will be slightly different at 2.7V operation. For devices to be operated at 2.7V/3.0V in production, they can be trimmed at the factory specifically for this lower supply voltage operation, in which case the sensitivity and zero g bias level specifications on this page will be met. Please contact the factory for specially trimmed devices for low supply voltage operation. 7 Note that the accelerometer has a constant heater power control circuit thereby requiring higher supply current at lower operating voltage.
MEMSIC MXA2500U Rev A
Page 2 of 8
05/02
www.DataSheet.in
2 3
M EM SIC
ABSOLUTE MAXIMUM RATINGS* Supply Voltage (VDD, VDA) .....................-0.5 to +7.0V Storage Temperature ......................-65C to +150C Acceleration ............................................50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
8 1 7 X +g 6 5
4 Y +g
Package Characteristics Package JA JC LCC-8 110C/W 22C/W
Top V iew
Device Weight < 1 gram
Pin Description: LCC-8 Package Pin Name Description 1 TOUT Temperature (Analog Voltage) 2 AOUTY Y-Axis Acceleration Signal 3 Gnd Ground 4 VDA Analog Supply Voltage 5 AOUTX X-Axis Acceleration Signal 6 Vref 2.5V Reference 7 Sck Optional External Clock 8 VDD Digital Supply Voltage Ordering Guide Model A2500UL Package Style LCC-8 SMD*
*LCC parts are shipped in tape and reel packaging.
Note: The MEMSIC logo's arrow indicates the +X sensing direction of the device. The +Y sensing direction is rotated 90 away from the +X direction following the right-hand rule.
Caution ESD (electrostatic discharge) sensitive device.
MEMSIC MXA2500U Rev A
Page 3 of 8
05/02
www.DataSheet.in
THEORY OF OPERATION The MEMSIC device is a complete dual-axis acceleration measurement system fabricated on a monolithic CMOS IC process. The device operation is based on heat transfer by natural convection and operates like other accelerometers having a proof mass. The stationary element, or `proof mass', in the MEMSIC sensor is a gas. A single heat source, centered in the silicon chip is suspended across a cavity. Equally spaced aluminum/polysilicon thermopiles (groups of thermocouples) are located equidistantly on all four sides of the heat source (dual axis). Under zero acceleration, a temperature gradient is symmetrical about the heat source, so that the temperature is the same at all four thermopiles, causing them to output the same voltage. Acceleration in any direction will disturb the temperature profile, due to free convection heat transfer, causing it to be asymmetrical. The temperature, and hence voltage output of the four thermopiles will then be different. The differential voltage at the thermopile outputs is directly proportional to the acceleration. There are two identical acceleration signal paths on the accelerometer, one to measure acceleration in the x-axis and one to measure acceleration in the y-axis. Please visit the MEMSIC website at www.memsic.com for a picture/graphic description of the free convection heat transfer principle. PIN DESCRIPTIONS VDD - This is the supply input for the digital circuits and the sensor heater in the accelerometer. The DC voltage should be between 2.70 and 5.25 volts. Refer to the section on PCB layout and fabrication suggestions for guidance on external parts and connections recommended. VDA - This is the power supply input for the analog amplifiers in the accelerometer. Refer to the section on PCB layout and fabrication suggestions for guidance on external parts and connections recommended. Gnd - This is the ground pin for the accelerometer.
sensitivities on the x- and y-axes. Contact the factory for additional information on this feature. TOUT - This pin is the buffered output of the temperature sensor. The analog voltage at TOUT is an indication of the die temperature. This voltage is useful as a differential measurement of temperature from ambient and not as an absolute measurement of temperature. After correlating the voltage at TOUT to 25C ambient, the change in this voltage due to changes in the ambient temperature can be used to compensate for the change over temperature of the accelerometer offset and sensitivity. Please refer to the section on Compensation for the Change in Sensitivity Over Temperature for more information. Sck - The standard product is delivered with an internal clock option (800kHz). This pin should be grounded when operating with the internal clock. An external clock option can be special ordered from the factory allowing the user to input a clock signal between 400kHz and 1.6MHz. Vref - A reference voltage is available from this pin. It is set at 2.50V typical and has 100A of drive capability. COMPENSATION FOR THE CHANGE IN SENSITIVITY OVER TEMPERATURE All thermal accelerometers display the same sensitivity change with temperature. The sensitivity change depends on variations in heat transfer that are governed by the laws of physics. Manufacturing variations do not influence the sensitivity change, so there are no unit-to-unit differences in sensitivity change. The sensitivity change is governed by the following equation (and shown in Figure 1 in C): Si x Ti2.81 = Sf x Tf2.81 where Si is the sensitivity at any initial temperature Ti, and Sf is the sensitivity at any other final temperature Tf with the temperature values in K.
2.0
AOUTX - This pin is the output of the x-axis acceleration sensor. The user should ensure the load impedance is sufficiently high as to not source/sink >100A. While the sensitivity of this axis has been programmed at the factory to be the same as the sensitivity for the y-axis, the accelerometer can be programmed for non-equal sensitivities on the x- and y-axes. Contact the factory for additional information on this feature.
AOUTY - This pin is the output of the y-axis acceleration
Sensitivity (normalized)
1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 Temperature (C)
sensor. The user should ensure the load impedance is sufficiently high as to not source/sink >100A. While the sensitivity of this axis has been programmed at the factory to be the same as the sensitivity for the x-axis, the accelerometer can be programmed for non-equal Page 4 of 8
Figure 1: Thermal Accelerometer Sensitivity
In gaming applications where the game or controller is typically used in a constant temperature environment, sensitivity might not need to be compensated in hardware 05/02
MEMSIC MXA2500U Rev A
www.DataSheet.in
or software. Any compensation for this effect could be done instinctively by the game player. For applications where sensitivity changes of a few percent are acceptable, the above equation can be approximated with a linear function. Using a linear approximation, an external circuit that provides a gain adjustment of -0.9%/C would keep the sensitivity within 10% of its room temperature value over a 0C to +50C range. For applications that demand high performance, a low cost micro-controller can be used to implement the above equation. A reference design using a Microchip MCU (p/n 16F873/04-SO) and MEMSIC developed firmware is available by contacting the factory. With this reference design, the sensitivity variation over the full temperature range (-40C to +105C) can be kept below 3%. Please visit the MEMSIC web site at www.memsic.com for reference design information on circuits and programs including look up tables for easily incorporating sensitivity compensation. DISCUSSION OF TILT APPLICATIONS AND RESOLUTION Tilt Applications: One of the most popular applications of the MEMSIC accelerometer product line is in tilt/inclination measurement. An accelerometer uses the force of gravity as an input to determine the inclination angle of an object. A MEMSIC accelerometer is most sensitive to changes in position, or tilt, when the accelerometer's sensitive axis is perpendicular to the force of gravity, or parallel to the Earth's surface. Similarly, when the accelerometer's axis is parallel to the force of gravity (perpendicular to the Earth's surface), it is least sensitive to changes in tilt. Table 1 and Figure 2 help illustrate the output changes in the X- and Y-axes as the unit is tilted from +90 to 0. Notice that when one axis has a small change in output per degree of tilt (in mg), the second axis has a large change in output per degree of tilt. The complementary nature of these two signals permits low cost accurate tilt sensing to be achieved with the MEMSIC device (reference application note AN-00MX-007).
X +900 MEMSIC gravity 00
X-Axis X-Axis Orientatio n To Earth's Surface (deg.)
90 85 80 70 60 45 30 20 10 5 0
Y-Axis Y Output (g) Change per deg. of tilt (mg)
17.45 17.37 17.16 16.35 15.04 12.23 8.59 5.86 2.88 1.37 0.15
X Output (g)
Change per deg. of tilt (mg)
1.000 0.15 0.000 0.996 1.37 0.087 0.985 2.88 0.174 0.940 5.86 0.342 0.866 8.59 0.500 0.707 12.23 0.707 0.500 15.04 0.866 0.342 16.35 0.940 0.174 17.16 0.985 0.087 17.37 0.996 0.000 17.45 1.000 Table 1: Changes in Tilt for X- and Y-Axes
Resolution: The accelerometer resolution is limited by noise. The output noise will vary with the measurement bandwidth. With the reduction of the bandwidth, by applying an external low pass filter, the output noise drops. Reduction of bandwidth will improve the signal to noise ratio and the resolution. The output noise scales directly with the square root of the measurement bandwidth. The maximum amplitude of the noise, its peak- to- peak value, approximately defines the worst case resolution of the measurement. With a simple RC low pass filter, the rms noise is calculated as follows: Noise (mg rms) = Noise(mg/ Hz ) * ( Bandwidth( Hz) *1.6) The peak-to-peak noise is approximately equal to 6.6 times the rms value (for an average uncertainty of 0.1%). EXTERNAL FILTERS AC Coupling: For applications where only dynamic accelerations (vibration) are to be measured, it is recommended to ac couple the accelerometer output as shown in Figure 3. The advantage of ac coupling is that variations from part to part of zero g offset and zero g offset versus temperature can be eliminated. Figure 3 is a HPF (high pass filter) with a -3dB breakpoint given by the . In many applications it may be equation: f = 1 2RC desirable to have the HPF -3dB point at a very low frequency in order to detect very low frequency accelerations. Sometimes the implementation of this HPF may result in unreasonably large capacitors, and the designer must turn to digital implementations of HPFs where very low frequency -3dB breakpoints can be achieved.
Y Top View
Figure 2: Accelerometer Position Relative to Gravity
MEMSIC MXA2500U Rev A
Page 5 of 8
05/02
www.DataSheet.in
AOUTX
C
R C
AOUTX F iltered O u tp ut
AOUTY
R
AOUTY F iltered O u tp ut
COMPENSATION FOR EXTENDING THE FREQUENCY RESPONSE The response of the thermal accelerometer is a function of the internal gas physical properties, the natural convection mechanism and the sensor electronics. Since the gas properties of MEMSIC's mass produced accelerometer are uniform, a simple circuit can be used to equally compensate all sensors. For most applications, the compensating circuit does not require adjustment for individual units. A simple compensating network comprising two operational amplifiers and a few resistors and capacitors provides increasing gain with increasing frequency (see Figure 5). The circuit shown is for an absolute output accelerometer operating at 5 V supply. It provides a DC gain of X2, so the offset at the output is 2.5V and the sensitivity is doubled. The 14.3 K and the 5.9K resistors along with the non-polarized 0.82F capacitors tune the gain of the network to compensate for the output attenuation at the higher frequencies. The resistors and the capacitors provide noise reduction and stability.
14.3K 1.5uF 5.9K 0.01uF
Figure 3: High Pass Filter
Low Pass Filter: An external low pass filter is useful in low frequency applications such as tilt or inclination. The low pass filter limits the noise floor and improves the resolution of the accelerometer. The low pass filter shown in Figure 4 has a -3dB breakpoint given by the equation: f=1 . For the 200 Hz ratiometric output device 2RC filter, C=0.1F and R=8k, 5%, 1/8W.
AOUTX
R C R C
AOUTX F iltered O u tp u t
UA Aout X or Y 8.06K 160K +
AOUTY
AOUTY F iltered O u tp u t
0.047uF
0.0022uF
14.3K
5.9K 0.01uF
Figure 4: Low Pass Filter
1.5uF
USING THE ACCELEROMETER IN VERY LOW POWER APPLICATIONS (BATTERY OPERATION) In applications with power limitations, power cycling can be used to extend the battery operating life. One important consideration when power cycling is that the accelerometer turn on time limits the frequency bandwidth of the accelerations to be measured. For example, operating at 2.7V the turn on time is 40mS. To double the operating time, a particular application may cycle power ON for 40mS, then OFF for 40mS, resulting in a measurement period of 80mS, or a frequency of 12.5Hz. With a frequency of measurements of 12.5Hz, accelerations changes as high as 6.25Hz can be detected. Power cycling can be used effectively in many inclinometry applications, where inclination changes can be slow and infrequent.
UB + 0.047uF 8.06K
Freq. Comp. Output
Figure 5: Frequency Response Extension Circuit
The accelerometer response (bottom trace), the network response (top trace) and the compensated response (middle trace) are shown in Figure 6. The amplitude remains above -3db beyond 100 Hz, and there is useable signal well after this frequency.
MEMSIC MXA2500U Rev A
Page 6 of 8
05/02
www.DataSheet.in
60 45 30 Amplitude - dB 15 0 -1 5 -3 0 -4 5 -6 0 10 100 Fre qu e nc y - H z 1000
Various digital compensation techniques can be applied using a similar concept. Digital techniques can provide better compensation because they can compensate for nonlinear zero g offset vs. temperature. A micro-controller or micro-processor would perform the compensation. The acceleration signal and the temperature signal would be digitized using an analog to digital converter. Like in the analog compensation, the first step is to test and characterize the zero g change. The purpose of the characterization is to create a look up table or to estimate a mathematical representation of the change. For example, the change could be characterized by an equation of the form:
Change = a * Temperature
2
Figure 6: Amplitude Frequency Response
+ b * Temperature + c
where a,b,c are unique constants for each accelerometer. In normal operation the processor calculates the output: COMPENSATION FOR ZERO G OFFSET CHANGE OVER TEMPERATURE In applications where a stable zero g offset is required, and where the AC coupling external filter described earlier can not be used, analog or digital temperature compensation can be applied. The compensation requires individual calibration because the magnitude of the zero g offset change over temperature is different for each unit. To compensate the change, a calibrated temperature dependent signal equal in magnitude but with opposite polarity is added to the accelerometer output. The circuit in Figure 7 shows a circuit example applying an analog linear compensation technique. In this circuit the accelerometer temperature sensor output is added to or subtracted from the accelerometer output. The calibration sequence is: start at room temperature with the 100K pot set so that its wiper is at Vref. Next, soak the accelerometer at the expected extreme temperature and observe the direction of the change. Then set the switch to the non-inverting input if the change is negative or vice versa. Finally, adjust the 100K pot while monitoring the circuit output, until the zero g offset change is removed.
Compensated Output = Acceleration - Change.
For a more detail discussion of temperature compensation reference MEMSIC application note #AN-00MX-002. TEMPERATURE OUTPUT NOISE REDUCTION It is recommended that a simple RC low pass filter is used when measuring the temperature output. Temperature output is typically a very slow changing signal, so a very low frequency filter eliminates erroneous readings that may result from the presence of higher frequency noise. A simple filter is shown in Figure 8.
TOUT MEMSIC Accel.
8.2K
Filtered TOUT
0.1uF
Figure 8: Temperature Output Noise Reduction
Vref +5V 10K 10K SW SPDT 100K Tout Aoutx or y 10K 100K 100K 100K 100K Aoutx or y 100K + zero g drift compensated
Figure 7: Zero g Offset Temperature Compensation Circuit
MEMSIC MXA2500U Rev A
Page 7 of 8
05/02
www.DataSheet.in
POWER SUPPLY NOISE REJECTION Two capacitors and a resistor are recommended for best rejection of power supply noise (reference Figure 9 below). The capacitors should be located as close as possible to the device supply pins (VDA, VDD). The capacitor lead length should be as short as possible, and surface mount capacitors are preferred. For typical applications, capacitors C1 and C2 can be ceramic 0.1 F, and the resistor R can be 10 . In 5V applications where power consumption is not a concern, maximum supply noise rejection can be obtained by significantly increasing the values of C1, C2 and R. For example, C1 = C2 = 0.47 F and R = 270 will virtually eliminate power supply noise effects.
V SUPPLY
PCB LAYOUT AND FABRICATION SUGGESTIONS 1. The Sck pin should be grounded to minimize noise. 2. Liberal use of ceramic bypass capacitors is recommended. 3. Robust low inductance ground wiring should be used. 4. Care should be taken to ensure there is "thermal symmetry" on the PCB immediately surrounding the MEMSIC device and that there is no significant heat source nearby. 5. A metal ground plane should be added directly beneath the MEMSIC device. The size of the ground plane should be similar to the MEMSIC device's footprint and be as thick as possible. 6. Vias can be added symmetrically around the ground plane. Vias increase thermal isolation of the device from the rest of the PCB.
C1
R
C2
VDA
VDD
MEMSIC Accelerometer
Figure 9: Power Supply Noise Rejection PACKAGE DRAWING
Fig 10: Hermetically Sealed Package Outline
MEMSIC MXA2500U Rev A
Page 8 of 8
05/02
www.DataSheet.in


▲Up To Search▲   

 
Price & Availability of MXA2500U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X