Part Number Hot Search : 
HSBD136 M050A A1150 7152I02L 30WQ05F SA25F020 CPT40040 160NTD
Product Description
Full Text Search
 

To Download MIL-PRF-19500296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
P-CHANNEL J-FET
Qualified per MIL-PRF-19500/296 Devices 2N2609 Qualified Level JAN
ABSOLUTE MAXIMUM RATINGS (TA = +250C unless otherwise noted) Parameters / Test Conditions Symbol Value
Gate-Source Voltage Power Dissipation (1) TA = +250C Operating Junction & Storage Temperature Range (1) Derate linearly 1.71 mW/0C for TA > +250C. VGSS PD Top, Tstg 30 300 -65 to +200
Units
V mW 0 C TO-18 (TO-206AA)
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = +250C unless otherwise noted) PARAMETERS / TEST CONDITIONS Symbol
Gate-Source Breakdown Voltage VDS = 0, IG = 1.0 Adc Gate Reverse Current VDS = 0, VGS = 30 Vdc VDS = 0, VGS = 15 Vdc Drain Current VGS = 0, VDS = 5.0 Vdc Gate-Source Cutoff Voltage VDS = 5.0 V, ID = 1.0 Adc Magnitude of Small-Signal, Common-Source Short-Circuit Forward Transfer Admittance VGS = 0, VDS = 5.0 Vdc, f = 1.0 kHz Small-Signal, Common-Source Short-Circuit Input Capacitance VGS = 0, VDS = 5.0 Vdc, f = 1.0 MHz Common-Source Spot Noise Figure VGS = 0, VDS = 5.0 Vdc, f = 1.0 kHz BW = 16%, RG = 1.0 megohms, egen = 1.82 mVdc, RL = 220 V(BR)GSS IGSS
Min.
30
Max.
Units
Vdc
30 22.5 -2.0 0.75 -10.0 6.0
Adc
IDDSS VGS(off) Yfs2 Ciss
mAdc Vdc mho pF
2,000
6,250 10
NF
3.0
dB
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of MIL-PRF-19500296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X