Part Number Hot Search : 
NTE8108 1N60C3 SSM24APT 4000V RF9130 14N50 0G107 2N2757
Product Description
Full Text Search
 

To Download M53230400CB0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
DRAM MODULE
M53230400CW0/CB0 & M53230410CW0/CB0 EDO Mode 4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
GENERAL DESCRIPTION
The Samsung M5323040(1)0C is a 4Mx32bits Dynamic RAM high density memory module. The Samsung M5323040(1)0C consists of eight CMOS 4Mx4bits DRAMs in 24-pin SOJ package mounted on a 72-pin glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is mounted on the printed circuit board for each DRAM. The M5323040(1)0C is a Single In-line Memory Module with edge connections and is intended for mounting into 72 pin edge connector sockets.
M53230400CW0/CB0 M53230410CW0/CB0
FEATURES
* Part Identification - M53230400CW0-C(4096 cycles/64ms Ref, SOJ, Solder) - M53230400CB0-C(4096 cycles/64ms Ref, SOJ, Gold) - M53230410CW0-C(2048 cycles/32ms Ref, SOJ, Solder) - M53230410CB0-C(2048 cycles/32ms Ref, SOJ, Gold) * Extended Data Out * CAS-before-RAS refresh capability * RAS-only and Hidden refresh capability * TTL compatible inputs and outputs * Single +5V10% power supply * 1st Gen. JEDEC standard PDPin & pinout * PCB : Height(1000mil), single sided component
PERFORMANCE RANGE
Speed -50 -60
tRAC
50ns 60ns
tCAC
13ns 15ns
tRC
90ns 110ns
tHPC
25ns 30ns
PIN CONFIGURATIONS
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 Symbol VSS DQ0 DQ16 DQ1 DQ17 DQ2 DQ18 DQ3 DQ19 Vcc NC A0 A1 A2 A3 A4 A5 A6 A10 DQ4 DQ20 DQ5 DQ21 DQ6 DQ22 DQ7 DQ23 A7 A11 Vcc A8 A9 Res(RAS1) RAS0 NC NC Pin 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 Symbol NC NC VSS CAS0 CAS2 CAS3 CAS1 RAS0 Res(RAS1) NC W NC DQ8 DQ24 DQ9 DQ25 DQ10 DQ26 DQ11 DQ27 DQ12 DQ28 VCC DQ29 DQ13 DQ30 DQ14 DQ31 DQ15 NC PD1 PD2 PD3 PD4 NC Vss
PIN NAMES
Pin Name A0 - A11 Function Address Inputs(4K Ref) Address Inputs(2K Ref) Data In/Out Read/Write Enable Row Address Strobe Column Address Strobe Presence Detect Power(+5V) Ground No Connection
.com
W RAS0
A0 - A10 DQ0 - DQ31
DataShee
CAS0 - CAS3 PD1 -PD4 Vcc Vss NC
PRESENCE DETECT PINS (Optional)
Pin PD1 PD2 PD3 PD4 50NS Vss NC Vss Vss 60NS Vss NC NC NC
* Pin connection changing available
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
* NOTE : A11 is used for only M53230400CW0/CB0 (4K ref.)
.com
DataSheet4 U .com
www..com
DRAM MODULE
FUNCTIONAL BLOCK DIAGRAM
M53230400CW0/CB0 M53230410CW0/CB0
CAS0 RAS0
DQ0 CAS DQ1 U0 RAS DQ2 A0OE W A11(A10) DQ3 DQ0 CAS DQ1 U1 RAS DQ2 A0OE W A11(A10) DQ3
DQ0-DQ3
DQ4-DQ7
CAS1
DQ0 CAS DQ1 U2 RAS DQ2 A0OE W A11(A10) DQ3 DQ0 CAS DQ1 U3 RAS DQ2 A0OE W A11(A10) DQ3
DQ8-DQ11
DQ12-DQ15
CAS2
t4U.com
DQ0 CAS DQ1 U4 RAS DQ2 A0OE W A11(A10) DQ3 .com DQ0 CAS DQ1 U5 RAS DQ2 A0OE W A11(A10) DQ3
DQ16-DQ19
DataShee
DQ20-DQ23
CAS3
DQ0 CAS U6 DQ1 RAS DQ2 A0OE W A11(A10) DQ3 DQ0 CAS DQ1 U7 RAS DQ2 A0OE W A11(A10) DQ3
DQ24-DQ27
DQ28-DQ31
W A0-A11(A10)
Vcc .1 or .22uF Capacitor for each DRAM Vss To all DRAMs
.com
DataSheet4 U .com
www..com
DRAM MODULE
ABSOLUTE MAXIMUM RATINGS *
Item Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Output Current Symbol VIN, VOUT VCC Tstg Pd IOS
M53230400CW0/CB0 M53230410CW0/CB0
Rating -1 to +7.0 -1 to +7.0 -55 to +150 8 50 Unit V V C W mA
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70C)
Item Supply Voltage Ground Input High Voltage Input Low Voltage *1 : VCC+2.0V/20ns, Pulse width is measured at VCC. *2 : -2.0V/20ns, Pulse width is measured at VSS. Symbol VCC VSS VIH VIL Min 4.5 0 2.4 -1.0*2 Typ 5.0 0 Max 5.5 0 VCC+1*1 0.8 Unit V V V V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
Symbol ICC1 Speed -50 -60 Dont care -50 -60 -50 -60 Dont care -50 -60 Dont care Dont care M53230400CW0/CB0 Min
-
M53230410CW0/CB0 Min
-
Max 720 640
Max 880 800 16 880 800 720 640 8 880 800 40 5 0.4
Unit mA mA mA mA mA mA mA mA mA mA uA uA V V
t4U.com
ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL
-40 -5 2.4 -
.com 16
720 640 640 560 8 720 640 40 5 0.4
-
DataShee
-
-40 -5 2.4 -
ICC1 ICC2 ICC3 ICC4 ICC5 ICC6 II(L) IO(L) VOH VOL
: Operating Current * (RAS, CAS, Address cycling @tRC=min) : Standby Current (RAS=CAS=W=VIH) : RAS Only Refresh Current * (CAS=VIH, RAS cycling @tRC=min) : EDO Mode Current * (RAS=VIL, CAS Address cycling : tHPC=min) : Standby Current (RAS=CAS=W=Vcc-0.2V) : CAS-Before-RAS Refresh Current * (RAS and CAS cycling @tRC=min) : Input Leakage Current (Any input 0VINVcc+0.5V, all other pins not under test=0 V) : Output Leakage Current(Data Out is disabled, 0VVOUTVcc) : Output High Voltage Level (IOH = -5mA) : Output Low Voltage Level (IOL = 4.2mA)
* NOTE : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open. ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4, address can be changed maximum once within one EDO mode cycle, tHPC.
.com
DataSheet4 U .com
www..com
DRAM MODULE
CAPACITANCE (TA = 25C, VCC=5V, f = 1MHz)
Item Input capacitance[A0-A11(A10)] Input capacitance[W] Input capacitance[RAS0] Input capacitance[CAS0 - CAS3] Input/Output capacitance[DQ0-31] Symbol CIN1 CIN2 CIN3 CIN4 CDQ1 Min
-
M53230400CW0/CB0 M53230410CW0/CB0
Max 55 70 70 30 20 Unit pF pF pF pF pF
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, output loading CL=100pF Parameter Random read or write cycle time Access time from RAS Access time from CAS Access time from column address CAS to output in Low-Z Output buffer turn-off delay from CAS Transition time(rise and fall) RAS precharge time RAS pulse width RAS hold time CAS hold time CAS pulse width t4U.com RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time Row address set-up time Row address hold time Column address set-up time Column address hold time Column address to RAS lead time Read command set-up time Read command hold time referenced to CAS Read command hold time referenced to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data-in set-up time Data-in hold time Refresh period (4K Ref) Refresh period (2K Ref) Write command set-up time CAS setup time(CAS-before-RAS refresh) CAS hold time(CAS-before-RAS refresh) RAS to CAS precharge time Symbol -50 Min Max Min 110 60 15 30 3 3 2 40 60 15 45 10 20 15 5 0 10 0 10 30 0 0 0 10 10 15 10 0 10 64 32 0 5 10 5 10K 45 30 10K 15 50 -60 Max Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns ns 7 9 9 8 8 13 4 10 3,4,10 3,4,5 3,10 3 6,11,12 2 Note
90 tRC 50 tRAC 13 tCAC 25 tAA 3 tCLZ 3 13 tCEZ 2 50 tT 30 tRP 50 10K tRAS 13 tRSH 38 tCSH 8 tCAS .com10K 20 37 tRCD 15 25 tRAD 5 tCRP 0 tASR 10 tRAH 0 tASC 8 tCAH 25 tRAL 0 tRCS 0 tRCH 0 tRRH 10 tWCH 10 tWP 13 tRWL 8 tCWL 0 tDS 8 tDH 64 tREF 32 tREF 0 tWCS 5 tCSR 10 tCHR 5 tRPC
DataShee
.com
DataSheet4 U .com
www..com
DRAM MODULE
AC CHARACTERISTICS (0CTA70C, VCC=5.0V10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, output loading CL=100pF Parameter CAS precharge time (C-B-R counter test) Access time from CAS precharge Hyper page mode cycle time CAS precharge time(Hyper page cycle) RAS pulse width(Hyper page cycle) RAS hold time from CAS precharge W to RAS precharge time(C-B-R refresh) W to RAS hold time(C-B-R refresh) Output data hold time Output buffer turn off delay from RAS Output buffer turn off delay from W W to data delay W pulse width (Hyper Page Cycle) Symbol -50 Min 20 30 25 8 50 30 10 10 5 3 3 15 5 13 13 200K 30 10 60 35 10 10 5 3 3 15 5 Max
M53230400CW0/CB0 M53230410CW0/CB0
-60 Min 20 35 Max
Unit ns ns ns ns
Note
tCPT tCPA tHPC tCP tRASP tRHCP tWRP tWRH tDOH tREZ tWEZ tWED tWPE
3 13
200K
ns ns ns ns ns
15 15
ns ns ns ns
7,11,12 7,11
NOTES
1. An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before proper device operation is achieved. 8. Either tRCH or tRRH must be satisfied for a read cycle.
t4U.com
.com
2. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between VIH(min) and VIL(max) and are assumed to be 5ns for all inputs. 3. Measured with a load equivalent to 2 TTL loads and 100pF. 4. Operation within the tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only. If tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC. 5. Assumes that tRCDtRCD(max). 6. This parameter defines the time at which the output achieves the open circuit condition and is not referenced to VOH or VOL. 7. tWCS is non-restrictive operating parameter. It is included in the data sheet as electrical characteristics only. If tWCStWCS(min), the cycle is an early write cycle and the data out pin will remain high impedance for the duration of the cycle.
9. These parameter are referenced to the CAS leading edge in early write cycles and to the W leading edge in read-write DataShee cycles.
10. Operation within the tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as reference point only. If tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA. 11. tCEZ(max), tREZ(max), tWEZ(max) and tOEZ(max) define the time at which the output achieves the open circuit condition and are not referenced to output voltage level. 12. If RAS goes to high before CAS high going, the open circuit condtion of the output is achieved by CAS high going. If CAS goes to high before RAS high going, the open circuit condtion of the output is achieved by RAS high going. 13. tASCtCP min
.com
DataSheet 4 U .com
www..com
DRAM MODULE
READ CYCLE
M53230400CW0/CB0 M53230410CW0/CB0
tRC tRAS
RAS VIH VIL -
tRP
tCRP
CAS VIH VIL -
tCSH tRCD tRSH tCAS
tCRP
tRAD tASR
A VIH VIL -
tRAH
tASC
tRAL tCAH
COLUMN ADDRESS
ROW ADDRESS
tRCS
W VIH VIL -
tRCH tRRH
tAA tCEZ
tWEZ
t4U.com
DQ VOH VOL -
.com tCLZ
tRAC OPEN
tCAC
tREZ
DATA-OUT
DataShee
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
M53230400CW0/CB0 M53230410CW0/CB0
tRC tRAS
RAS VIH VIL -
tRP
tCSH tCRP
CAS VIH VIL -
tRCD tRAD
tRSH tCAS
tCRP
tASR
A VIH VIL -
tRAH
tASC
tRAL tCAH
COLUMN ADDRESS
ROW ADDRESS
tCWL tRWL tWCS
W VIH VIL -
tWCH tWP
t4U.com
DQ VIH VIL -
tDS
.com
tDH
DATA-IN
DataShee
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
HYPER PAGE READ CYCLE
M53230400CW0/CB0 M53230410CW0/CB0
tRASP
RAS VIH VIL o
tRP
tCSH tCRP
CAS VIH VIL -
tRHCP tHPC tCP tHPC tCAS tCP tHPC tCAS tCP tCAS
tRCD tCAS tRAD
tASR
A VIH VIL -
tRAH tASC
ROW ADDR
tCAH
tASC
tCAH
tASC
tCAH
COLUMN ADDR
tASC
tCAH
tREZ
COLUMN ADDRESS
COLUMN ADDRESS
COLUMN ADDRESS
tRRH tRCS
W VIH VIL -
tRCH tCPA tCAC tAA
t4U.com
tAA tCAC tRAC
DQ VOH VOL -
tCAC tAA tAA .com tCPA tCPA tDOH
VALID DATA-OUT
tCAC
DataShee
tDOH
VALID DATA-OUT
tDOH
VALID DATA-OUT VALID DATA-OUT
tCLZ
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
HYPER PAGE WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
M53230400CW0/CB0 M53230410CW0/CB0
tRASP
RAS VIH VIL o
tRP tRHCP
tCRP
CAS VIH VIL -
tHPC tRCD tCAS tRAD tCSH tASC tCP tCAS
o
tHPC tCP
tRSH tCAS
tASR
A VIH VIL -
tRAH
tCAH
tASC
tCAH
o o
tASC
tCAH
ROW ADDR.
COLUMN ADDRESS
COLUMN ADDRESS
COLUMN ADDRESS
tWCS
W VIH VIL -
tWCH
tWCS
tWCH tWP tCWL
o
tWCS
tWCH tWP tCWL tRWL
tWP tCWL
t4U.com
tDS
DQ VIH VIL -
.com
tDH
VALID DATA-IN
DataShee
tDS
tDH
o
VALID DATA-IN
tDS
tDH
o
VALID DATA-IN
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
RAS - ONLY REFRESH CYCLE*
NOTE : W, OE, DIN = Don't care DOUT = OPEN tRC
RAS VIH VIL -
M53230400CW0/CB0 M53230410CW0/CB0
tRP
tRAS tCRP tRPC tCRP
CAS
VIH VIL -
tASR
A VIH VIL -
tRAH
ROW ADDR
CAS - BEFORE - RAS REFRESH CYCLE
NOTE : OE , A = Don't care
t4U.com
RAS VIH VIL -
tRP tRPC tCP
CAS VIH VIL -
.com
tRAS
tRC
tRP
DataShee
tRPC tCSR tCHR
tWRP
W VIH VIL -
tWRH
tCEZ
DQ VOH VOL -
OPEN
Dont care Undefined
* In RAS-only refresh cycle of 64Mb A-dile & B-die, when CAS signal transits from Low to High, the valid data may be cut off.
.com
DataSheet4 U .com
www..com
DRAM MODULE
HIDDEN REFRESH CYCLE ( READ )
M53230400CW0/CB0 M53230410CW0/CB0
tRC
RAS VIH VIL -
tRP
tRC tRAS
tRP
tRAS
tCRP
CAS VIH VIL -
tRCD
tRSH
tCHR
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tRCS
W VIH VIL -
tRRH
tWRH tWRP
tAA tCAC
tCEZ tREZ tWEZ
DATA-OUT
t4U.com
DQ VOH VOL -
tCLZ .com tRAC OPEN
DataShee
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
HIDDEN REFRESH CYCLE ( WRITE )
NOTE : DOUT = OPEN
M53230400CW0/CB0 M53230410CW0/CB0
tRC
RAS VIH VIL -
tRP
tRC tRAS
tRP
tRAS tCRP
tRCD
tRSH
tCHR
CAS
VIH VIL -
tRAD tASR
A VIH VIL -
tRAH
tASC
tCAH
COLUMN ADDRESS
ROW ADDRESS
tWCS
W VIH VIL -
tWRP tWCH tWP
tWRH
tDS
tDH
t4U.com
DQ
VIH VIL -
.com DATA-IN
DataShee
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
M53230400CW0/CB0 M53230410CW0/CB0
tRP
RAS VIH VIL VIH VIL -
tRAS tCPT tCHR tRSH tCAS tRAL tASC tCAH
tCSR
CAS
A
VIH VIL -
COLUMN ADDRESS
READ CYCLE
W VIH VIL -
tWRP
tWRH
tRCS
tAA tCAC
tRRH tRCH
tWEZ tCLZ
DATA-OUT
tCEZ tREZ
DQ
VOH VOL -
WRITE CYCLE
t4U.com
W VIH VIL -
tWRP
tWRH
tRWL
.com tWCS
tCWL tWCH tWP
DataShee
tDS
DQ VIH VIL -
tDH
DATA-IN
Dont care Undefined
NOTE : This timing diagram is applied to all devices besides 64M DRAM based modules.
.com
DataSheet4 U .com
www..com
DRAM MODULE
CAS - BEFORE - RAS SELF REFRESH CYCLE
NOTE : OE, A = Dont care
M53230400CW0/CB0 M53230410CW0/CB0
tRP
RAS VIH VIL -
tRASS
tRPS
tRPC tCP tCSR tCHS
tRPC
CAS
VIH VIL -
tCEZ
DQ VOH VOL -
OPEN
W
VIH VIL -
tWRP
tWRH
t4U.com
TEST MODE IN CYCLE
NOTE : OE , A = Dont care
.com
DataShee
tRC
tRP
RAS VIH VIL -
tRP
tRAS tRPC tCP tCSR tCHR tRPC
CAS
VIH VIL -
tWTS
W VIH VIL -
tWTH
tCEZ
DQ VOH VOL -
OPEN
Dont care Undefined
.com
DataSheet4 U .com
www..com
DRAM MODULE
PACKAGE DIMENSIONS
M53230400CW0/CB0 M53230410CW0/CB0
Units : Inches (millimeters)
4.250(107.95) 3.984(101.19) .133(3.38) R.062(1.57) .125 DIA.002(3.18.051)
.400(10.16) 1.00(25.40) .250(6.35)
.080(2.03) .250(6.35)
.250(6.35) 3.750(95.25)
R.062.004(R1.57.10)
.125(3.17) MIN
( Front view )
t4U.com
.com
( Back view )
Gold & Solder Plating Lead
.200(5.08) MAX
.010(.25)MAX
.100(2.54) MIN
.050(1.27)
.041.004(1.04.10)
.054(1.37) .047(1.19)
Tolerances : .005(.13) unless otherwise specified NOTE : The used device are 4Mx4 EDO DRAM (SOJ & 300mil) DRAM Part No. : M53230400CW0/CB0 -- K4E170411C-B(300 mil) M53230410CW0/CB0 -- K4E160411C-B(300 mil) Revision History Rev 0.0 : Oct. 1999
.com
DataSheet4 U .com


▲Up To Search▲   

 
Price & Availability of M53230400CB0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X