Part Number Hot Search : 
XMEGA AO3407A MA2Z357 70N1T 1D445 100DAM9 2SD1980 HIN208CP
Product Description
Full Text Search
 

To Download IXDA20N120AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Voltage IGBT
IXDA 20N120 AS VCES = 1200 V = 34 A IC25 VCE(sat) typ = 2.8 V
Short Circuit SOA Capability Square RBSOA
C
TO-263 AB
G E C (TAB)
Preliminary Data
G
E
E = Emitter, G = Gate , C (TAB) = Collector
Symbol VCES VCGR VGES VGEM IC25 IC90 ICM RBSOA tSC (SCSOA) PC TJ
Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 20 kW Continuous Transient TC = 25C TC = 90C TC = 90C, tp = 1 ms VGE = 15 V, TJ = 125C, RG = 68 W Clamped inductive load, L = 30 H VGE = 15 V, VCE = VCES, TJ = 125C RG = 68 W, non repetitive TC = 25C IGBT
Maximum Ratings 1200 1200 20 30 34 21 42 ICM = 35 VCEK < VCES 10 200 -55 ... +150 -55 ... +150 2 V V V V A A A A s W
Features
q q q q q q
q q
NPT IGBT technology high switching speed low tail current no latch up short circuit capability positive temperature coefficient for easy paralleling MOS input, voltage controlled International standard package
Advantages
q q
Space savings High power density
Typical Applications C
q
www..com Tstg
C g
q q q q
Weight
AC motor speed control DC servo and robot drives DC choppers Uninteruptible power supplies (UPS) Switch-mode and resonant-mode power supplies
Symbol
Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1200 4.5 0.8 6.5 V V
V(BR)CES VGE(th) ICES IGES VCE(sat)
VGE = 0 V IC = 0.6 mA, VCE = VGE VCE = VCES TJ = 25C TJ = 125C
0.8 mA mA 500 nA
VCE = 0 V, VGE = 20 V IC = 20 A, VGE = 15 V 2.8
3.4
V
(c) 2000 IXYS All rights reserved
1-4
021
IXDA 20N120 AS
Symbol Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1000 VCE = 25 V, VGE = 0 V, f = 1 MHz IC = 20 A, VGE = 15 V, VCE = 0.5 VCES 150 70 70 60 Inductive load, TJ = 125C IC = 20 A, VGE = 15 V, VCE = 600 V, RG = 68 W 60 400 50 3.5 2.1 pF pF pF nC ns ns ns ns mJ mJ 0.63 K/W
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 8.00 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.89 Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .315 .190 .110 .039 .055 .029 .055 .380 .350 1. 2. 3. 4. Gate Collector Emitter Collector Botton Side
TO-263 AB
Cies Coes Cres Qg td(on) tr td(off) tf Eon Eoff RthJC
9.65 10.29 6.22 8.13 2.54 BSC 14.61 2.29 1.02 1.27 0 0.46 15.88 2.79 1.40 1.78 0.20 0.74
.380 .405 .245 .320 .100 BSC .575 .090 .040 .050 0 .018 .625 .110 .055 .070 .008 .029
www..com
(c) 2000 IXYS All rights reserved
2-4
IXDA 20N120 AS
40 35 A
IC
TJ = 25C
VGE=17V 15V 13V 11V
40 A 35 IC 30 25 20 15
9V TJ = 125C VGE=17V 15V 13V
30 25 20 15 10 5 0 0 1 2
VCE
11V
9V
10 5 0
3
V
4
0
1
2
3
VCE
4
V
5
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
40 35 A
IC
VCE = 20V TJ = 25C
40 A 35 IF 30 25 20 15 10 5
TJ = 125C TJ = 25C
30 25 20 15 10 5 0 5 6 7 8 9 10
VGE
11 V
0 1.0
1.5
2.0
2.5 VF
3.0 V
Fig. 3 Typ. transfer characteristics
www..com
Fig. 4 Typ. forward characteristics of free wheeling diode
30
A IRM
trr
20 V VCE = 600V
IC = 25A
900
ns trr
VGE 15
20
TJ = 125C VR = 600V IF = 20A
600
10 10 5
IRM
300
IXDH20N120AU1
0 0 10 20 30 40 50 60 70
QG
0 80 nC 0 100 200
0
300 A/ms 400 -di/dt
Fig. 4 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of free wheeling diode
(c) 2000 IXYS All rights reserved
3-4
IXDA 20N120 AS
7 6 mJ
Eon
140 ns 120 100 td(on) tr Eon 80
VCE = 600V VGE = 15V 60 RG = 68W TJ = 125C 40
5
mJ Eoff
td(off) Eoff
500 ns 400 t 300
4 3 2 1
5 4 3 2 1 0 0 10 20
IC
t
VCE = 600V VGE = 15V
200 RG = 68W TJ = 125C 100 tf 0 40
20 A 0 40
0
0 10 20 IC 30 A
30
Fig. 5 Typ. turn on energy and switching times versus collector current
12
mJ Eon 240 td(on) tr 160 Eon ns t Eoff
Fig. 6 Typ. turn off energy and switching times versus collector current
4
mJ
VCE = 600V VGE = 15V IC = 20A TJ = 125C
8
VCE = 600V VGE = 15V IC = 20A TJ = 125C
Eoff td(off)
1600 ns 1200 t
3
2 4
80
800
1
tf
400
0 0 50 100 150 200 250
RG
300
W
0 350
0 0 50 100 150 200 250
RG
300
W 350
0
www..com
Fig. 7 Typ. turn on energy and switching times versus gate resistor
Fig. 8 Typ. turn off energy and switching times versus gate resistor
40
A 35 ICM
10 K/W 1 ZthJC
RG = 68W TJ = 125C VCEK < VCES
30 25 20 15 10 5 0 0 200 400 600 800 1000 1200 V VCE
0.1 0.01 0.001
diode
IGBT
single pulse
IXDH20N120AU1
0.0001 0.00001 0.0001
0.001
0.01 t
0.1
s
1
Fig. 9 Reverse biased safe operating area RBSOA
Fig. 10 Typ. transient thermal impedance
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of IXDA20N120AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X