Part Number Hot Search : 
CD6322C SF161 UPD703 HD7279A 2SK1535 MLL961A MS6334TR RTL8305S
Product Description
Full Text Search
 

To Download IS201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
IS201, IS202, IS203, IS204, ISD201, ISD202, ISD203, ISD204, ISQ201, ISQ202, ISQ203, ISQ204
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS
l
IS201 IS202 IS203 IS204
1.2
2.54 7.0 6.0 1 2 3
Dimensions in mm 6 5 4
VDE 0884 in 3 available lead form : - STD - G form
- SMD approved to CECC 00802
l
IS20* Certified to EN60950 by the following Test Bodies :Nemko - Certificate No. P01102464 Fimko - Certificate No. FI18166 Semko - Reference No. 0202037/01-22 Demko - Certificate No. 311158-01
7.62 6.62
7.62 4.0 3.0 0.5 13 Max 0.26
BSI approved - Certificate No. 8001 DESCRIPTION The IS20*, ISD20*, ISQ20* series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.
l
ISD201 ISD202 ISD203 ISD204
3.0 0.5 2.54 1 7.0 6.0 2 3 4 10.16 9.16 7.62 4.0 3.0 0.5 3.35
8 7 6 5
1.2
FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l High BVCEO (70V min) l All electrical parameter 100% tested l Custom electrical selections available APPLICATIONS l Computer terminals l Industrial systems controllers l Signal transmission between systems of different potentials and impedances
OPTION SM
SURFACE MOUNT OPTION G
3.0
13 Max 0.26 1 2 3 4 5 7.0 6.0 6 7 8 7.62 4.0 3.0 0.5 13 Max 0.26 16 15 14 13 12 11 10 9
ISQ201 ISQ202 ISQ203 ISQ204
2.54
0.5
3.35
7.62
1.2 20.32 19.32
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16 3.0 0.5 3.35
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
12/3/03
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB91021m-AAS/A4
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -40C to + 125C Operating Temperature -25C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation 50mA 6V 70mW
OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION Total Power Dissipation 170mW (derate linearly 2.67mW/C above 25C) ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Output Collector-emitter Breakdown (BVCEO) ( Note 2 ) Emitter-collector Breakdown (BVECO) Collector-emitter Dark Current (ICEO) Current Transfer Ratio (CTR) (Note 2) IS201, ISD201, ISQ201 IS201, ISD201, ISQ201 IS202, ISD202, ISQ202 IS202, ISD202, ISQ202 IS203, ISD203, ISQ203 IS203, ISD203, ISQ203 IS204, ISD204, ISQ204 IS204, ISD204, ISQ204 Collector-emitter Saturation Voltage VCE(SAT) Input to Output Isolation Voltage VISO Input-output Isolation Resistance RISO Output Turn on Time tON Output Turn off Time tOFF 70 6 50 MIN TYP MAX UNITS 1.2 1.65 10 V
A
70V 6V 150mW
TEST CONDITION IF = 50mA VR = 4V IC = 1mA IE = 100A VCE = 10V 10mA IF , 10V VCE 1mA IF , 10V VCE 10mA IF , 10V VCE 1mA IF , 10V VCE 10mA IF , 10V VCE 1mA IF , 10V VCE 10mA IF , 10V VCE 1mA IF , 10V VCE 10mA IF , 2mA IC See note 1 See note 1 VIO = 500V (note 1) IF = 10mA VCE = 5V, RL = 75
V V nA
Coupled
75 10 125 30 225 50 200 100 0.2 5300 7500 5x1010 3.0 2.5
250 450 400 0.4
% % % % % % % % V VRMS VPK s s
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
12/3/03
DB91021m-AAS/A4
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation PC (mW) Relative current transfer ratio 1.5
Relative Current Transfer Ratio vs. Ambient Temperature
150
IF = 10mA VCE = 10V
1.0
100
0.5
50
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60 Relative current transfer ratio 50 Forward current IF (mA) 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C )
12/3/03
0 -30 0 25 50 75 100
Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5
IF = 1mA VCE = 10V
1.0
0.5
0 -30 0 25 50 75 100 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Forward Current 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 2 5 10 20 50 Forward current IF (mA)
DB91021m-AAS/A4
Collector-emitter saturation voltage VCE(SAT) (V)
Relative current transfer ratio
IF = 10mA IC = 2mA
VCE = 10V TA = 25C


▲Up To Search▲   

 
Price & Availability of IS201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X