Part Number Hot Search : 
NX2016AA HTCM366 1N4746AP MC3062 DSS12 SR2040 ESR0604 AWT6251
Product Description
Full Text Search
 

To Download IS201-63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
IS201-63 IS201X63
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
APPROVALS l UL recognised, File No. E91231 'X' SPECIFICATION APPROVALS VDE 0884 in 3 available lead forms : l - STD - G form - SMD approved to CECC 00802 l Certified to EN60950 by the following Test Bodies :Nemko - Certificate No. P96101299 Fimko - Registration No. 190469-01..22 Semko - Reference No. 9620076 01 Demko - Reference No. 305567 DESCRIPTION The IS201-63 optically coupled isolator consists of an infrared light emitting diode and a NPN silicon photo transistor in a standard 6 pin dual in line plastic package. FEATURES l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High BVCEO (70V min) l High Isolation Voltage (3.75kVRMS) l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS l DC motor controllers l Industrial systems controllers l Measuring instruments l Signal transmission between systems of different potentials and impedances
OPTION SM
SURFACE MOUNT OPTION G
2.54 7.0 6.0 1.2 7.62 6.62
Dimensions in mm 1 2 3 6 5 4
7.62 4.0 3.0 0.5 13 Max 0.26
3.0 0.5 3.35
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 150C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Reverse Voltage Power Dissipation OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Collector-base Voltage BVCBO Emitter-collector Voltage BVECO Power Dissipation POWER DISSIPATION 70V 70V 6V 160mW 60mA 6V 105mW
7.62
1.2 0.6 10.2 9.5
1.4 0.9
0.26 10.16
Total Power Dissipation 200mW (derate linearly 2.67mW/C above 25C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
9/6/97
ISOCOM INC 720 E., Park Boulevard, Suite 104, Plano, TX 75074 USA Tel: (972) 423-5521 Fax: (972) 422-4549
DB92521-AAS/A1
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Voltage (VR) Reverse Current (IR) Collector-emitter Breakdown (BVCEO) ( note 2 ) Collector-base Breakdown (BVCBO) Emitter-collector Breakdown (BVECO) Collector-emitter Dark Current (ICEO) Current Transfer Ratio (CTR) Collector-emitter Saturation VoltageVCE(SAT) Input to Output Isolation Voltage VISO 3750 Input-output Isolation Resistance RISO 5x1010 Turn-on Time Turn-off Time ton toff 3.0 5 MIN TYP MAX UNITS 1.2 6 10 70 70 6 50 1.65 V V A V V V nA TEST CONDITION IF = 60mA IR = 10A VR = 6V IC = 1mA IC = 100A IE = 100A VCE = 10V 10mA IF , 10V VCE 1mA IF , 10V VCE 10mA IF , 2mA I C See note 1 VIO = 500V (note 1) VCE = 5V , IF= 2mA, RL = 75 ( FIG 1)
Output
Coupled
75 10 0.4
% % V VRMS s s
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
VCC Input RL = 75 Output Output 10% tr tf ton toff
10%
90%
90%
FIG 1
9/6/97
DB92521-AAS/A1
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation PC (mW) Relative current transfer ratio 1.5
Relative Current Transfer Ratio vs. Ambient Temperature
150
IF = 10mA VCE = 10V
1.0
100
0.5
50
0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60 Relative current transfer ratio 50 Forward current IF (mA) 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C )
9/6/97
0 -30 0 25 50 75 100 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5
IF = 1mA VCE = 10V
1.0
0.5
0 -30 0 25 50 75 100 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Forward Current 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 2 5 10 20 50 Forward current IF (mA)
DB92521-AAS/A1
Collector-emitter saturation voltage VCE(SAT) (V)
Relative current transfer ratio
IF = 10mA IC = 2mA
VCE = 10V TA = 25C


▲Up To Search▲   

 
Price & Availability of IS201-63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X