Part Number Hot Search : 
HD74LV 90160 013TR 9F002 80N06 2SB14 MC10E XFADSL16
Product Description
Full Text Search
 

To Download IFN424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B-42
01/99
IFN424, IFN425, IFN426
Dual N-Channel Silicon Junction Field-Effect Transistor www..com
Very High Impedance Differential Amplifiers Electrometers
Absolute maximum ratings at TA = 25C
Device Dissapation (Derate 3.2 mW/C to 50C) Total Device Dissipation (Derate 6 mW/C to 150 C) Storage Temperature Range
400 mW 750 mW - 60 C to 200 C
At 25C free air temperature: Static Electrical Characteristics Gate Source Breakdown Voltage Gate to Gate Breakdown Voltage Gate Reverse Current Gate Operating Current Gate Source Cutoff Voltage Gate Source Voltage Drain Saturation Current (Pulsed) Dynamic Electrical Characteristics
Common Source Forward Transconductance gfs
IFN424, IFN425, IFN426 Min V(BR)GSS BVG1G2 IGSS IG VGS(OFF) VGS IDSS 60 1800 - 0.4 - 40 40 -3 -3 - 0.5 - 500 -3 - 2.9 Typ - 60 Max Unit V V pA nA pA pA V V A
Process NJ01 Test Conditions IG = - 1 A, VDS = OV IG = - 1 A, ID = OA, IS = OA VGS = - 20V, VDS = OV VGS = - 20V, VDS = OV VDS = 10V, ID = 30 A VDS = 10V, ID = 30 A VDS = 10V, ID = 1 nA VDS = 10V, ID = 30 A VDS = 10V, VGS = O V TA = +125C TA = +125C
100
1500 3 3 1.5 20 70 1
S S pF pF
nV/Hz
VDS = 10V, VGS = O V VDS = 10V, ID = 30 A VDS = 10V, VGS = O V VDS = 10V, VGS = O V VDS = 10V, ID = 30 A VDS = 10V, ID = 30 A RG = 1 M
f = 1 kHz f = 1 kHz f = 1 MHz f = 1 MHz f = 10 Hz f = 10 Hz
Common Source Output Conductance Common Source Input Capacitance
Equivalent Short Circuit Input Noise Voltage
gos Ciss eN NF
Common Source Reverse Transfer Capacitance Crss
Noise Figure
dB
Max - IFN424 IFN425 IFN426 Differential Gate Source Voltage Differential Gate Source Voltage With Temperature
|VGS1- VGS2| |VGS1- VGS2|
10 10
15 25
25 40
mV V/C
VDG = 10V, ID = 30 A VDG = 10V, ID = 30 A TA = - 55C TB = 25C TC = 125C
T
Min - IFN424 IFN425 IFN426 Common Mode Rejection Ratio CMRR 90 80 80 dB VDG = 10V to 20V, ID = 30 A
TO78 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source 1, 2 Drain 1, 3 Gate 1, 4 Case, 5 Source 2, 6 Drain 2, 7 Gate 2, 8 Omitted
1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375
www.interfet.com


▲Up To Search▲   

 
Price & Availability of IFN424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X