Part Number Hot Search : 
Z5250 LM3S6965 XR2128 D1409 LM3S6965 CCF6086 YD3843 IRF3717
Product Description
Full Text Search
 

To Download IC136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IC136 Series
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Soldering Specifications: Mating Cycles:
DIP (SMT)
Part Number (Details)
1,000M9 min. at 500 V DC 700VAC for 1 minute 20m9 max. at 10mA / 20m V 215C VPS for 2 minutes max. 200C ~ 250C IR for 1 minute max. 20 insertions
IC136
Series No.
-
32 06 - S 6 *
No. of Contact Pins Row Space 06 = 0.6 inch Plating of Contact S = Tin Lead Terminal Style Unmarked: With Tab (additional solder clip) B: Without Tab
Materials and Finish
Housing: Polyphenylenesulphide (PPS), UL94V-0 Contact: Phosphor Bronze Tin-lead Plating
Features
DIL socket with SMT type terminals Outstanding contacts for easy VPS and flux removal
Part Number
IC136-1603-S6 IC136-1603-S6B IC136-2403-S6 IC136-2403-S6B IC136-2806-S6 IC136-2806-S6B IC136-3206-S6 IC136-3206-S6B IC136-4006-S6 IC136-4006-S6B
a
View A
i i


Applicable Dimensions (Reference Only)
Outline Socket Dimensions Contact Position Detail
Recommended PCB Layout
Top View from Socket
View A
Pin Count
16 16 24 24 28 28 32 32 40 40
A
20.18 20.18 30.34 30.34 35.42 35.42 40.50 40.50 50.66 50.66
B
17.78 17.78 27.94 27.94 33.02 33.02 38.10 38.10 48.26 48.26
C
10.02 10.02 10.02 10.02 17.64 17.64 17.64 17.64 17.64 17.64
D
8.22 8.22 8.22 8.22 15.84 15.84 15.84 15.84 15.84 15.84
E
8.28 - 18.44 - 23.52 - 28.60 38.76 -
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of IC136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X