Part Number Hot Search : 
2SC398 FAS216U IRN50 HMBT6427 ITR8403 1600B FFCR55S0 VB326
Product Description
Full Text Search
 

To Download HTVX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com www..com
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS 5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
ABSOLU TE MAX IMUM RATING S
PARAMETER Storage Temperature Supply Voltage Control Voltage UNITS MINIMUM -40 (Vcc) (Vc) -0.5 -0.5 NOMINAL MAXIMUM 85 7 7 UNITS C Vdc Vdc TABLE 1.0 NOTE
CW 0501 HTV2A 27.0M
MODEL SPECIFICATIONS MODEL HTV1 / HTV1A
HTV1 Frequency Range (Fo) (Fo) .110 12.8 -0.5 20 -8.0 (Fo) (Fo) .110 12.8 -1.0 0 -8.5 (Fo) (Fo) .110 12.8 -2.5 0 -10.0 (Fo) (Fo) .110 12.8 -5.0 -30 -12.5 MINIMUM -2.5 -2.0 -5.0 (Vcc) (Icc) 4.75 MINIMUM (Vc) 0.5 8 -15 10k NOMINAL 5.0 15 -70 -100 -125 -135 -145 NOMINAL 2.5 12.7999 60 0.5 40 8.0 12.7999 60 1.0 50 8.5 12.7999 60 2.5 70 10.0 12.7999 60 5.0 70 12.5 MAXIMUM 2.5 2.0 5.0 5.25 35 5 1 MAXIMUM 4.5 35 15 MHz MHz ppm C ppm MHz MHz ppm C ppm MHz MHz ppm C ppm MHz MHz ppm C ppm UNITS ppm ppm ppm Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz UNITS Vdc ppm % Ohm HTV1A - Frequency Range Frequency Stability vs. Change in Temperature Operating Temperature Range Total Frequency Tolerance
HTVX-Series HTVXA-Series
TABLE 2.0
DESCRIPTION
1
MODEL HTV2 / HTV2A
HTV2 Frequency Range HTV2A - Frequency Range Frequency Stability vs. Change in Temperature Operating Temperature Range Total Frequency Tolerance
1
MODEL HTV3 / HTV3A
HTV3 Frequency Range HTV3A - Frequency Range Frequency Stability vs. Change in Temperature Operating Temperature Range Total Frequency Tolerance
1
MODEL HTV4 / HTV4A
HTV4 Frequency Range HTV4A - Frequency Range Frequency Stability vs. Change in Temperature Operating Temperature Range Total Frequency Tolerance
Description: The Connor Winfield HTVSeries and the HTVXA-Series are 5.0V HCMOS, hermetically sealed, Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO). The HTV-Series and the HTVXASeries are designed for application requiring very tight frequency stability and low jitter.
FEATURES
1 TABLE 3.0 NOTE 2
OPERATING SPECIFIC ATIONS
PARAMETER Frequency Calibration @ 25C Frequency Aging First Year Frequency Aging Ten Years (Including first year) Supply Voltage Supply Current Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) Typical Phase Noise SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset SSB Phase Noise at 100KHz offset
5.0V OPERATION LOW JITTER <1ps RMS FREQUENCY STABILITY:HTV1 HTV1 / HTV1A: 0.5ppm: 20 to 40C HTV2 / HTV2A: 1.0ppm: 0 to 50C HTV3 / HTV3A: 2.5ppm: 0 to 70C HTV4 / HTV4A: 5.0ppm: -30 to 70C FREQUENCY ADJUST HERMETICALLY SEALED DIP PACKAGE
ORDERING INFORMATION
TABLE 4.0 NOTE 3
INPUT CHARACTERISTICS
PARAMETER Control Voltage Frequency Adjust Range (0.5 to 4.5V) Frequency Adjust Linearity Input Impedance
HTV2A
TCXO SERIES
- 27.0MHz
CENTER FREQUENCY
Specifications subject to change without notice. DATA SHEET #: Tx127 PAGE 1 OF 2 REV: 00 DATE: 03/11/05
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. www.conwin.com www..com
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS
HCMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage HTVX - Series Current MINIMUM 4.2 -4 -8 45 NOMINAL 4.5 MAXIMUM 15 0.4 4 8 55 5 UNITS pF Vdc Vdc mA mA mA mA % nS TABLE 5.0 NOTE (High) (Low) (High) (Low) (High) (Low) (Voh) (Vol) (Ioh) (Ioh) (Ioh) (Ioh)
-
HTVXA-Series - Current Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90%
50 3
PACKAGE CHARACTERISTICS
Package Hermetically sealed, metal package.
TABLE 6.0
Note: 1) Inclusive of calibration, frequency vs. temperature stability, supply voltage change, load change, shock and vibration, 10 years aging. 2) Frequency calibration at 25C, Vc = 2.5V, nominal Vcc, after one minute warm up tim e. 3) Positive Slope.
Pin 1 7 8 14
TABLE 7.0 Connection Control Voltage Ground Output Vcc
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
CONTROL VOLTAGE
Specifications subject to change without notice. DATA SHEET #: Tx127 PAGE 2 OF 2 REV: 00 DATE: 03/11/05
aCopyright 2001 Connor-Winfield all rights reserved.


▲Up To Search▲   

 
Price & Availability of HTVX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X