Part Number Hot Search : 
Z5221B 8050G 2SK2981 AC10BGML BAV19 1N4756 XXXKS CS4297A
Product Description
Full Text Search
 

To Download HLMP-C608-R0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-13/4 (5 mm) AlInGaP Lamps Technical Data
HLMP-Cx08 Series HLMP-Cx25 Series HLMP-Cx27 Series HLMP-C610
Features
High Intensity General Purpose Leads Popular 5 mm Diameter Available in Bulk, Tape and Reel, or Ammopack * 8 or 25 Viewing Angles * Choice of Colors: Amber or Red * * * *
* Spoiler, Car Decorative Lighting * Motorcycle/Bicycle Warning Lights
Description
The HLMP-Cx08, HLMP-Cx25, HLMP-Cx27, and HLMP-C610 series are 5 mm lamps specially designed for applications requiring very high on-axis intensity that is not achievable with a standard lamp. These devices are capable of producing light output over a wide range of drive currents. Built using AlInGaP technology, they are well suited for typical 5 mm TS-AlGaAs lamp applica-
Applications
Indoor/Outdoor Applications Small Store-front Signs Message Panels Road Construction Barrier Lights * Center High Mount Stop Lights * * * *
tions, and have significantly SUPERIOR RELIABILITY than most TS-AlGaAs lamps in wet/ hot environments. These lamps come with clear non-diffused lens and are optically designed to yield superior light output.
Device Selection
Part Number HLMP-C008-U00xx HLMP-C208-S00xx HLMP-C608-R00xx HLMP-C610-R00xx HLMP-C025-P00xx HLMP-C225-O00xx HLMP-C625-P00xx HLMP-C027-P00xx HLMP-C627-P00xx Typical Viewing Angle[1](degrees), Standoff 2 1/2 No 8 8 8 Yes 8 No 25 25 25 Yes 25 25 Luminous Intensity, Iv (mcd) @ 20 mA Min. Typ. 2900.0 6000.0 2600.0 3000.0 1000.0 2000.0 1000.0 2000.0 500.0 1000.0 450.0 800.0 500.0 700.0 500.0 1000.0 500.0 700.0 Color Red Amber Red Red Red Amber Red Red Red Dominant Wavelength[2] 626 590 635 635 626 590 635 626 635
Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device.
2
Package Dimensions HLMP-Cx27
6.10 (0.240) 5.46 (0.215) 1.07 (0.042) 0.56 (0.022) 1.00 (0.040) MAX. EPOXY MENISCUS 1.32 (0.052) 1.02 (0.040) 0.45 SQ. NOM. (0.018)
5.21 (0.205) 4.70 (0.105) 2.54 NOM. (0.100) 13.50 (0.53) 13.30 (0.52) 25.40 MIN. (1.000) CATHODE LEAD 1.27 NOM. (0.050)
9.14 (0.360) 8.36 (0.330)
HLMP-Cx25
6.10 (0.240) 5.46 (0.215)
1.07 (0.042) 0.56 (0.022) 1.00 (0.040) MAX. EPOXY MENISCUS 1.02 (0.004) MAX. TYP. 5.21 (0.205) 4.70 (0.105) 0.45 SQ. NOM. (0.018)
2.54 NOM. (0.100)
9.14 (0.360) 8.36 (0.330)
CATHODE LEAD 1.27 NOM. (0.050) 25.40 MIN. (1.000)
HLMP-C610
6.10 (0.240) 5.46 (0.215)
0.89 (0.035) 0.64 (0.023) 1.00 (0.040) MAX. EPOXY MENISCUS 1.32 (0.052) 1.02 (0.040) 0.45 SQ. NOM. (0.018)
5.08 (0.200) 4.57 (0.100) 2.54 NOM. (0.100) 13.55 (0.533) 13.35 (0.525) 25.40 MIN. (1.00) CATHODE LEAD 1.27 NOM. (0.050)
9.19 (0.362) 8.43 (0.332)
HLMP-Cx08
6.10 (0.240) 5.46 (0.215)
0.89 (0.035) 0.64 (0.023) 1.00 (0.040) MAX. EPOXY MENISCUS 1.02 (0.004) MAX. TYP. 0.45 SQ. NOM. (0.018)
5.08 (0.200) 4.57 (0.100) 2.54 NOM. (0.100) CATHODE LEAD 1.27 NOM. (0.050) 25.40 MIN. (1.00)
9.19 (0.362) 8.43 (0.332)
3
Part Numbering System
HLMP - C x xx - x x x xx Mechanical Option 00: Bulk 02: Tape & Reel, Straight Leads DD: Ammo Pack Color Bin Options 0: Full Color Bin Distribution Maximum Iv Bin Options 0: Open (no max. limit) Minimum Iv Bin Options Please refer to the Iv Bin Table Viewing Angle & Standoff Option 08: 8 degrees, without standoff 10: 8 degrees, with standoff 25: 25 degrees, without standoff 27: 25 degrees, with standoff Color Options 0: AlInGaP Red 626 nm 2: AlInGaP Amber 590 nm 6: AlInGaP Red 635 nm
Absolute Maximum Ratings at TA=25C
Parameter Peak Forward Current Average Forward Current[1] DC Current[2] Reverse Voltage (IR = 100 A) LED Junction Temperature Operating Temperature Storage Temperature Lead Soldering Temperature [1.59 mm (0.060 in.) below seating plane] Absolute Maximum 70 30 50 5 110 -40 to +100 -40 to +120 260C for 5 seconds Units mA mA mA V C C
Notes: 1. See Figure 2 to establish pulsed operating conditions. 2. Derate linearly from 50C at 0.5 mA/C. 3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that this device be operated at peak currents above the Absolute Maximum Peak Forward Current.
4
Optical/Electrical Characteristics at TA=25C
Symbol 21/2 Parameter Device Included Angle Between Half HLMP-C008 Luminous Intensity Points[1] HLMP-C208 HLMP-C608 HLMP-C025 HLMP-C225 HLMP-C625 HLMP-C610 HLMP-C027 HLMP-C627 Dominant Wavelength[2] HLMP-C008 HLMP-C208 HLMP-C608 HLMP-C025 HLMP-C225 HLMP-C625 HLMP-C610 HLMP-C027 HLMP-C627 Peak Wavelength HLMP-C008 HLMP-C208 HLMP-C608 HLMP-C025 HLMP-C225 HLMP-C625 HLMP-C610 HLMP-C027 HLMP-C627 Spectral Line Halfwidth Speed of Response Capacitance Thermal Resistance Forward Voltage HLMP-C008 HLMP-C208 HLMP-C608 HLMP-C025 HLMP-C225 HLMP-C625 HLMP-C610 HLMP-C027 HLMP-C627 5.0 Min. Typ.[3] 8 8 8 25 25 25 8 25 25 626 590 635 626 590 635 635 626 635 635 594 650 635 594 650 650 635 650 17 20 40 260 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 1.9 2.4 2.6 2.2 2.4 2.6 2.2 2.2 2.4 2.2 Max. Units Deg. Test Conditions I F = 20 mA See Note 1
d
nm
See Note 2
PEAK
nm
Measurement at Peak
1/2 s C RJ-PIN VF
nm ns pF C/W V
VF = 0; f = 1 MHz Junction to Cathode Lead IF = 20 mA
VR
Reverse Breakdown Voltage
V
IR = 100 A
Notes: 1. 1/ 2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Typical specification for reference only. Do not exceed absolute maximum ratings.
5
1.0 C208 C225 C008 C025 C027 C608 C625 C627 C610
RELATIVE INTENSITY
0.5
0 550
600 WAVELENGTH - nm
650
700
Figure 1. Relative Intensity vs. Wavelength.
RATIO OF MAXIMUM TOLERABLE PEAK CURRENT TO MAXIMUM TOLERABLE DC CURRENT
6 5 4
CURRENT - mA
60 50 40 RED 30 20 10 AMBER
3
300 100
100
3 KH
1 KH
10 K
30 K
2
Hz
Hz
KHz
Hz
Hz
z
z
IPEAK - MAX. IDC - MAX.
1 1.0
10
100
1000
10,000
0 1.0
1.5
2.0
2.5
3.0
tp - PULSE DURATION - s
VF - FORWARD VOLTAGE - V
Figure 2. Maximum Tolerable Peak Current vs. Pulse Duration.
Figure 3. Forward Current vs. Forward Voltage.
3.0
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
60
FORWARD CURRENT (mA)
2.5 2.0 1.5 1.0 0.5 0
40
RJ-A = 780C/W
20
0
20
40
60
0
0
20
40
60
80
100
120
IF - DC FORWARD CURRENT - mA
AMBIENT TEMPERATURE (C)
Figure 4. Relative Luminous Intensity vs. Forward Current.
Figure 5. Maximum Forward DC Current vs. Ambient Temperature.
1.0 0.9
RELATIVE INTENSITY
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -25 -20 -15 -10 -5 0 5 10 15 20 25
ANGULAR DISPLACEMENT - DEGREES
Figure 6. Relative Luminous Intensity vs. Angular Displacement for HLMP-Cx08 and HLMP-Cx10.
1.0 0.9
RELATIVE INTENSITY
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGULAR DISPLACEMENT - DEGREES
Figure 7. Relative Luminous Intensity vs. Angular Displacement for HLMP-Cx25 and HLMP-Cx27.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For information on soldering LEDs, please refer to Application Note 1027.
Intensity Bin Limits
Color Bin P Q R S T U V W X Y Z O P Q R S T U V W Intensity Range (mcd) Min. Max. 540.0 850.0 850.0 1200.0 1200.0 1700.0 1700.0 2400.0 2400.0 3400.0 3400.0 4900.0 4900.0 7100.0 7100.0 10200.0 10200.0 14800.0 14800.0 21400.0 21400.0 30900.0 510.0 800.0 800.0 1250.0 1250.0 1800.0 1800.0 2900.0 2900.0 4700.0 4700.0 7200.0 7200.0 11700.0 11700.0 18000.0 18000.0 27000.0
Red
Yellow
Maximum tolerance for each bin limit is 18%.
Color Categories
Color Category # 3 2 4 6 7 Lambda (nm) Min. Max. 584.5 587.0 587.0 589.5 589.5 592.0 592.0 594.5 594.5 597.0
Amber
Tolerance for each bin limit is 0.5 nm.
Mechanical Option Matrix
Mechanical Option Code 00 02 DD Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, straight leads, minimum increment 1300 pcs/bag Ammo Pack, straight leads with minimum increment 2K/pack
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-2231EN May 30, 2003 5988-9482EN


▲Up To Search▲   

 
Price & Availability of HLMP-C608-R0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X